Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3LVD512ZFE Datasheet(PDF) 9 Page - Pericom Semiconductor Corporation

Part # PI3LVD512ZFE
Description  3.3V, 5-differential Channel LVDS Switch Targeted for 24bit Displays
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3LVD512ZFE Datasheet(HTML) 9 Page - Pericom Semiconductor Corporation

  PI3LVD512ZFE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3LVD512ZFE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3LVD512ZFE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3LVD512ZFE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3LVD512ZFE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3LVD512ZFE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3LVD512ZFE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3LVD512ZFE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3LVD512ZFE Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
PS8979B
09/16/10
PI3LVD512
3.3V, 5-differential channel LVDS
switch targeted for 24bit displays
Packaging Mechanical: 42 pin TQFN (ZH)
Notes:
•Thermalcharacteristicscanbefoundonthecompanywebsiteatwww.pericom.com/packaging/
•E=Pb-freeandGreen
•AddingXsuffix=Tape/Reel
Ordering Information
Ordering Code
Package Code
Package Description
PI3LVD512ZFE
ZFE
Pb-free&Green,56-pinTQFN
PI3LVD512ZHE
ZHE
Pb-freeandGreen,42-pinTQFN
DESCRIPTION: 42-contact Thin Fine Pitch Quad Flat No-Lead (TQFN)
PACKAGE CODE: ZH (ZH42)
DOCUMENT CONTROL #: PD-2035
REVISION: C
DATE: 02/17/09
Notes:
1. All dimensions are in millimeters, angles in degrees.
2. Coplanarity applies to the exposed thermal pad as well as the terminals.
3. Refer JEDEC MO-220
4. Recommended Land Pattern is for reference only.
5. Thermal Pad Soldering Area
09-0116
PericomSemiconductorCorporation•1-800-435-2336 • www.pericom.com
10-0185


Similar Part No. - PI3LVD512ZFE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3L100 PERICOM-PI3L100 Datasheet
74Kb / 6P
   3.3V, Wide Bandwidth Quad 2:1 Mux/Demux LanSwitch
PI3L100L PERICOM-PI3L100L Datasheet
74Kb / 6P
   3.3V, Wide Bandwidth Quad 2:1 Mux/Demux LanSwitch
PI3L100Q PERICOM-PI3L100Q Datasheet
74Kb / 6P
   3.3V, Wide Bandwidth Quad 2:1 Mux/Demux LanSwitch
PI3L110 PERICOM-PI3L110 Datasheet
396Kb / 6P
   3.3V Quad, 2:1 Mux/DeMux Fast Ethernet LAN Switch w/ Single Enable
PI3L110L PERICOM-PI3L110L Datasheet
396Kb / 6P
   3.3V Quad, 2:1 Mux/DeMux Fast Ethernet LAN Switch w/ Single Enable
More results

Similar Description - PI3LVD512ZFE

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THC36LVD827-Q THINE-THC36LVD827-Q Datasheet
941Kb / 19P
   24Bit COLOR LVDS TRANSMITTER
THC63LVDR84C THINE-THC63LVDR84C_16 Datasheet
456Kb / 15P
   24bit Color LVDS Receiver
THC63LVDM83D THINE-THC63LVDM83D_17 Datasheet
668Kb / 17P
   24bit COLOR LVDS TRANSMITTER
THC63LVDM83D THINE-THC63LVDM83D_16 Datasheet
2Mb / 18P
   24bit COLOR LVDS TRANSMITTER
logo
Crystek Corporation
CCLD-912 CRYSTEKCRYSTAL-CCLD-912 Datasheet
114Kb / 1P
   Differential LVDS Clock Oscillator 9X14 mm SMD, 3.3V, LVDS
logo
Fairchild Semiconductor
FIN1019 FAIRCHILD-FIN1019 Datasheet
1Mb / 14P
   3.3V LVDS High Speed Differential Driver/Receiver
logo
Micrel Semiconductor
SY89876L_0708 MICREL-SY89876L_0708 Datasheet
144Kb / 10P
   3.3V, 2.0GHz ANY DIFFERENTIAL IN-TO-LVDS
logo
ON Semiconductor
FIN1019 ONSEMI-FIN1019 Datasheet
1Mb / 16P
   3.3V LVDS High Speed Differential Driver/Receiver
Revised September 2001
logo
Micrel Semiconductor
SY89321L MICREL-SY89321L_08 Datasheet
48Kb / 5P
   3.3V DIFFERENTIAL LVPECL/CML/LVDS-to-LVTTL
logo
Fox Electronics
FXU-LC53 FOX-FXU-LC53 Datasheet
297Kb / 11P
   LVDS 5 x 3.2mm 3.3V Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com