Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3A114-AZHE Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI3A114-AZHE
Description  Low?밮oltage, 4:1 Mux/Demux with Low-Swing Control Inputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3A114-AZHE Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI3A114-AZHE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3A114-AZHE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3A114-AZHE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3A114-AZHE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3A114-AZHE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3A114-AZHE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3A114-AZHE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3A114-AZHE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3A114-AZHE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
PS8962B
10/21/08
PI3A114-A
Low-Voltage, 4:1 Mux/Demux
with Low-Swing Control Inputs
Recommended Operating Conditions(3)
Supply Voltage Operating (VDD) . . . . . . . . . .1.8V to 3.3V ±5%
Control Input Voltage (VIN) . . . . . . . . . . . . . . . . . . . .0V to VDD
Switch Input Voltage (VINPUT). . . . . . . . . . . . . . . -0.3V to VDD
Operating Temperature (TA) . . . . . . . . . . . . . . . –40°C to +85°C
Input Rise and Fall Time (tr,tf)
Control Input VDD = 2.3V - 3.6V . . . . . . . . 0ns/V to 10ns/V
Thermal Resistance (
θJA) . . . . . . . . . . . . . . . . . . . . . . .350°C/W
Absolute Maximum Ratings(1)
Supply Voltage VDD ........................................... –0.5V to 4.6V
Control Input Voltage (VINx) ...................................... 0V to 5V
DC Input Voltage (VINPUT)(2) ............................ –0.5V to 4.6V
Continuous Current NO_NC_COM_ .............................. ±300mA
Peak Current NO_NC_COM_
(pulsed at 1ms 50% duty cycle) ............................... ±400mA
Peak Current NO_NC_COM_
(pulsed at 1ms 10% duty cycle) ............................... ±500mA
Storage Temperature Range (TSTG) .............. –65°C to +150°C
Junction Temperature under Bias (TJ) .............................150°C
Junction Lead Temperature (TL)
(Soldering, 10 seconds) ................................................260°C
Power Dissipation (PD) @ +85°C .................................. 250mW
Notes:
1.
"Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any
other conditions beyond those indicated in the operational sections of this specification is not implied.
2.
The input and output negative voltage ratings may be exceeded if the input and output diode current ratings are observed.
3.
Control input must be held HIGH or LOW; it must not float.
08-0231


Similar Part No. - PI3A114-AZHE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3A125 PERICOM-PI3A125 Datasheet
193Kb / 8P
   SOTINY Low Voltage SPST Analog Switch/Bus Switch
PI3A125B PERICOM-PI3A125B Datasheet
343Kb / 8P
   SPST Wide Bandwidth Analog Switch
PI3A125BCE PERICOM-PI3A125BCE Datasheet
343Kb / 8P
   SPST Wide Bandwidth Analog Switch
PI3A125BTAE PERICOM-PI3A125BTAE Datasheet
343Kb / 8P
   SPST Wide Bandwidth Analog Switch
PI3A125CX PERICOM-PI3A125CX Datasheet
193Kb / 8P
   SOTINY Low Voltage SPST Analog Switch/Bus Switch
More results

Similar Description - PI3A114-AZHE

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO3B3253A POTATO-PO3B3253A_14 Datasheet
1Mb / 6P
   Dual 4:1 Mux/DeMux
PO3B14A POTATO-PO3B14A Datasheet
576Kb / 6P
   4:1 Mux/DeMux with Single Enable
logo
Integrated Device Techn...
QS3253S1G IDT-QS3253S1G Datasheet
223Kb / 5P
   DUAL 4 1 MUX/DEMUX HIGH-SPEED CMOS QUICKSWITCH DUAL 4 1 MUX/DEMUX
logo
Pericom Semiconductor C...
PI3USB14-A PERICOM-PI3USB14-A Datasheet
686Kb / 9P
   Low Voltage, High Bandwidth, USB 2.0, 4:1 Mux/DeMux with Single Enable
PI3USB14 PERICOM-PI3USB14 Datasheet
497Kb / 9P
   Low Voltage, High Bandwidth, USB 2.0, 4:1 Mux/DeMux with Single Enable
PI3CH480 PERICOM-PI3CH480 Datasheet
449Kb / 8P
   Low Voltage, High-Bandwidth, 4-Channel 2:1 Mux/Demux, NanoSwitch
logo
Potato Semiconductor Co...
PO3B3251A POTATO-PO3B3251A_14 Datasheet
1Mb / 6P
   8:1 Mux/DeMux
PO3B14A POTATO-PO3B14A_14 Datasheet
1Mb / 6P
   2 channel 4:1 Mux/DeMux with Single Enable
logo
Pericom Semiconductor C...
PI3B3253LEX PERICOM-PI3B3253LEX Datasheet
431Kb / 5P
   3.3V, Dual 4:1 Mux/DeMux NanoSwitch
PI3CH281 PERICOM-PI3CH281 Datasheet
490Kb / 9P
   Low Voltage, High Bandwidth, 2-Channel, 4:1 Mux/DeMux, NanoSwitch with Single Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com