Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI2PCIE2214 Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI2PCIE2214
Description  PCI Express 2.0, 1-lane, 4:1 Mux/DeMux Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI2PCIE2214 Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI2PCIE2214 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI2PCIE2214 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI2PCIE2214 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI2PCIE2214 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI2PCIE2214 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI2PCIE2214 Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
PI2PCIE2214
PCI Express® 2.0, 1-lane, 4:1 Mux/DeMux Switch
www.pericom.com
03/26/14
+
+
BALANCED
PORT1
DUT
+
50
50
+
BALANCED
PORT2
50
50
Diff. Near End Xtalk Test Circuit
+
+
BALANCED
PORT1
BALANCED
PORT2
DUT
+
50
50
Diff. Off Isolation Test Circuit
+
+
BALANCED
PORT1
BALANCED
PORT2
DUT
Diff. Insertion Loss and Return Test
Circuit
Switching Waveforms
Voltage Waveforms Enable and Disable Times
tPLZ
VDD/2
VDD/2
VDD
VOH
0V
VOL
VDD/2
VOH –0.3V
VOL +0.3V
VDD/2
tPHZ
tPZL
tPZH
Output
Output
VOL
VOH
SEL
Switch Positions
Test
Switch
tPLZ, tPZL
2 x VDD
tPHZ, tPZH
GND
Prop Delay
Open
RT
4pF
CL
VDD
VIN
VOUT
200-ohm
200-ohm
2 x VDD
Pulse
Generator
D.U.T
Test Circuit for Electrical Characteristics(1-5)
Notes:
1.
CL = Load capacitance: includes jig and probe capacitance.
2.
RT = Termination resistance: should be equal to ZOUT of the Pulse Generator
3.
Output 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
output 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
4.
All input impulses are supplied by generators having the following characteristics: PRR ≤ MHz, ZO = 50Ω, tR ≤ 2.5ns, tF ≤ 2.5ns.
5.
The outputs are measured one at a time with one transition per measurement.
14-0033


Similar Part No. - PI2PCIE2214

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI2PCIE2212 PERICOM-PI2PCIE2212 Datasheet
818Kb / 6P
   PCI Express짰 2.0, 1-Lane, 2:1 Mux/DeMux Switch w/ Single Enable
PI2PCIE2212ZHE PERICOM-PI2PCIE2212ZHE Datasheet
818Kb / 6P
   PCI Express짰 2.0, 1-Lane, 2:1 Mux/DeMux Switch w/ Single Enable
More results

Similar Description - PI2PCIE2214

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3PCIE2415 PERICOM-PI3PCIE2415 Datasheet
916Kb / 9P
   3.3V PCI Express 2.0, 2-Lane, 2:1 Mux/DeMux Switch
PI3PCIE2215 PERICOM-PI3PCIE2215 Datasheet
409Kb / 10P
   3.3V, PCI Express 1-lane, 2:1 Mux/DeMux Switch
PI3PCIE3415 PERICOM-PI3PCIE3415_13 Datasheet
1Mb / 10P
   3.3V, PCI Express 3.0 2-Lane, 2:1 Mux/DeMux Switch
PI2PCIE2212ZHE PERICOM-PI2PCIE2212ZHE Datasheet
818Kb / 6P
   PCI Express짰 2.0, 1-Lane, 2:1 Mux/DeMux Switch w/ Single Enable
PI3PCIE3412 PERICOM-PI3PCIE3412 Datasheet
1Mb / 10P
   3.3V, PCI Express 3.0 2-Lane, 2:1 Mux/DeMux Switch, with Single Enable
PI3PCIE3212 PERICOM-PI3PCIE3212 Datasheet
1Mb / 11P
   3.3V, PCI Express 3.0, 1-Lane, 2-Channel, 8Gbps, 2:1 Mux/DeMux Switch w/ Single Enable
logo
ON Semiconductor
NCN2411 ONSEMI-NCN2411 Datasheet
315Kb / 9P
   4-Channel Differential 1:2 Mux/Demux Switch for PCI Express Gen2
August, 2011 ??Rev. 0
NCN3411 ONSEMI-NCN3411 Datasheet
527Kb / 10P
   4-Differential Channel 1:2 Mux/Demux Switch for PCI Express Gen3
September, 2011 ??Rev. 0
logo
Pericom Semiconductor C...
PI2PCIE2442 PERICOM-PI2PCIE2442 Datasheet
950Kb / 8P
   PCI Express 2.0, 2-lane Exchange Switch
PI3PCIE3422 PERICOM-PI3PCIE3422 Datasheet
791Kb / 9P
   3.3V, PCI Express 3.0 2-Lane, (4-Channel), Differential Mux/Demux with Bypass
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com