Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI2EQX4401DZFE Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI2EQX4401DZFE
Description  2.5Gbps x1 Lane Serial PCI-Express Repeater/Equalizer with Clock Buffer & Signal Detect Feature
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI2EQX4401DZFE Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

  PI2EQX4401DZFE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI2EQX4401DZFE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI2EQX4401DZFE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI2EQX4401DZFE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI2EQX4401DZFE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI2EQX4401DZFE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI2EQX4401DZFE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI2EQX4401DZFE Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
PS8872H
09/26/08
PI2EQX4401D
2.5Gbps x1 Lane Serial PCI-Express Repeater/Equalizer
with Clock Buffer & Signal Defect Feature
AC/DC Electrical Characteristics (TA = 0 to 70˚C)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
CML Transmitter Output (100Ω differential)
VDIFFP
Output Voltage Swing
Differential Swing
| VTX-D+ - VTX-D- |
400
650
mVp-p
VTX-C
Common-Mode Voltage
| VTX-D+ + VTX-D- | / 2
VDD-
0.3
tF, tR
Transition Time
20% to 80% (3)
150
ps
ZOUT
Output resistance
Single ended
40
50
60
Ω
ZTX-DIFF-DC
DC Differential TX Impedance
80
100
120
Ω
CTX
AC Coupling Capacitor
75
200
nF
VTX-DIFFP-P
Differential Peak-to-peak Ouput
Voltage
VTX-DIFFP-P = 2 * | VTX-D+ - VTX-D- |
0.8
1.3
V
LVCMOS Control Pins
VIH
Input High Voltage
0.65 ×
VDD
VDD
V
VIL
Input Low Voltage
0.35 ×
VDD
IIH
Input High Current
250
μA
IIL
Input Low Current
500
Notes
3.
Using K28.7 (0011111000) patern)
4.
AC specifications are guaranteed by design and characterization
08-0241


Similar Part No. - PI2EQX4401DZFE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI2EQX4401 PERICOM-PI2EQX4401 Datasheet
343Kb / 7P
   2.5Gbps x1 Lane Serial PCI Express Repeater/Equalizer with Clock Buffer
PI2EQX4401ZFE PERICOM-PI2EQX4401ZFE Datasheet
343Kb / 7P
   2.5Gbps x1 Lane Serial PCI Express Repeater/Equalizer with Clock Buffer
More results

Similar Description - PI2EQX4401DZFE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI2EQX4401 PERICOM-PI2EQX4401 Datasheet
343Kb / 7P
   2.5Gbps x1 Lane Serial PCI Express Repeater/Equalizer with Clock Buffer
PI2EQX4402D PERICOM-PI2EQX4402D Datasheet
471Kb / 8P
   2.5 Gbps x2 Lane Serial PCI Express Repeater/Equalizer with Signal Detect feature
PI2EQX4402D PERICOM-PI2EQX4402D_12 Datasheet
557Kb / 7P
   2.5 Gbps x2 Lane Serial PCI Express Repeater/Equalizer with Signal Detect feature
PI2EQX4402 PERICOM-PI2EQX4402 Datasheet
416Kb / 7P
   2.5Gbps x2 Lane Serial PCI Express Repeater/Equalizer
PI2EQX4432D PERICOM-PI2EQX4432D Datasheet
481Kb / 6P
   2.5 Gbps x2 Lane PCI Express Repeater/Equalizer with Signal Detect and Flow-Through Pinout
logo
Texas Instruments
XIO1100 TI-XIO1100 Datasheet
456Kb / 36P
[Old version datasheet]   X1 PCI Express Serial Link
XIO1100 TI-XIO1100_V01 Datasheet
1Mb / 41P
[Old version datasheet]   X1 PCI Express Serial Link
logo
AAEON Technology
PER-T099 AAEON-PER-T099 Datasheet
205Kb / 1P
   PCI-Express [x1] (SINGLE LANE) Slot Or PCI-Express Mini Card Slot
logo
Maxim Integrated Produc...
MAX4888 MAXIM-MAX4888 Datasheet
267Kb / 16P
   2.5Gbps PCI Express Passive Switches
Rev 0; 5/07
logo
Texas Instruments
SN65LVPE504 TI-SN65LVPE504 Datasheet
2Mb / 16P
[Old version datasheet]   Quad Channel (Half x4 Lane) PCI Express Gen II Redriver/Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com