Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI2DDR3212ZLE Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI2DDR3212ZLE
Description  1.35V/ 1.5V/1.8V 14 bit 2:1 DDR3/DDR4 Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI2DDR3212ZLE Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

  PI2DDR3212ZLE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI2DDR3212ZLE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI2DDR3212ZLE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI2DDR3212ZLE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI2DDR3212ZLE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI2DDR3212ZLE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI2DDR3212ZLE Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
www.pericom.com
10/23/14
PI2DDR3212
1.35V/ 1.5V/1.8V 14 bit 2:1 DDR3/DDR4 Switch
Pericom Semiconductor Corporation • 1-800-435-2336
Ordering Information
Ordering Code
Packaging Code
Package Description
PI2DDR3212ZLE
ZL
52-Pin, Thin Quad Flat No-Lead (TQFN)
PI2DDR3212NCE
NC
48-Pin, Thin Fine Pitch Ball Grid Array (TFBGA)
NOTES:
1. Thermal characteristics can be found on the company web site at www.pericom.com/package
2. E = Pb-free and Green
3. Adding an X suffix = Tape/Reel
Packaging Mechanical: 52-Pin TQFN (ZL)
DATE: 07/15/11
DESCRIPTION: 52-Pin, Thin Quad Flat No-Lead (TQFN)
PACKAGE CODE: ZL (ZL52)
DOCUMENT CONTROL #: PD-2102
REVISION: --
Notes:
1. All dimensions are in millimeters.
2. Refer JEDEC MO-220
3. Bilateral coplanarity zone applies to the exposed heat sink slug aswell as the terminals.
14-0169


Similar Part No. - PI2DDR3212ZLE

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI2DDR3212ZLEX DIODES-PI2DDR3212ZLEX Datasheet
995Kb / 9P
   1.35V/1.5V/1.8V 14 bit 2:1 DDR3/DDR4 Switch
December 2020
More results

Similar Description - PI2DDR3212ZLE

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI2DDR3212ZLEX DIODES-PI2DDR3212ZLEX Datasheet
995Kb / 9P
   1.35V/1.5V/1.8V 14 bit 2:1 DDR3/DDR4 Switch
December 2020
PI2SSD3212 DIODES-PI2SSD3212 Datasheet
244Kb / 1P
   1.35V/ 1.5V/1.8V 14 bit 2:1 SSD Switch
logo
NXP Semiconductors
CBTW28DD14ET118 PHILIPS-CBTW28DD14ET118 Datasheet
109Kb / 13P
   14-bit bus switch/multiplexer for DDR2/DDR3/DDR4 applications
Rev. 5-28 May 2014
logo
Texas Instruments
TS3DDR4000 TI1-TS3DDR4000 Datasheet
697Kb / 25P
[Old version datasheet]   12-bits 1:2 High Speed DDR2/DDR3/DDR4 Switch/Multiplexer
logo
SpectraLinear Inc
CY2SSTU32864 SPECTRALINEAR-CY2SSTU32864 Datasheet
98Kb / 9P
   1.8V, 25-bit (1:1) or 14-bit (1:2) JEDEC-Compliant Data Register
logo
NXP Semiconductors
CBTV24DD12A NXP-CBTV24DD12A Datasheet
727Kb / 21P
   12-bit bus switch/multiplexer for DDR4-DDR3-DDR2 applications
Rev. 2 ??15 November 2017
logo
SpectraLinear Inc
CY2SSTU32866 SPECTRALINEAR-CY2SSTU32866 Datasheet
235Kb / 24P
   1.8V, 25-bit (1:1) of 14-bit (1:2) JEDEC-Compliant Data Register with Parity
logo
NXP Semiconductors
CBTW28DD14 NXP-CBTW28DD14 Datasheet
102Kb / 14P
   14-bit bus switch/multiplexer for DDR2-DDR3 applications
Rev. 2-26 July 2012
logo
Advantech Co., Ltd.
AQD-SD3L8GE16-SG ADVANTECH-AQD-SD3L8GE16-SG Datasheet
213Kb / 12P
   204Pin DDR3 1600 1.35V ECC SO-DIMM
2013-12-23
logo
Pericom Semiconductor C...
PI6C10804WEX PERICOM-PI6C10804WEX Datasheet
373Kb / 7P
   1.5V/1.8V/2.5V, 180MHz, 1:4 Networking Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com