Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI2DBS6212ZHEX Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI2DBS6212ZHEX
Description  6.5 Gbps SAS2, SATA3, XAUI 2 Differential Channel, 2:1 Mux/DeMux Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI2DBS6212ZHEX Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI2DBS6212ZHEX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI2DBS6212ZHEX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI2DBS6212ZHEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI2DBS6212ZHEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI2DBS6212ZHEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI2DBS6212ZHEX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI2DBS6212ZHEX Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
PI2DBS6212
6.0 Gbps SAS2, SATA3, XAUI
2 Differential Channel, 2:1 Mux/DeMux Switch
PI2DBS6212
6.0 Gbps SAS2, SATA3, XAUI
2 Differential Channel, 2:1 Mux/DeMux Switch
DC Electrical Characteristics for Switching over Operating Range
(TA=–40°Cto+85°C,VDD=1.5Vto1.8V±10%)
Parameter
Description
Test Conditions
Min.
Typ.
Max.
Units
VIH
InputHIGHVoltage,SELinput
GuaranteedHIGHlevel
0.65xVDD
-
-
V
VIL
InputLOWVoltage,SELinput
GuaranteedLOWlevel
-0.5
-
0.35xVDD
VIK
ClampDiodeVoltage,SELinput
VDD=Max.,IIN=–18mA
-
-0.7
-1.2
IIH
InputHIGHCurrentforSEL
VDD=Max.,VIN=VDD
-10
-
+10
μA
IOZ
ChannelLeakageCurrent
VDD=Max.,VIN=1.8V
-10
-
+10
IIL
InputLOWCurrent
VDD=Max.,VIN=GND
-20
-
+10
VIDC
DCSignalVoltageRange
VO/VI>95%,RL=10K
VO/VI>80%,RL=50-Ohms
-0.5
2.5
V
-0.4
1.2
www.pericom.com
03/26/2014
StorageTemperature......................................... –65°Cto+150°C
SupplyVoltagetoGroundPotential....................–0.5Vto+2.5V
DCInputVoltage................................................. –0.5Vto+VDD
DCOutputCurrent........................................................... 120mA
PowerDissipation................................................................ 0.5W
Note: StressesgreaterthanthoselistedunderMAXIMUMRATINGS
maycausepermanentdamagetothedevice.Thisisastressratingonly
andfunctionaloperationofthedeviceattheseoranyotherconditions
abovethoseindicatedintheoperationalsectionsofthisspecification
isnotimplied.Exposuretoabsolutemaximumratingconditionsfor
extendedperiodsmayaffectreliability.
Maximum Ratings
(Abovewhichusefullifemaybeimpaired.Foruserguidelines,nottested.)
Power Supply Characteristics
Parameters
Description
Test Conditions(1)
Min.
Typ.(2)
Max.
Units
IDD
QuiescentPowerSupplyCurrent
VDD=Max.,VIN=GNDorVDD
400
µA
Notes:
1. ForMax.orMin.conditions,useappropriatevaluespecifiedunderElectricalCharacteristicsfortheapplicabledevicetype.
2. TypicalvaluesareatVDD=1.8V,TA =25°Cambientandmaximumloading.
Notes:
1. Formax.ormin.conditions,useappropriatevaluespecifiedunderElectricalCharacteristicsfortheapplicabledevicetype.
Switching Characteristics
(TA=-40ºto+85ºC,VDD=1.5Vto1.8V±10%)
Parameter
Description
Min.
Typ.
Max.
Units
tPZH,tPZL LineEnableTime-SELtoAN,BN,CN
0.5
-
9.0
ns
tPHZ,tPLZ LineDisableTime-SELtoAN,BN,CN
0.5
-
9.0
tb-b
Bit-to-bitskewwithinthesamedifferentialpair
10
ps
tch-ch
Channel-to-channelskew
15
tdiff
Differentialdelay-ANtoBNorCN
20
14-0031


Similar Part No. - PI2DBS6212ZHEX

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI2DBS16212A DIODES-PI2DBS16212A Datasheet
567Kb / 2P
   1.8V, 32Gbps, Two-Channel, 2:1 Mux/Demux Delivers Low-Loss and High-Speed Signal Switching
logo
Pericom Semiconductor C...
PI2DBS212 PERICOM-PI2DBS212 Datasheet
911Kb / 10P
   1.8V, 1.8GHz, Differential Broadband Signal Switch, 2-Differential Channel, 2:1 Mux/DeMux Switch, w/ Single Enable
PI2DBS212QE PERICOM-PI2DBS212QE Datasheet
911Kb / 10P
   1.8V, 1.8GHz, Differential Broadband Signal Switch, 2-Differential Channel, 2:1 Mux/DeMux Switch, w/ Single Enable
PI2DBS212ZHE PERICOM-PI2DBS212ZHE Datasheet
911Kb / 10P
   1.8V, 1.8GHz, Differential Broadband Signal Switch, 2-Differential Channel, 2:1 Mux/DeMux Switch, w/ Single Enable
PI2DBS212ZHEX PERICOM-PI2DBS212ZHEX Datasheet
1Mb / 10P
   2.0GHz, Differential Broadband Signal Switch, 2-Differential Channel, 2:1 Mux/DeMux Switch
More results

Similar Description - PI2DBS6212ZHEX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUXHS4412 TI-TMUXHS4412 Datasheet
3Mb / 30P
[Old version datasheet]   TMUXHS4412 4-Channel 20 Gbps Differential 2:1/1:2 Mux/Demux
logo
Pericom Semiconductor C...
PI2DBS212 PERICOM-PI2DBS212_14 Datasheet
1Mb / 10P
   2.0GHz, Differential Broadband Signal Switch, 2-Differential Channel, 2:1 Mux/DeMux Switch
PI3PCIE3415 PERICOM-PI3PCIE3415 Datasheet
498Kb / 2P
   4 Differential Channel, 2:1 Mux/DeMux
logo
Texas Instruments
HD3SS3411-Q1 TI1-HD3SS3411-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   One Channel Differential 2:1 Mux/Demux
HD3SS3411 TI1-HD3SS3411 Datasheet
1Mb / 21P
[Old version datasheet]   One Channel Differential 2:1 Mux/Demux
logo
ON Semiconductor
NL3HS3124A ONSEMI-NL3HS3124A Datasheet
120Kb / 7P
   3.3 V, 2 Channel, 2:1 Differential Mux/Demux
December, 2016 ??Rev. 1
logo
Texas Instruments
HD3SS3212 TI1-HD3SS3212 Datasheet
1Mb / 26P
[Old version datasheet]   Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
TMUXHS4212 TI1-TMUXHS4212 Datasheet
4Mb / 26P
[Old version datasheet]   TMUXHS4212 Two-Channel Differential 2:1 Mux / 1:2 Demux
HD3SS3212 TI1-HD3SS3212_16 Datasheet
1Mb / 26P
[Old version datasheet]   Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
HD3SS3202 TI1-HD3SS3202 Datasheet
1Mb / 25P
[Old version datasheet]   Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com