Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM-7604-C7 Datasheet(PDF) 2 Page - MICORO CRYSTAL SWITZERLAND

Part # OM-7604-C7
Description  Low Power Clock Oscillator 32.768 kHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

OM-7604-C7 Datasheet(HTML) 2 Page - MICORO CRYSTAL SWITZERLAND

  OM-7604-C7 Datasheet HTML 1Page - MICORO CRYSTAL SWITZERLAND OM-7604-C7 Datasheet HTML 2Page - MICORO CRYSTAL SWITZERLAND  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Version 1.0/03.2016
Micro Crystal AG
Tel.
+41 32 655 82 82
Mühlestrasse 14
Fax
+41 32 655 82 83
CH-2540 Grenchen
sales@microcrystal.com
Switzerland
www.microcrystal.com
TERMINATIONS AND
PROCESSING:
Package-Type
Termination
Processing
Ceramic
For SMD mounting
Au plated pads
Reflow soldering
260°C / 20 s max.
ENVIRONMENTAL
CHARACTERISTICS:
Conditions
Max. Dev.
Storage temp. range
–55 to +125°C
TA Operating temperature range
–40 to +85°C
TB Extended oper. temp. range
–40 to +125°C
Shock resistance
ΔF/F 5000 g, 0.3 ms, ½ sine +/-5 ppm
Vibration resistance
ΔF/F
20 g / 10–2000 Hz
+/-5 ppm
ELECTRICAL CHARACTERISTICS
AT 25°C:
All specifications subject to change without notice.
Output Frequency
F
32.768
kHz
Frequency tolerance
1)
Δ
F/F
+/-20
ppm
Supply voltage
VDD
1.2 – 5.5
V
Current consumption (typ./max.) 2)
IDD
0.3 / 0.5
µA
Duty cycle (min./max.)
40 / 60
%
Output voltage (high)
3)
VOH
VDD –0.4
V
Output voltage (low)
4)
VOL
Gnd +0.4
V
Output Load
HCMOS
15
pF
Output Current
IOH
1
mA
IOL
-1
mA
Output rise time (max.)
5)
tr
70
ns
Output fall time (max.)
5)
tf
70
ns
Start up time (max.)
tstart
0.5
s
CLK Output Enable (High)
VIH
80% VDD min.
V
CLK Output Disable (Low)
VIL
20% VDD max.
V
Voltage coefficient (max.)
+/-1.5
ppm/V
Aging first year max. @ 25°C
Δ
F/F
+/-3
ppm
Turnover temperature (typ.)
T0
25 +/-5
°C
Frequency vs. temperature
Δ
F/F0 –0.035 ppm/°C²(T - T0)2 +/-10%
ppm
-180.0
-160.0
-140.0
-120.0
-100.0
-80.0
-60.0
-40.0
-20.0
0.0
20.0
-60-40
-200
20
40
60
80
100
T [°C]
Tuning Fork Crystal
FREQUENCY TEMPERATURE
CHARACTERISTICS:
4) I
OL = 1.0 mA.
5) C
L = 10 pF, 10% to 90%.
1) Tighter tolerances on request.
2) V
DD = 3.0 V, CLKOE = LOW.
3) I
OH = –1.0 mA.


Similar Part No. - OM-7604-C7

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
OM-7604-C7 MICROCRYSTAL-OM-7604-C7 Datasheet
977Kb / 2P
   Low Power Clock Oscillator 32.768 kHz
OM-7604-C7 MICROCRYSTAL-OM-7604-C7_17 Datasheet
977Kb / 2P
   Low Power Clock Oscillator 32.768 kHz
More results

Similar Description - OM-7604-C7

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
OV-7604-C7 MICROCRYSTAL-OV-7604-C7_17 Datasheet
1,007Kb / 2P
   Low Power Clock Oscillator 32.768 kHz
OV-7605-C8 MICROCRYSTAL-OV-7605-C8 Datasheet
311Kb / 2P
   Low Power Clock Oscillator 32.768 kHz
OM-7604-C7 MICROCRYSTAL-OM-7604-C7_17 Datasheet
977Kb / 2P
   Low Power Clock Oscillator 32.768 kHz
OM-7605-C9 MICROCRYSTAL-OM-7605-C9 Datasheet
1Mb / 2P
   Low Power Clock Oscillator 32.768 kHz
OV-7605-C8 MICROCRYSTAL-OV-7605-C8_17 Datasheet
978Kb / 2P
   Low Power Clock Oscillator 32.768 kHz
OM-7605-C8 MICROCRYSTAL-OM-7605-C8 Datasheet
384Kb / 2P
   Low Power Clock Oscillator 32.768 kHz
OV-7604-C7 MICROCRYSTAL-OV-7604-C7 Datasheet
279Kb / 2P
   Low Power Clock Oscillator 32.768 kHz
OV-7604-C7 MICROCRYSTAL-OV-7604-C7_18 Datasheet
1,007Kb / 2P
   Low Power Clock Oscillator 32.768 kHz
OM-7605-C8 MICROCRYSTAL-OM-7605-C8_17 Datasheet
957Kb / 2P
   Low Power Clock Oscillator 32.768 kHz
logo
Renesas Technology Corp
MK3200 RENESAS-MK3200 Datasheet
274Kb / 9P
   32.768 KHZ CLOCK OSCILLATOR
073012
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com