Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5.0SMDJ36A Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # 5.0SMDJ36A
Description  Plastic material has UL flammability classification 94V-O
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

5.0SMDJ36A Datasheet(HTML) 1 Page - Nanjing International Group Co

  5.0SMDJ36A Datasheet HTML 1Page - Nanjing International Group Co 5.0SMDJ36A Datasheet HTML 2Page - Nanjing International Group Co 5.0SMDJ36A Datasheet HTML 3Page - Nanjing International Group Co 5.0SMDJ36A Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
5.0SMDJ12A/CA~~ 5.0SMDJ45A/CA
Features
Working peak reverse voltage range –12V—45V
Peak power dissipation 5000W @10 x 1000 us Pulse
Low profile package.
Excellent clamping capability.
Glass passivated junction.
Fast response time: typically less than 5 ns for Bi -direction, from 0 Volts to BV min
Plastic material has UL flammability classification 94V-O
RoHS compliant in lead-free versions
Mechanical Characteristics
CASE: Void-free, JEDEC DO-214AA Molded Plastic over glass passivated junction..
Mounting Position: Any
Polarity: by cathode band denotes uni-directional device, none cathode band denotes bi-directional device.
Terminal: Solder plated, solderable per MIL-STD-750, Method 2026
Maximum Ratings And Characteristics @ 25°C Ambient Temperature (unless otherwise noted)
Parameter
Symbol
Value
Units
Peak Pulse Power Dissipation on 10/1000 us Waveform
(Note 1, 2, FIG.1)
PPPM
5000
W
Peak Pulse Current of on 10/1000us Waveform
(Note 1, FIG.3)
IPPM
See Table 1
Amps
Peak Forward Surge Current, 8.3ms Single Half Sine-wave Superimposed on
Rated Load, (JEDEC Method)
(Note 2. 3)
IFSM
300
Amps
Operating Junction Temperature Range
TJ
-55 to 150
°C
Storage Temperature Range
TSTG
-55 to 150
°C
Notes:
1. Non-repetitive current pulse, per Fig.3 and derated above TA=25°C per Fig.2.
2. Mounted on 5.0mm
2 (0.03mm thick) Copper Pads to each terminal.
3. 8.3 ms single half sine-wave, or equivalent square wave, Duty cycle=4 pluses per minute maximum.
TRANSIENT VOLTAGE SUPPRESSORS


Similar Part No. - 5.0SMDJ36A

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
5.0SMDJ36A AOSMD-5.0SMDJ36A Datasheet
702Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.2.2 July 2021
logo
MDE Semiconductor, Inc.
5.0SMDJ36A MDE-5.0SMDJ36A Datasheet
110Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Goodwork Semiconductor ...
5.0SMDJ36A GWSEMI-5.0SMDJ36A Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Anova Technologies CO.,...
5.0SMDJ36A ANOVA-5.0SMDJ36A Datasheet
289Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
UN Semiconducctor INC
5.0SMDJ36A UNSEMI-5.0SMDJ36A Datasheet
4Mb / 8P
   11 To 440V 5000W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
More results

Similar Description - 5.0SMDJ36A

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SDURF3020 SMC-SDURF3020 Datasheet
206Kb / 5P
   Plastic Material has UL Flammability Classification 94V-O
MUR3020WT SMC-MUR3020WT Datasheet
260Kb / 6P
   Plastic Material has UL Flammability Classification 94V-O
SMBJ SMC-SMBJ Datasheet
277Kb / 8P
   Plastic Case Material has UL Flammability Classification Rating 94V-O
SMDJ SMC-SMDJ Datasheet
255Kb / 6P
   Plastic Case Material has UL Flammability Classification Rating 94V-O
logo
SEMTECH ELECTRONICS LTD...
1.5KE SEMTECH_ELEC-1.5KE Datasheet
528Kb / 4P
   Plastic package has UL flammability Classification 94V-0
logo
First Silicon Co., Ltd
GBU4A FS-GBU4A Datasheet
158Kb / 2P
   Plastic material has Underwriters Laboratory Flammability Classification 94V-0
GBJ8A FS-GBJ8A Datasheet
202Kb / 2P
   Plastic material has Underwriters Laboratory Flammability Classification 94V-0
GBU4005 FS-GBU4005 Datasheet
217Kb / 2P
   Plastic material has Underwriters Laboratory Flammability Classification 94V-0
logo
Kersemi Electronic Co.,...
MBR1680FCT KERSEMI-MBR1680FCT Datasheet
1Mb / 2P
   Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0
MBR1650FCT KERSEMI-MBR1650FCT Datasheet
1Mb / 2P
   Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com