Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV-8523 Datasheet(PDF) 9 Page - MICORO CRYSTAL SWITZERLAND

Part # RV-8523
Description  Real Time Clock
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

RV-8523 Datasheet(HTML) 9 Page - MICORO CRYSTAL SWITZERLAND

Back Button RV-8523 Datasheet HTML 5Page - MICORO CRYSTAL SWITZERLAND RV-8523 Datasheet HTML 6Page - MICORO CRYSTAL SWITZERLAND RV-8523 Datasheet HTML 7Page - MICORO CRYSTAL SWITZERLAND RV-8523 Datasheet HTML 8Page - MICORO CRYSTAL SWITZERLAND RV-8523 Datasheet HTML 9Page - MICORO CRYSTAL SWITZERLAND RV-8523 Datasheet HTML 10Page - MICORO CRYSTAL SWITZERLAND RV-8523 Datasheet HTML 11Page - MICORO CRYSTAL SWITZERLAND RV-8523 Datasheet HTML 12Page - MICORO CRYSTAL SWITZERLAND RV-8523 Datasheet HTML 13Page - MICORO CRYSTAL SWITZERLAND Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 57 page
background image
Micro Crystal
Real Time Clock / Calendar Module
RV-8523
9/57
8. REGISTER ORGANIZATION
8.1. REGISTER OVERVIEW
The 20 registers of the RV-8523 are auto-incrementing after each read or write data byte up to register 13h. After
register 13h, the auto-incrementing will wrap around to address 00h.
Auto-incrementing of the registers:
Address
Function
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00h
Control 1
CAP
N
STOP
SR
12_24
SIE
AIE
CIE
01h
Control 2
WTAF
CTAF
CTBF
SF
AF
WTAIE
CTAIE
CTBIE
02h
Control 3
PM2
PM1
PM0
X
BSF
BLF
BSIE
BLIE
03h
Seconds
OS
40
20
10
8
4
2
1
04h
Minutes
X
40
20
10
8
4
2
1
05h
Hours in 12 h mode
X
X
AMPM
10
8
4
2
1
Hours in 24 h mode
X
X
20
10
8
4
2
1
06h
Days
X
X
20
10
8
4
2
1
07h
Weekdays
X
X
X
X
X
4
2
1
08h
Months
X
X
X
10
8
4
2
1
09h
Years
80
40
20
10
8
4
2
1
0Ah
Minute Alarm
AE_M
40
20
10
8
4
2
1
0Bh
Hour Alarm in 12 h mode
AE_H
X
AMPM
10
8
4
2
1
Hour Alarm in 24 h mode
AE_H
X
20
10
8
4
2
1
0Ch
Day Alarm
AE_D
X
20
10
8
4
2
1
0Dh
Weekday Alarm
AE_W
X
X
X
X
4
2
1
0Eh
Frequency Offset
MODE
Offset value
0Fh
Timer & CLKOUT
TAM
TBM
COF2
COF1
COF0
TAC1
TAC0
TBC
10h
Timer A Clock
X
X
X
X
X
TAQ2
TAQ1
TAQ0
11h
Timer A
128
64
32
16
8
4
2
1
12h
Timer B Clock
X
TBW2
TBW1
TBW0
X
TBQ2
TBQ1
TBQ0
13h
Timer B
128
64
32
16
8
4
2
1
Bit positions labeled as “X” are not implemented and will return 0 when read.
Bit position labeled as “N” must always be written with logic 0.


Similar Part No. - RV-8523

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
RV-8523-C3 MICROCRYSTAL-RV-8523-C3 Datasheet
217Kb / 2P
   Real Time Clock Module with I2C Bus
RV-8523-C3 MICROCRYSTAL-RV-8523-C3 Datasheet
980Kb / 2P
   Real-Time Clock Module with I2C-Bus
RV-8523-C3TAQA MICROCRYSTAL-RV-8523-C3TAQA Datasheet
980Kb / 2P
   Real-Time Clock Module with I2C-Bus
RV-8523-C3TAQC MICROCRYSTAL-RV-8523-C3TAQC Datasheet
980Kb / 2P
   Real-Time Clock Module with I2C-Bus
RV-8523-C3 MICROCRYSTAL-RV-8523-C3_16 Datasheet
341Kb / 2P
   Real Time Clock Module with I2C Bus
More results

Similar Description - RV-8523

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
   Real Time Clock
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
   REAL TIME CLOCK ?
logo
RICOH electronics devic...
RP5C15 RICOH-RP5C15 Datasheet
137Kb / 12P
   REAL-TIME CLOCK
logo
Epson ToYoCom
RTC-63421 EPSONTOYOCOM-RTC-63421 Datasheet
413Kb / 2P
   Real time clock
logo
Golledge Electronics Lt...
RV8564C3 GOLLEDGE-RV8564C3 Datasheet
128Kb / 1P
   Real Time Clock
RV8564C2 GOLLEDGE-RV8564C2 Datasheet
62Kb / 1P
   Real Time clock
logo
List of Unclassifed Man...
VT82887 ETC1-VT82887 Datasheet
81Kb / 17P
   Real Time Clock
logo
Dallas Semiconductor
DS1287A DALLAS-DS1287A Datasheet
17Kb / 1P
   Real Time Clock
logo
Epson ToYoCom
RTC-65271 EPSONTOYOCOM-RTC-65271 Datasheet
385Kb / 2P
   Real time clock
logo
List of Unclassifed Man...
TC8250P ETC-TC8250P Datasheet
412Kb / 20P
   Real time clock
logo
Seiko Instruments Inc
S-3511A SII-S-3511A Datasheet
1Mb / 28P
   REAL-TIME CLOCK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com