Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ER1A Datasheet(PDF) 2 Page - Diotec Semiconductor

Part No. ER1A
Description  Superfast Switching Surface Mount Si-Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

ER1A Datasheet(HTML) 2 Page - Diotec Semiconductor

  ER1A Datasheet HTML 1Page - Diotec Semiconductor ER1A Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1)I
F = 0.5 A through/über IR = 1 A to/auf IR = 0.25 A
2) Mounted on P.C. board with 25 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lötpad) an jedem Anschluß
117
28.02.2002
ER 1A ... ER 1M
Characteristics
Kennwerte
Type
Typ
Reverse recovery time
Sperrverzugszeit
t
rr [ns]
1)
Forward voltage
Durchlaßspannung
V
F [V]
at / bei
I
F [A]
ER 1A ... ER 1D
< 35
< 1.0
1
ER 1G
< 35
< 1.25
1
ER 1J ... ER 1M
< 75
< 1.7
1
Leakage current
T
j = 25
/CV
R = VRRM
I
R
< 5
:A
Sperrstrom
T
j = 100
/CV
R = VRRM
I
R
< 300
:A
Thermal resistance junction to ambient air
R
thA
< 70 K/W 2)
Wärmewiderstand Sperrschicht – umgebende Luft
Thermal resistance junction to terminal
R
thT
< 30 K/W
Wärmewiderstand Sperrschicht – Anschluß


Similar Part No. - ER1A

ManufacturerPart No.DatasheetDescription
Pan Jit International Inc.
Pan Jit International I...
ER1A PANJIT-ER1A Datasheet
63Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER(VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere)
ER1A PANJIT-ER1A Datasheet
111Kb / 3P
   SURFACE MOUNT SUPERFAST RECTIFIER
Micro Commercial Components
Micro Commercial Compon...
ER1A MCC-ER1A Datasheet
263Kb / 4P
   1 Amp Ultra Fast Recovery Silicon Rectifier Silicon Rectifier
Transys Electronics
Transys Electronics
ER1A TRSYS-ER1A Datasheet
248Kb / 3P
   SURFACE MOUNT SUPERFAST RECTIFIER
Shenzhen Luguang Electronic Technology Co., Ltd
Shenzhen Luguang Electr...
ER1A LUGUANG-ER1A Datasheet
207Kb / 2P
   Surface Mount Rectifiers
More results

Similar Description - ER1A

ManufacturerPart No.DatasheetDescription
Diotec Semiconductor
Diotec Semiconductor
EGL34A DIOTEC-EGL34A_07 Datasheet
101Kb / 2P
   Superfast Switching Surface Mount Si-Rectifiers
ER2A DIOTEC-ER2A Datasheet
164Kb / 2P
   Superfast Switching Surface Mount Si-Rectifiers
ER3A DIOTEC-ER3A Datasheet
165Kb / 2P
   Superfast Switching Surface Mount Si-Rectifiers
SFE1A DIOTEC-SFE1A Datasheet
235Kb / 2P
   Superfast Switching Surface Mount Si-Rectifiers
EGL1A DIOTEC-EGL1A_07 Datasheet
103Kb / 2P
   Superfast Switching Surface Mount Si-Rectifiers
BAV100 DIOTEC-BAV100_07 Datasheet
103Kb / 2P
   Superfast Switching Surface Mount Si-Diodes
ER2A DIOTEC-ER2A_07 Datasheet
69Kb / 2P
   Superfast Switching Surface Mount Si-Diodes
ER3A DIOTEC-ER3A_07 Datasheet
69Kb / 2P
   Superfast Switching Surface Mount Si-Diodes
ER1A DIOTEC-ER1A_07 Datasheet
104Kb / 2P
   Superfast Switching Surface Mount Si-Diodes
SFE1A DIOTEC-SFE1A_07 Datasheet
71Kb / 2P
   Superfast Switching Surface Mount Si-Diodes
More results


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz