Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCA60R150T Datasheet(PDF) 5 Page - SemiHow Co.,Ltd.

Part # HCA60R150T
Description  Extremely low switching loss
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HCA60R150T Datasheet(HTML) 5 Page - SemiHow Co.,Ltd.

  HCA60R150T Datasheet HTML 1Page - SemiHow Co.,Ltd. HCA60R150T Datasheet HTML 2Page - SemiHow Co.,Ltd. HCA60R150T Datasheet HTML 3Page - SemiHow Co.,Ltd. HCA60R150T Datasheet HTML 4Page - SemiHow Co.,Ltd. HCA60R150T Datasheet HTML 5Page - SemiHow Co.,Ltd. HCA60R150T Datasheet HTML 6Page - SemiHow Co.,Ltd. HCA60R150T Datasheet HTML 7Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Fig 12. Gate Charge Test Circuit & Waveform
Fig 13. Resistive Switching Test Circuit & Waveforms
Fig 14. Unclamped Inductive Switching Test Circuit & Waveforms
E
AS =LL IAS
2
----
2
1
--------------------
BV
DSS -- VDD
BV
DSS
V
in
V
DS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
Charge
V
GS
10V
Q
g
Q
gs
Q
gd
V
DD
V
DS
BV
DSS
t
p
V
DD
I
AS
V
DS (t)
I
D (t)
Time
V
DD
( 0.5 rated V
DS )
10V
V
DS
R
L
DUT
R
G
3mA
V
GS
DUT
V
DS
300nF
200nF
12V
Same Type
as DUT
10V
DUT
R
G
L
I
D


Similar Part No. - HCA60R150T

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HCA60R095T SEMIHOW-HCA60R095T Datasheet
270Kb / 7P
   600V N-Channel Super Junction MOSFET
More results

Similar Description - HCA60R150T

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HCS60R350T SEMIHOW-HCS60R350T Datasheet
204Kb / 7P
   Extremely low switching loss
HCS70R700T SEMIHOW-HCS70R700T Datasheet
203Kb / 7P
   Extremely low switching loss
HCD65R600T SEMIHOW-HCD65R600T Datasheet
300Kb / 8P
   Extremely low switching loss
HCP60R150T SEMIHOW-HCP60R150T Datasheet
257Kb / 7P
   Extremely low switching loss
HCS70R950T SEMIHOW-HCS70R950T Datasheet
214Kb / 7P
   Extremely low switching loss
HCD65R380T SEMIHOW-HCD65R380T Datasheet
295Kb / 8P
   Extremely low switching loss
HCD70R950T SEMIHOW-HCD70R950T Datasheet
396Kb / 9P
   Extremely low switching loss
HCS65R220E SEMIHOW-HCS65R220E Datasheet
249Kb / 7P
   Extremely low switching loss
HCS70R1K4P SEMIHOW-HCS70R1K4P Datasheet
171Kb / 7P
   Extremely low switching loss
HCS60R150T SEMIHOW-HCS60R150T Datasheet
264Kb / 7P
   Extremely low switching loss
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com