Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EGL34A Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # EGL34A
Description  Ultrafast Switching Surface Mount Si-Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

EGL34A Datasheet(HTML) 1 Page - Diotec Semiconductor

  EGL34A Datasheet HTML 1Page - Diotec Semiconductor EGL34A Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
146
28.01.2003
EGL 34A ... EGL 34G
Ultrafast Switching
Ultraschnelle Si-Gleichrichter
Surface Mount Si-Rectifiers
für die Oberflächenmontage
Nominal current – Nennstrom
0.5 A
Repetitive peak reverse voltage
50…400 V
Periodische Spitzensperrspannung
Plastic case MiniMELF
SOD-80
Kunststoffgehäuse MiniMELF
DO-213AA
Weight approx. – Gewicht ca.
0.04 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Dimensions / Maße in mm
Standard packaging taped and reeled
see page 18
Standard Lieferform gegurtet auf Rolle
siehe Seite 18
Marking:
1. green ring denotes “cathode” and “ultrafast switching device”
2. colored ring denotes “repetitive peak reverse voltage” (see below)
Kennzeichnung: 1. grüner Ring kennzeichnet “Kathode” und “ultraschneller Gleichrichter”
2. farbiger Ring kennzeichnet “Period. Spitzensperrspannung” (siehe unten)
Maximum ratings
Grenzwerte
Type
Typ
Rep. peak reverse voltage
Period. Spitzensperrspanng.
V
RRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
V
RSM [V]
2. Cathode ring
2. Kathodenring
EGL 34A
50
50
gray / grau
EGL 34B
100
100
red / rot
EGL 34D
200
200
orange
EGL 34G
400
400
yellow / gelb
Max. average forward rectified current, R-load
T
T = 75
/CI
FAV
0.5 A
Dauergrenzstrom in Einwegschaltung mit R-Last
Peak forward surge current, 60 Hz half sine-wave
T
A = 25
/CI
FSM
10 A
Stoßstrom für eine 60 Hz Sinus-Halbwelle
Rating for fusing, t < 10 ms
T
A = 25
/Ci2t
0.5 A2s
Grenzlastintegral, t < 10 ms
Operating junction temperature – Sperrschichttemperatur
T
j
– 50...+175
/C
Storage temperature – Lagerungstemperatur
T
S
– 50...+175
/C


Similar Part No. - EGL34A

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
EGL34A GE-EGL34A Datasheet
85Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST EFFICIENT RECTIFIER
logo
Shenzhen Luguang Electr...
EGL34A LUGUANG-EGL34A Datasheet
105Kb / 2P
   Surface Mount Glass Passivated Ultrafast Rectifier
logo
Micro Commercial Compon...
EGL34A MCC-EGL34A Datasheet
357Kb / 2P
   0.5 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
logo
Diotec Semiconductor
EGL34A DIOTEC-EGL34A Datasheet
141Kb / 2P
   Superfast Recovery SMD Rectifier Diodes
logo
Semikron International
EGL34A SEMIKRON-EGL34A Datasheet
134Kb / 2P
   Ultrafast silicon rectifier diodes
More results

Similar Description - EGL34A

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SUF4001 DIOTEC-SUF4001 Datasheet
162Kb / 2P
   Ultrafast Switching Surface Mount Si-Rectifiers
BAV100 DIOTEC-BAV100 Datasheet
133Kb / 2P
   Ultrafast Switching Surface Mount Si-Rectifiers
US3A DIOTEC-US3A Datasheet
164Kb / 2P
   Ultrafast Switching Surface Mount Si-Rectifiers
EGL1A DIOTEC-EGL1A Datasheet
121Kb / 2P
   Ultrafast Switching Surface Mount Si-Rectifiers
US1A DIOTEC-US1A Datasheet
162Kb / 2P
   Ultrafast Switching Surface Mount Si-Rectifiers
US2A DIOTEC-US2A Datasheet
162Kb / 2P
   Ultrafast Switching Surface Mount Si-Rectifiers
UF600A DIOTEC-UF600A Datasheet
154Kb / 2P
   Ultrafast Switching Si-Rectifiers
UF5400 DIOTEC-UF5400 Datasheet
153Kb / 2P
   Ultrafast Switching Si-Rectifiers
US3A DIOTEC-US3A_07 Datasheet
69Kb / 2P
   Ultrafast Switching Surface Mount Si-Diodes
US1A DIOTEC-US1A_07 Datasheet
68Kb / 2P
   Ultrafast Switching Surface Mount Si-Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com