Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DDR1527SDC Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part No. DDR1527SDC
Description  Dual Vertical Flat-Screen Desk Stand/Clamp Mount, 15 in. to 27 in. Flat-Screen Displays
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

DDR1527SDC Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  DDR1527SDC Datasheet HTML 1Page - Tripp Lite. All Rights Reserved DDR1527SDC Datasheet HTML 2Page - Tripp Lite. All Rights Reserved DDR1527SDC Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Full 360° rotation in both portrait and landscape orientations
Durable Metal Construction
Each mounting plate supports displays up to 20 lb.
Scratch-resistant powder-coated finish blends with any décor
Mounting hardware included
Cable clamps organize cables and reduce clutter
VESA Compliance
Conforms to VESA-compliant universal mounting hole patterns
Specifications
PHYSICAL
Mounting Location
Desktop
Unit Dimensions (hwd / in.)
23.6 x 17.7 x 10.0
Unit Dimensions (hwd / cm)
60 x 45 x 28
Unit Weight (lbs.)
15.8
Unit Weight (kg)
7.2
Color
Black
Screen Size Compatibility (in.)
15 - 27
Screen Size Compatibility (cm)
38.1 - 68.6
VESA Pattern (mm)
75x75; 100x100
Motion
Full
Degrees of Motion
-20/+20 Tilt; 360 rotate, 20 Swivel
Maximum Weight Capacity (lbs.)
20
Maximum Weight Capacity (kg)
8.16
FEATURES & SPECIFICATIONS
Tools Necessary
Yes
WARRANTY
Product Warranty Period (U.S. &
Canada)
5-year limited warranty
© 2016 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
http://www.tripplite.com/products/product-certification-agencies
2 / 3


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn