Electronic Components Datasheet Search |
|
PT7M6431NLTA3E Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation |
|
PT7M6431NLTA3E Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation |
4 / 12 page |||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| 12-11-0002 PT0200-11 11/01/12 4 PT7M6418 -6450CL/CH /NL Low Power Voltage Detector Maximum Ratings Storage Temperature ............................................................-65ºC to +150ºC Ambient Temperature with Power Applied ..........................-40ºC to +85ºC Supply Voltage to Ground Potential (Vcc to GND) ..............-0.3V to +6.0V DC Input Voltage (All inputs except Vcc and GND).......-0.3V to VCC+0.3V DC Output Current (All outputs) .........................................................20mA ESD(HBM) for 64xxNL/NLL......................................................1KV ESD(HBM) for 64xxCL/CH/BL..................................................2KV Power Dissipation ..............................................................................320mW (Depend on package) DC Electrical Characteristics (VCC = 1.2V to 5.5V, TA= -40~85ºC, unless otherwise noted. Typical values are at TA = +25ºC) Description Sym Test Conditions Min Typ Max Unit Supply Voltage VCC TA= 0~70ºC 1.0 - 5.5 V TA= -40~85ºC 1.2 - 5.5 Supply Current ICC VCC = 3V. No load. - 0.6 1.2 µA VCC = 5V. No load. - 0.9 2.0 µA Output Driving Output high (Push-Pull only) VOH VCC ≥ 1.8V, Isource = 1mA 0.8×Vcc - - V VCC ≥ 2.5V, Isource = 3mA 0.8×Vcc - - VCC ≥ 4.5V, Isource = 8mA 0.8×Vcc - - Output low VOL VCC ≥ 1.2V, Isink = 1mA - - 0.3 V VCC ≥ 2.5V, Isink = 4mA - - 0.3 VCC ≥ 4.5V, Isink = 9mA - - 0.4 Open-Drain Output Leakage Current ILKG - - - 1 A Voltage Threshold* VTH- +25C (VTH-) 0.985 VTH- (VTH-) 1.015 V -40C~85C (VTH-) 0.975 VTH- (VTH-) 1.025 VTH+ +25C (VTH+) 0.985 VTH+ (VTH+) 1.015 -40C~85C (VTH+) 0.975 VTH+ (VTH+) 1.025 Voltage threshold Hysteresis VHYST VHYST = [(VTH+)-(VTH-)]/(VTH-) 100% 3 4.5 6 % Pushbutton Detect PBDV -40C~85C, Vcc = 5V 0.7 - 1.2 V Internal Pull-Up Resistor RP - 3.75 5 6.25 k * VTH+ = 1.05 VTH-. VTH- is VCC dropping from high to low voltage. VTH+ is VCC rising from low to high voltage. Note: Stresses greater than those listed under MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other condi- tions above those indicated in the operational sec- tions of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. |
Similar Part No. - PT7M6431NLTA3E |
|
Similar Description - PT7M6431NLTA3E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |