Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT7M6537CHTA5E Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PT7M6537CHTA5E
Description  Voltage Detector with Adjustable Delay Time
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7M6537CHTA5E Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PT7M6537CHTA5E Datasheet HTML 1Page - Pericom Semiconductor Corporation PT7M6537CHTA5E Datasheet HTML 2Page - Pericom Semiconductor Corporation PT7M6537CHTA5E Datasheet HTML 3Page - Pericom Semiconductor Corporation PT7M6537CHTA5E Datasheet HTML 4Page - Pericom Semiconductor Corporation PT7M6537CHTA5E Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7M6537CHTA5E Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7M6537CHTA5E Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7M6537CHTA5E Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2016-01-0031
PT0450-1
03/14/16
5
PT7M6518-6550(CL/CH /NL)
Voltage Detector with Adjustable Delay Time
Mechanical Information
TA5 (SOT23-5)
SYMBOL
MIN
MAX
A
1.05
1.25
A1
0.00
0.10
A2
1.05
1.15
b
0.30
0.50
c
0.10
0.20
D
2.82
3.02
E
1.50
1.70
E1
2.65
2.95
e
e1
1.80
2.00
L
0.30
0.60
θ
PKG.
DIMENSIONS(MM)
0.95BSC
Note:
1) Controlling dimensions in millimeters.
2) Ref : JEDEC MO-178C/AA


Similar Part No. - PT7M6537CHTA5E

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PT7M6518 DIODES-PT7M6518 Datasheet
998Kb / 9P
   Voltage Detector with Adjustable Delay Time
5/10/2017
PT7M65XXCHC4E DIODES-PT7M65XXCHC4E Datasheet
998Kb / 9P
   Voltage Detector with Adjustable Delay Time
5/10/2017
PT7M65XXCHTA5E DIODES-PT7M65XXCHTA5E Datasheet
998Kb / 9P
   Voltage Detector with Adjustable Delay Time
5/10/2017
PT7M65XXCHXVE DIODES-PT7M65XXCHXVE Datasheet
998Kb / 9P
   Voltage Detector with Adjustable Delay Time
5/10/2017
PT7M65XXCLC4E DIODES-PT7M65XXCLC4E Datasheet
998Kb / 9P
   Voltage Detector with Adjustable Delay Time
5/10/2017
More results

Similar Description - PT7M6537CHTA5E

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PT7M6518 DIODES-PT7M6518 Datasheet
998Kb / 9P
   Voltage Detector with Adjustable Delay Time
5/10/2017
logo
Torex Semiconductor
XC6119 TOREX-XC6119 Datasheet
313Kb / 16P
   Voltage Detector with Delay Time Adjustable
XC6129 TOREX-XC6129 Datasheet
598Kb / 30P
   Voltage Detector with Delay Time Adjustable
logo
List of Unclassifed Man...
BD5260G ETC1-BD5260G Datasheet
387Kb / 4P
   VOLTAGE DETECTOR IC with adjustable delay time
logo
Rohm
BD53XXG ROHM-BD53XXG Datasheet
307Kb / 6P
   Voltage Detector IC with Adjustable Output Delay
BD52XXFVE ROHM-BD52XXFVE Datasheet
317Kb / 6P
   Voltage Detector IC with Adjustable Output Delay
BD53XXFVE ROHM-BD53XXFVE Datasheet
311Kb / 6P
   Voltage Detector IC with Adjustable Output Delay
BU42XXG ROHM-BU42XXG Datasheet
341Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU42XXFVE ROHM-BU42XXFVE Datasheet
349Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU43XXG ROHM-BU43XXG Datasheet
326Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com