Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4148 Datasheet(PDF) 3 Page - Nanjing International Group Co

Part # 1N4148
Description  Silicon Epitaxial Planar Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

1N4148 Datasheet(HTML) 3 Page - Nanjing International Group Co

  1N4148 Datasheet HTML 1Page - Nanjing International Group Co 1N4148 Datasheet HTML 2Page - Nanjing International Group Co 1N4148 Datasheet HTML 3Page - Nanjing International Group Co 1N4148 Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1N4148
Ctot(VR)
Ctot(0V)
100
0
0
200
300
400
Ptot
600
500
700
100
200 C
Tamb
o
0.7
0
2
0
46
8
VR
0.8
0.9
1.0
10 V
Admissible power dissipation
versus ambient temperature
Valid provided that leads at a distance of 8 mm from case
are kept at ambient temperature
900
800
1000
mW
-2
10
0
-1
10
1
VF
1N 4148
12 V
Forward characteristics
i F
10
2
10
10
3
Tj=25 C
Tj=100 C
o
o
1N 4148
10 2
Tj=25 C
f=1MHz
1N 4148
IF
Relative capacitance
versus reverse voltage
1.1
o
-1
10
1
2
5
-2
10
10
2
5
110
10 mA
2
Tj=25 C
f=1KHz
1N 4148
Dynamic forward resistance
versus forward current
2
5
rf
2
3
10
4
10
5
o
mA


Similar Part No. - 1N4148

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1N4148 PHILIPS-1N4148 Datasheet
57Kb / 8P
   High-speed diodes
1999 May 25
logo
Micro Commercial Compon...
1N4148 MCC-1N4148 Datasheet
239Kb / 4P
   Metalurgically Bonded Construction Low Current Leakage High Reliability
logo
Won-Top Electronics
1N4148 WTE-1N4148 Datasheet
42Kb / 4P
   FAST SWITCHING DIODE
logo
NXP Semiconductors
1N4148 PHILIPS-1N4148 Datasheet
128Kb / 9P
   High-speed diodes
2004 Aug 10
logo
Dc Components
1N4148 DCCOM-1N4148 Datasheet
180Kb / 2P
   TECHNICAL SPECIFICATIONS OF HIGH SPEED SWITCHING DIODES
More results

Similar Description - 1N4148

ManufacturerPart #DatasheetDescription
logo
Rohm
DA221 ROHM-DA221 Datasheet
74Kb / 4P
   Switching diode Silicon epitaxial planar
logo
Zowie Technology Corpor...
1N4148WSGH ZOWIE-1N4148WSGH Datasheet
131Kb / 2P
   Silicon Epitaxial Planar Switching Diode
logo
SEMTECH ELECTRONICS LTD...
BAV70W SEMTECH_ELEC-BAV70W Datasheet
287Kb / 2P
   SILICON EPITAXIAL PLANAR SWITCHING DIODE
logo
Zowie Technology Corpor...
1N4148WTGH ZOWIE-1N4148WTGH Datasheet
152Kb / 2P
   Silicon Epitaxial Planar Switching Diode
1N4148WSGH ZOWIE-1N4148WSGH_11 Datasheet
140Kb / 3P
   Silicon Epitaxial Planar Switching Diode
logo
Zibo Seno Electronic En...
1N914G ZSELEC-1N914G Datasheet
127Kb / 3P
   Silicon Epitaxial Planar Switching Diode
1N914W ZSELEC-1N914W Datasheet
148Kb / 3P
   Silicon Epitaxial Planar Switching Diode
1N4448 ZSELEC-1N4448 Datasheet
123Kb / 3P
   Silicon Epitaxial Planar Switching Diode
1SS400 ZSELEC-1SS400 Datasheet
180Kb / 3P
   Silicon Epitaxial Planar Switching Diode
logo
Olitech Electronics Co....
BAS35 OLITECH-BAS35 Datasheet
515Kb / 3P
   Silicon Epitaxial Planar Switching Diode
logo
Nanjing International G...
MMBD914 DGNJDZ-MMBD914 Datasheet
277Kb / 2P
   Silicon Epitaxial Planar Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com