Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMC1186 Datasheet(PDF) 10 Page - SMSC Corporation

Part # EMC1186
Description  Notebook Computers
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1186 Datasheet(HTML) 10 Page - SMSC Corporation

Back Button EMC1186 Datasheet HTML 6Page - SMSC Corporation EMC1186 Datasheet HTML 7Page - SMSC Corporation EMC1186 Datasheet HTML 8Page - SMSC Corporation EMC1186 Datasheet HTML 9Page - SMSC Corporation EMC1186 Datasheet HTML 10Page - SMSC Corporation EMC1186 Datasheet HTML 11Page - SMSC Corporation EMC1186 Datasheet HTML 12Page - SMSC Corporation EMC1186 Datasheet HTML 13Page - SMSC Corporation EMC1186 Datasheet HTML 14Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
Dual Channel 1°C Temperature Sensor with Hardware Thermal Shutdown and 1.8V SMBus Communications
Datasheet
Revision 1.0 (07-11-13)
10
SMSC EMC1186
DATASHEET
Chapter 3 Electrical Specifications
3.1
Absolute Maximum Ratings
Note: Stresses at or above those listed could cause permanent damage to the device. This is a stress
rating only and functional operation of the device at any other condition above those indicated
in the operation sections of this specification is not implied.
Note 3.1
For the 5V tolerant pins that have a pull-up resistor (SMCLK, SMDATA,SYS_SHDN, and
ALERT), the pull-up voltage must not exceed 3.6V when the device is unpowered.
3.2
Electrical Specifications
Table 3.1 Absolute Maximum Ratings
DESCRIPTION
RATING
UNIT
Supply Voltage (VDD)
-0.3 to 4.0
V
Voltage on 5V tolerant pins (V5VT_pin)
-0.3 to 5.5
V
Voltage on 5V tolerant pins (|V5VT_pin - VDD|) (see Note 3.1)0 to 3.6
V
Voltage on any other pin to Ground
-0.3 to VDD +0.3
V
Operating Temperature Range
-40 to +125
°C
Storage Temperature Range
-55 to +150
°C
Lead Temperature Range
Refer to JEDEC Spec. J-STD-020
Package Thermal Characteristics for DFN-10
Thermal Resistance (
θj-a)77.1
°C/W
ESD Rating, All pins HBM
2000
V
Table 3.2 Electrical Specifications
VDD = 3.0V to 3.6V, TA = -40°C to 125°C, all typical values at TA = 27°C unless otherwise noted.
CHARACTERISTIC
SYMBOL
MIN
TYP
MAX
UNITS
CONDITIONS
DC Power
Supply Voltage
VDD
3.0
3.3
3.6
V
Supply Current
IDD
200
410
µA
0.0625 conversion / sec, dynamic
averaging disabled
215
425
µA
1 conversion / sec, dynamic
averaging disabled
325
465
µA
4 conversions / sec, dynamic
averaging disabled


Similar Part No. - EMC1186

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
EMC1186 MICROCHIP-EMC1186 Datasheet
461Kb / 43P
   Notebook Computers
Rev. 1.0 07-11-13
More results

Similar Description - EMC1186

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LCDA12C-8 LEIDITECH-LCDA12C-8 Datasheet
223Kb / 3P
   Notebook Computers
logo
Microchip Technology
EMC1186 MICROCHIP-EMC1186 Datasheet
461Kb / 43P
   Notebook Computers
Rev. 1.0 07-11-13
EMC1188 MICROCHIP-EMC1188 Datasheet
541Kb / 48P
   Notebook Computers
Rev. 1.0 07-11-13
logo
SMSC Corporation
EMC1188 SMSC-EMC1188 Datasheet
541Kb / 48P
   Notebook Computers
logo
Rohm
BA7786FP-Y ROHM-BA7786FP-Y Datasheet
302Kb / 24P
   Headphone / speaker amplifier for notebook computers
logo
Anpec Electronics Corop...
APW8820 ANPEC-APW8820 Datasheet
534Kb / 23P
   System Power PWM Controller for Notebook Computers
logo
Renesas Technology Corp
ISL6253 RENESAS-ISL6253 Datasheet
1,021Kb / 22P
   Highly Integrated Battery Charger for Notebook Computers
logo
Anpec Electronics Corop...
APW8811 ANPEC-APW8811 Datasheet
365Kb / 23P
   System Power PWM Controller for Notebook Computers
logo
Intersil Corporation
ISL6253 INTERSIL-ISL6253 Datasheet
549Kb / 22P
   Highly Integrated Battery Charger for Notebook Computers
logo
Maxim Integrated Produc...
MAX782 MAXIM-MAX782 Datasheet
497Kb / 32P
   Triple-Output Power-Supply Controller for Notebook Computers
Rev 2; 5/94
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com