Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SES12VT23-3 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # SES12VT23-3
Description  ESD Protection Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

SES12VT23-3 Datasheet(HTML) 1 Page - Nanjing International Group Co

  SES12VT23-3 Datasheet HTML 1Page - Nanjing International Group Co SES12VT23-3 Datasheet HTML 2Page - Nanjing International Group Co SES12VT23-3 Datasheet HTML 3Page - Nanjing International Group Co SES12VT23-3 Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
ESD Protection Diode
1
2
3
Features
300 Watts peak pulse power (tP = 8/20 s)
SOT-23 package
Protects one bidirectional or two unidirectional lines
Fast response time,typically < 1 ns
Excellent clamping voltage
Low leakage current
IEC 61000-4-2
15kV (Air) ESD protection
IEC 61000-4-2
8kV (Contact) ESD protection
IEC 61000-4-4 40A (5/50ns) EFT protection
RoHS compliant
Applications
Cellular Handsets and Accessories
Portable Electronics
Control & Monitoring Systems
Servers, Notebooks, and Desktop Pcs
Set-Top Box
Communication Systems
Absolute Maximum Ratings
(TA=25
, Unless otherwise specified.)
Rating
Symbols
Value
Units
Peak Pulse Power (tP=8/20 S)
PPP
300
W
Operating Temperature
TJ
-55 to +150
Storage temperature
TSTG
-50 to +150
Electrical Characteristics
(TA=25
, Unless otherwise specified.)
Parameter
Symbols
Conditions
Min
Typ
Max
Units
Reverse stand-off Voltage
VRWM
12
V
Reverse Breakdown Voltage
VBR
IT=1mA
13.3
16.5
V
Reverse Leakage Current
IR
VR=12V
1
A
Clamping Voltage
VC
IPP=1A
TP=8/20 S
16
V
Clamping Voltage
VC
IPP=10A
TP=8/20 S
28
V
Junction Capacitance
CJ
VR=0V,f=1MHz
60
pF
SOT-23
Schematic Diagram
SES12VT23-3
www.dgnjdz.com


Similar Part No. - SES12VT23-3

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SES12VT23-3 GOOD-ARK-SES12VT23-3 Datasheet
349Kb / 4P
   Bidirectional ESD Protection Array
More results

Similar Description - SES12VT23-3

ManufacturerPart #DatasheetDescription
logo
Rohm
RSB6.8G ROHM-RSB6.8G Datasheet
160Kb / 3P
   ESD Protection diode
logo
AUK corp
SDT6D8EF AUK-SDT6D8EF Datasheet
255Kb / 3P
   ESD Protection Diode
logo
Pan Jit International I...
PJQA6V8C PANJIT-PJQA6V8C Datasheet
209Kb / 3P
   ESD Protection diode
logo
WILLAS ELECTRONIC CORP
SESD9DXXV WILLAS-SESD9DXXV Datasheet
387Kb / 4P
   ESD Protection Diode
logo
Rohm
RSB6.8STE61 ROHM-RSB6.8STE61 Datasheet
394Kb / 3P
   ESD Protection diode
logo
Leshan Radio Company
LESD7D5.0T5G LRC-LESD7D5.0T5G Datasheet
499Kb / 6P
   ESD PROTECTION DIODE
logo
Sanyo Semicon Device
DA473S6 SANYO-DA473S6 Datasheet
285Kb / 4P
   ESD Protection Diode
logo
AUK corp
SDT6B2Q AUK-SDT6B2Q Datasheet
52Kb / 3P
   ESD Protection Diode
logo
Dallas Semiconductor
DS9502 DALLAS-DS9502 Datasheet
67Kb / 3P
   ESD Protection Diode
logo
Socay Electornics Co., ...
ESD11D05V-A SOCAY-ESD11D05V-A Datasheet
387Kb / 3P
   ESD Protection Diode
ESD11D05V-C SOCAY-ESD11D05V-C Datasheet
377Kb / 3P
   ESD Protection Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com