Electronic Components Datasheet Search |
|
PT7M6142NLEC4E Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation |
|
PT7M6142NLEC4E Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation |
1 / 11 page |||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| Low Power Voltage Detector 2015-12-0005 PT0181-15 01/18/16 1 PT7M6118-6150 CL/CH /NL Features Highly accurate: 1.5% (25°C) Low power consumption: 1μA @ 3.6V Vcc Detect voltage range: 1.8 to 5V in 100mV increments Operating voltage range: 1.2V ~ 5.5V Operating temperature range: -40°C to + 85°C Detect voltage accuracy over temperature: 2.5% Typ Output configuration: N-channel open drain or CMOS Description The PT7M61xx serials of ultra-low-power voltage detectors monitor battery, power-supply and system voltages. Each circuit includes a precision bandgap reference, a comparator, internally trimmed resistor networks that set specified trip thresholds, and an internal 1% and 5% threshold hysteresis circuit. Output is asserted when VCC falls below the internal VTH- and remains asserted until VCC rises above VTH+ (VTH+ = VTH-×1.05). These devices provide excellent circuit reliability and low cost by eliminating external components and adjustments when monitoring nominal system voltages from +1.8V to +5V in 100mV increments. The series are voltage detectors with a propagation delay of 17µs. The family is available with three output stage options: push-pull with active-low output, push-pull with active- high output, and open drain with active-low output. These devices specified over the -40°C to +85°C temperature range. Pin Configuration |
Similar Part No. - PT7M6142NLEC4E |
|
Similar Description - PT7M6142NLEC4E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |