Electronic Components Datasheet Search |
|
PT7M6435CHTA3E Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation |
|
PT7M6435CHTA3E Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation |
1 / 12 page ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| Low Power Voltage Detector 12-11-0002 PT0200-11 11/01/12 1 PT7M6418 -6450 CL/CH /NL Features High accuracy: 2% (25°C) Low power consumption: 0.6μA @ 3V Vcc Detecting voltage range: 1.8 to 5V in 100mV increments Operating voltage range: 1.2V ~ 5.5V Operating temperature range: -40°C to + 85°C Detecting voltage accuracy over temperature: 2.5% TYP Output configuration: N-channel open drain or CMOS Reset timeout period at least 120ms Description The PT7M64xx series are µP supervisory circuits with a minimum reset timeout period of 120ms. Each circuit includes a precise bandgap reference; a comparator, a reset timeout circuit, internally trimmed resistor networks that set specified trip thresholds, and an internal 5% threshold hysteresis circuit (see the Block Diagram). Output is asserted when VCC falls below the internal VTH- and remains asserted until VCC rises above VTH+ (VTH+ = VTH-×1.05) after a reset timeout period. These devices provide excellent circuit reliability and low cost by eliminating external components and adjustments when monitoring normal systems voltage from +1.8V to +5V in 100mV increments. The series are voltage detectors with a propagation delay of 35µs. The family is available with four output stage options: push-pull with active-low output, push-pull with active- high output, open drain with active-low output and bidirection port with active-low output and pushbutton reset input. These devices specified over the -40°C to +85°C temperature range. Table 1. Function comparison Item Part No. Reset Output Reset bi-direction Threshold Open-Drain Push-Pull Active high Active low Active high Active low 1 PT7M64xxCL - - - - 1.8V to 5.0V in 100mV increments 2 PT7M64xxCH - - - - 3 PT7M64xxNL - - - - |
Similar Part No. - PT7M6435CHTA3E |
|
Similar Description - PT7M6435CHTA3E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |