Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TD3082 Datasheet(PDF) 1 Page - Solid State Optronic

Part # TD3082
Description  High Isolation Voltage
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

TD3082 Datasheet(HTML) 1 Page - Solid State Optronic

  TD3082 Datasheet HTML 1Page - Solid State Optronic TD3082 Datasheet HTML 2Page - Solid State Optronic TD3082 Datasheet HTML 3Page - Solid State Optronic TD3082 Datasheet HTML 4Page - Solid State Optronic TD3082 Datasheet HTML 5Page - Solid State Optronic TD3082 Datasheet HTML 6Page - Solid State Optronic TD3082 Datasheet HTML 7Page - Solid State Optronic TD3082 Datasheet HTML 8Page - Solid State Optronic TD3082 Datasheet HTML 9Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© 2013 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 1 of 9
TD3082
Zero Volt Switching
800V
Triac Driver
TD3082 /H/S/TR
Rev 2.00 (11/12/2013)
001681
Description
The TD3082 consists of a single input LED optically
coupled to a zero-volt crossing triac driver. The TD3082
provides high input-to-output isolation and is designed to
drive high-powered triacs. Typical uses include interfacing
logic level control signals to equipment powered from
240VAC lines and higher.
The TD3082 comes standard in a miniature 6 pin DIP
package making it ideal for high-density board applications.
Schematic Diagram
Agency Approvals
UL/C-UL:
File # E201932
VDE:
File # 40035191 (EN 60747-5-2)
Applications
Home Appliances
Motor / Drive Controls
Solid State Relays
Solenoid / Valve Control
Temperature Control
Absolute Maximum Ratings
The values indicated are absolute stress ratings. Functional
operation of the device is not implied at these or any
conditions in excess of those defined in electrical
characteristics section of this document. Exposure to
absolute Maximum Ratings may cause permanent damage
to the device and may adversely affect reliability.
Storage Temperature …………………………..-55 to +125°C
Operating Temperature …….………...………-40 to +100°C
Continuous Input Current………………………………..50mA
Transient Input Current ………………….……………..400mA
Reverse Input Control Voltage …………..…………………5V
Input Power Dissipation…………………………………40mW
Output Power Dissipation ……………………………..330mW
Solder Temperature – Wave (10sec)……………….….260°C
Solder Temperature – IR Reflow (10sec)….…………..260°C
Ordering Information
Part Number
Description
TD3082
6 pin DIP, (60/Tube)
TD3082-H
0.40” (10.16mm) Lead Spacing (VDE0884)
TD3082-S
6 pin SMD, (60/Tube)
TD3082-STR
6 pin SMD, Tape and Reel (1000/Reel)
NOTE: Suffixes listed above are not included in marking on
device for part number identification
Features
Zero-Volt Switching
800V Blocking Voltage
Trigger Current (10mA MAX)
High Isolation Voltage (5000VRMS)
High dV/dt (1kV/
S MIN, 2kV/S TYP)
Long Life / High Reliability
RoHS / Pb-Free / REACH Compliant
1
2
5
6
(+) Input
(-) Input
Do Not Connect
(Triac Substrate)
+/- Load
TD3082
3
4
Do Not Connect
-/+ Load
Zero Volt
Crossing
Circuit


Similar Part No. - TD3082

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TD3082 ETC1-TD3082 Datasheet
181Kb / 4P
   Zero-Volt Switching Triac Driver
More results

Similar Description - TD3082

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2801-1-F3-A CEL-PS2801-1-F3-A Datasheet
251Kb / 17P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
December 2008
PS2806-4-A CEL-PS2806-4-A Datasheet
397Kb / 14P
   HIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
List of Unclassifed Man...
PS2703-1-K ETC2-PS2703-1-K Datasheet
300Kb / 13P
   HIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE SOP MULTI PHOTOCOUPLER
logo
Solid State Optronic
STZ8042 SSOUSA-STZ8042 Datasheet
400Kb / 9P
   High Isolation Voltage
logo
Analog Technologies, In...
AT5005 ANALOGTECHNOLOGIES-AT5005 Datasheet
286Kb / 3P
   High Voltage Isolation Amplifier
7/5/2021
AT202JN ANALOGTECHNOLOGIES-AT202JN Datasheet
269Kb / 5P
   High Voltage Isolation Amplifier
4/15/2022
logo
Solid State Optronic
AD6C211-L SSOUSA-AD6C211-L_15 Datasheet
309Kb / 9P
   High Isolation Voltage (3750VRMS)
logo
Micross Components
MYXDB0650-10CEN MICROSS-MYXDB0650-10CEN Datasheet
319Kb / 3P
   High voltage 650V isolation
logo
Analog Technologies, In...
ATIA202KY ANALOGTECHNOLOGIES-ATIA202KY Datasheet
258Kb / 5P
   High Voltage Isolation Amplifier
4/15/2022
AT202KN ANALOGTECHNOLOGIES-AT202KN Datasheet
275Kb / 5P
   High Voltage Isolation Amplifier
4/15/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com