Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT7M6221CHTA5E Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PT7M6221CHTA5E
Description  Voltage Detector
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7M6221CHTA5E Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PT7M6221CHTA5E Datasheet HTML 1Page - Pericom Semiconductor Corporation PT7M6221CHTA5E Datasheet HTML 2Page - Pericom Semiconductor Corporation PT7M6221CHTA5E Datasheet HTML 3Page - Pericom Semiconductor Corporation PT7M6221CHTA5E Datasheet HTML 4Page - Pericom Semiconductor Corporation PT7M6221CHTA5E Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7M6221CHTA5E Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7M6221CHTA5E Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7M6221CHTA5E Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7M6221CHTA5E Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2013-04-0013
PT0270-2
05/10/13
5
PT7M6218 -6250CL/CH /NL
Voltage Detector
AC Electrical Characteristics
Timing diagram
(VCC = 1.2V to 5.5V, TA= -40~85ºC, unless otherwise noted. Typical values are at TA = +25ºC)
Sym.
Description
Test Conditions
Min
Typ
Max
Unit
tRP
Timeout Period
-
-
-
200
s
tP
Delay
-
-
50
-
s
Typical Operation Circuit
PT7M62xxNL Application Example
Please use N-ch open drains configuration, when a resistor RIN is connected between the VCC pin and power source VIN.
In such cases, please ensure that RIN is less than 10k and that C is more than 0.1F. RL could be 1kto 510k.
PT7M62xxNL
VIN
Vcc
RST
GND
RL
V
CC
t
RP
RST
t
RP
RST
(PT7M62xxCH)
V
TH+
V
TH-
V
TH+ = 1.05 x VTH-


Similar Part No. - PT7M6221CHTA5E

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PT7M6221CH DIODES-PT7M6221CH Datasheet
1,007Kb / 12P
   Voltage Detector
5/10/2017
More results

Similar Description - PT7M6221CHTA5E

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
   VOLTAGE DETECTOR
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
[Old version datasheet]   VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
   VOLTAGE DETECTOR
logo
Microchip Technology
TC54 MICROCHIP-TC54_07 Datasheet
229Kb / 16P
   Voltage Detector
2007
logo
Texas Instruments
TPS3803-01-EP TI1-TPS3803-01-EP_16 Datasheet
925Kb / 18P
[Old version datasheet]   VOLTAGE DETECTOR
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
   VOLTAGE DETECTOR
logo
Fujitsu Component Limit...
MB3761 FUJITSU-MB3761 Datasheet
414Kb / 13P
   VOLTAGE DETECTOR
logo
Holtek Semiconductor In...
HT70XX HOLTEK-HT70XX Datasheet
131Kb / 16P
   Voltage Detector
logo
Microchip Technology
TC54 MICROCHIP-TC54 Datasheet
215Kb / 12P
   Voltage Detector
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com