Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT7M6141CHC3E Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PT7M6141CHC3E
Description  Low Power Voltage Detector
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7M6141CHC3E Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PT7M6141CHC3E Datasheet HTML 1Page - Pericom Semiconductor Corporation PT7M6141CHC3E Datasheet HTML 2Page - Pericom Semiconductor Corporation PT7M6141CHC3E Datasheet HTML 3Page - Pericom Semiconductor Corporation PT7M6141CHC3E Datasheet HTML 4Page - Pericom Semiconductor Corporation PT7M6141CHC3E Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7M6141CHC3E Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7M6141CHC3E Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7M6141CHC3E Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7M6141CHC3E Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-12-0005
PT0181-15
01/18/16
3
PT7M6118-6150 CL/CH /NL
Low Power Voltage Detector
Maximum Ratings
Storage Temperature ............................................................-65oC to +150oC
Ambient Temperature with Power Applied.......................... -40oC to +85oC
Supply Voltage to Ground Potential (Vcc to GND) ..............-0.3V to +6.0V
DC Input Voltage (All inputs except Vcc and GND)......-0.3V to VCC+0.3V
DC Output Current (All outputs) ..........................................................20mA
Power Dissipation .......................................... 320mW (Depend on package)
DC Electrical Characteristics
(VCC = 1.2V to 5.5V, TA= -40~85ºC, unless otherwise noted. Typical values are at TA = +25ºC)
Description
Sym.
Test Conditions
Min
Typ
Max
Unit
Supply Voltage
VCC
TA= 0~70ºC
1.0
-
5.5
V
TA= -40~85ºC
1.2
-
5.5
Supply Current
ICC
VCC = 3.6V. No load.
-
1.0
3.0
µA
VCC = 5V. No load.
-
1.3
3.6
µA
Output
Driving
Output high
VOH
VCC ≥ 1.8V, Isource = 1mA
0.8×Vcc
-
-
V
VCC ≥ 2.5V, Isource = 3mA
0.8×Vcc
-
-
VCC ≥ 4.5V, Isource = 8mA
0.8×Vcc
-
-
Output low
VOL
VCC ≥ 1.2V, Isink = 1mA
-
-
0.3
V
VCC ≥ 2.5V, Isink = 4mA
-
-
0.3
VCC ≥ 4.5V, Isink = 9mA
-
-
0.4
Open-Drain Output Leakage
Current
ILKG
-
-
-
1
A
Voltage Threshold
VTH-
+25C
(VTH-)
0.985
VTH-
(VTH-)
1.015
V
-40C~85C
(VTH-)
0.975
VTH-
(VTH-)
1.025
VTH+
+25C
(VTH+)
0.985
VTH+
(VTH+)
1.015
-40C~85C
(VTH+)
0.975
VTH+
(VTH+)
1.025
voltage threshold Hysteresis
VHYST
VHYST = [(VTH+)-(VTH-)]/(VTH-)
100%
3
4.5
6
%
-
1
-
Note: VTH+ = 1.05  VTH- VTH- is voltage threshold when Vcc falls from high to low. VTHis voltage threshold when Vcc rises
from low to high.
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the
device. This is a stress rating only and functional
operation of the device at these or any other condi-
tions above those indicated in the operational sec-
tions of this specification is not implied. Exposure
to absolute maximum rating conditions for extended
periods may affect reliability.


Similar Part No. - PT7M6141CHC3E

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7M6101 PERICOM-PT7M6101 Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
PT7M6101CH PERICOM-PT7M6101CH Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
PT7M6101CHC4E PERICOM-PT7M6101CHC4E Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
PT7M6101CHNE PERICOM-PT7M6101CHNE Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
PT7M6101CHTAE PERICOM-PT7M6101CHTAE Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
More results

Similar Description - PT7M6141CHC3E

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7M6418 PERICOM-PT7M6418 Datasheet
393Kb / 12P
   Low Power Voltage Detector
logo
Shenzhen Huazhimei Semi...
HM70XX HMSEMI-HM70XX Datasheet
1Mb / 11P
   Low Power Voltage Detector
HM61XX HMSEMI-HM61XX Datasheet
1Mb / 12P
   Low Power Voltage Detector
logo
STMicroelectronics
STM1061 STMICROELECTRONICS-STM1061 Datasheet
289Kb / 21P
   Low Power Voltage Detector
STM1061 STMICROELECTRONICS-STM1061_06 Datasheet
193Kb / 23P
   Low Power Voltage Detector
logo
Asahi Kasei Microsystem...
AP4400A AKM-AP4400A Datasheet
490Kb / 12P
   Ultra Low Power Voltage Detector
logo
Silicon Standard Corp.
SS6680 SSC-SS6680 Datasheet
570Kb / 10P
   Ultra Low Power Voltage Detector
logo
Catalyst Semiconductor
CAT808 CATALYST-CAT808 Datasheet
193Kb / 8P
   Low-Power Precision Voltage Detector
logo
Asahi Kasei Microsystem...
AP4400AEC AKM-AP4400AEC Datasheet
363Kb / 11P
   Ultra Low Power Voltage Detector
logo
HuaXinAn Electronics CO...
AP4400A HUAXINAN-AP4400A Datasheet
493Kb / 12P
   Ultra Low Power Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com