Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS401 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # RS401
Description  SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

RS401 Datasheet(HTML) 2 Page - Nanjing International Group Co

  RS401 Datasheet HTML 1Page - Nanjing International Group Co RS401 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.1
1.0
.01
10
50
RATING AND CHARACTERISTIC CURVES (RS401 THRU RS407)
FIG.4-TYPICAL REVERSE
CHARACTERISTICS
FIG.1-TYPICAL FORWARD CURRENT
FIG.2-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
PERCENTAGE OF PEAK REVERSE VOLTAGE, (%)
1
2
3
4
5
6
100
50
150
250
200
20
40
60
80
100 120 140
3.0
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
CASE TEMPERATURE ( C)
DERATING CURVE
0.1
1.0
.01
10
50
FIG.3-TYPICAL FORWARD
CHARACTERISTICS
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
0
.2
.4
.6
.8
1.0
1.2
1.4
3.0
0
25
50
75
100 125
150
175
Tj=100 C
Tj=25 C
Tj=25 C
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method


Similar Part No. - RS401

ManufacturerPart #DatasheetDescription
logo
Dc Components
RS401 DCCOM-RS401 Datasheet
379Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Galaxy Semi-Conductor H...
RS401 BILIN-RS401 Datasheet
128Kb / 3P
   Silicon Bridge Rectifiers
logo
Leshan Radio Company
RS401 LRC-RS401 Datasheet
50Kb / 2P
   4.0A BRIDGE RECTIFIERS
logo
Zibo Seno Electronic En...
RS401 ZSELEC-RS401 Datasheet
83Kb / 2P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Galaxy Semi-Conductor H...
RS401 BILIN-RS401 Datasheet
94Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results

Similar Description - RS401

ManufacturerPart #DatasheetDescription
logo
Formosa MS
RS401L FORMOSA-RS401L Datasheet
30Kb / 2P
   SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
logo
Bytesonic Electronics C...
GBL4005 BYTESONIC-GBL4005 Datasheet
339Kb / 2P
   SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
logo
UNIOHM CORPORATION
RS401L UNIOHM-RS401L Datasheet
61Kb / 2P
   SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
KBJ401 UNIOHM-KBJ401 Datasheet
66Kb / 2P
   SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
logo
Nanjing International G...
GBL401 DGNJDZ-GBL401 Datasheet
620Kb / 2P
   SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
GBJ401 YFWDIODE-GBJ401 Datasheet
252Kb / 2P
   SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
logo
Nanjing International G...
T4BU10 DGNJDZ-T4BU10 Datasheet
293Kb / 2P
   SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
KBL410 DGNJDZ-KBL410 Datasheet
229Kb / 2P
   SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
logo
Bytes
RS401L BYTES-RS401L Datasheet
146Kb / 2P
   SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
RS401M BYTES-RS401M Datasheet
148Kb / 2P
   SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com