Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS3A Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # RS3A
Description  3.0 AMP FAST RECOVERY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

RS3A Datasheet(HTML) 2 Page - Nanjing International Group Co

  RS3A Datasheet HTML 1Page - Nanjing International Group Co RS3A Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.1
1.0
.01
10
50
RATING AND CHARACTERISTIC CURVES (RS3A THRU RS3M)
FIG.1-TYPICAL FORWARD
CHARACTERISTICS
FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
FIG.5-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
0.5
1.0
1.5
2.0
2.5
3.0
0
20
40
60
80
100
120
140
160
180
200
140
120
100
80
60
40
20
0
(+)
(+)
25Vdc
(approx.)
()
()
PULSE
GENERATOR
(NOTE 2)
OSCILLISCOPE
(NOTE 1)
1
NON-
INDUCTIVE
W
NOTES: 1. Rise Time= 7ns max., Input Impedance= 1 megohm.22pF.
2. Rise Time= 10ns max., Source Impedance= 50 ohms.
+0.5A
0
-0.25A
-1.0A
|
|
|
|
|
|
|
|
1cm
SET TIME BASE FOR
50/10ns/cm
trr
.01
.05
.1
.5
1
5
10
50
100
D.U.T.
.6
.8
1.0 1.2 1.4 1.6 1.8 2.0
3.0
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
AMBIENT TEMPERATURE ( C)
FIG.3- TEST CIRCUIT DIAGRAM AND REVERSE
RECOVERY TIME CHARACTERISTICS
10
NONINDUCTIVE
50
NONINDUCTIVE
W
W
Tj=25 C
FIG.4-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
50
0
100
150
200
250
NUMBER OF CYCLES AT 60Hz
110
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method


Similar Part No. - RS3A

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
RS3A SSE-RS3A Datasheet
17Kb / 1P
   SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Diode Semiconductor Kor...
RS3A DSK-RS3A Datasheet
90Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
MIC GROUP RECTIFIERS
RS3A MIC-RS3A Datasheet
66Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Anova Technologies CO.,...
RS3A ANOVA-RS3A Datasheet
271Kb / 2P
   Surface Mount Fast Recovery Rectifiers
logo
DIOTEC Electronics Corp...
RS3A DEC-RS3A Datasheet
695Kb / 2P
   Low reverse leakage
More results

Similar Description - RS3A

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
MR850 DGNJDZ-MR850 Datasheet
397Kb / 2P
   3.0 AMP FAST RECOVERY RECTIFIERS
logo
UNIOHM CORPORATION
FR301 UNIOHM-FR301 Datasheet
66Kb / 2P
   3.0 AMP FAST RECOVERY RECTIFIERS
logo
Tiger Electronic Co.,Lt...
FR301 TGS-FR301 Datasheet
658Kb / 2P
   3.0 AMP FAST RECOVERY RECTIFIERS
logo
Shenzhen Yixinwei Techn...
FR301 YIXIN-FR301 Datasheet
253Kb / 2P
   3.0 AMP FAST RECOVERY RECTIFIERS
logo
Formosa MS
FR301 FORMOSA-FR301 Datasheet
33Kb / 2P
   3.0 AMP FAST RECOVERY RECTIFIERS
logo
Shenzhen Luguang Electr...
FR301 LUGUANG-FR301 Datasheet
191Kb / 2P
   3.0 AMP. Fast Recovery Rectifiers
logo
Bytes
BY396 BYTES-BY396 Datasheet
46Kb / 1P
   3.0 AMP FAST RECOVERY RECTIFIERS
logo
Goodwork Semiconductor ...
FR301 GWSEMI-FR301 Datasheet
67Kb / 2P
   3.0 AMP FAST RECOVERY RECTIFIERS
logo
Bytes
FR301 BYTES-FR301 Datasheet
152Kb / 2P
   3.0 AMP FAST RECOVERY RECTIFIERS
MR850 BYTES-MR850 Datasheet
153Kb / 2P
   3.0 AMP FAST RECOVERY RECTIFIERS
logo
Nanjing International G...
FR301 DGNJDZ-FR301 Datasheet
194Kb / 2P
   3.0 AMP FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com