Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT7M6549CLTA5E Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PT7M6549CLTA5E
Description  Voltage Detector with Adjustable Delay Time
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7M6549CLTA5E Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PT7M6549CLTA5E Datasheet HTML 1Page - Pericom Semiconductor Corporation PT7M6549CLTA5E Datasheet HTML 2Page - Pericom Semiconductor Corporation PT7M6549CLTA5E Datasheet HTML 3Page - Pericom Semiconductor Corporation PT7M6549CLTA5E Datasheet HTML 4Page - Pericom Semiconductor Corporation PT7M6549CLTA5E Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7M6549CLTA5E Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7M6549CLTA5E Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7M6549CLTA5E Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
Voltage Detector with Adjustable Delay Time
2016-01-0031
PT0450-1
03/14/16
1
PT7M6518-6550(CL/CH /NL)
Features
 Operate from VCC of 1.2V to 5.5V
 Capacitor-Adjustable Delay
 Active-High/-Low Output Options
 Open-Drain /Push-Pull Output Options
 Detect Voltage Threshold Accurate: 2.5% in full
Temperature from -40°C to +85°C
 Low Supply Current (2µA, Typ.)
 Ultra-Small 4-Pin UDFN Package or SOT23-5
Package or SC70-4 package
Applications
 Computers/Servers/Networking
 Medical Equipment
 Critical µP Monitoring
 Intelligent Instruments
 Set-Top Boxes/Portable Equipment
Description
The PT7M6518-6550 is a family of small, low-power,
voltage-monitoring circuits with adjustable delay time
capability. PT7M65xx series features a highly accurate
under
voltage
detector
with
hysteresis
and
an
externally programmable time delay generator. This
combination of features prevents erratic system reset
operation.
PT7M65xx series provide external capacitor to adjust
for set up delay time.
All series operate from a 1.2V to 5.5V supply voltage
and are fully specified over the -40°C to +85°C
operating temperature range. This family is available
in ultra-small 4-pin UDFN (1.6mm x 1.6mm) and
SC70-4 and SOT23-5 packages.
Pin Configuration
Pin Description
Name
Type
Description
RST
O
Active Low Reset Output: RST is asserted to LOW when VCC drops below voltage threshold VTH-
value (PT7M65xxCL/NL). PT7M65xxCL output with push-pull. PT7M65xxNLoutput with open-
drain which requires external pullup resistance.
RST
O
Active High Reset Output. RST is asserted High when VCC drops below voltage threshold VTH-
voltage (PT7M65xxCH). PT7M65xxCH output with push-pull.
GND
P
Ground.
VCC
P
Supply Voltage. Operation voltage from 1.2V to 5.5V. By pass 0.1uF ceramic capacitor to GND for
noise decoupling.
Cd
I/O
Capacitor Delay. Adjustable. Connect an external capacitor from Cd pin to GND to set the Reset
inactive delay time (timeout period) after VCC rise over voltage threshold VTH+. Do not short Cd pin
to GND directly. The delay time equation as tdelay=Cd(µF)×4×10
6µs +40µs.


Similar Part No. - PT7M6549CLTA5E

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PT7M6518 DIODES-PT7M6518 Datasheet
998Kb / 9P
   Voltage Detector with Adjustable Delay Time
5/10/2017
PT7M65XXCHC4E DIODES-PT7M65XXCHC4E Datasheet
998Kb / 9P
   Voltage Detector with Adjustable Delay Time
5/10/2017
PT7M65XXCHTA5E DIODES-PT7M65XXCHTA5E Datasheet
998Kb / 9P
   Voltage Detector with Adjustable Delay Time
5/10/2017
PT7M65XXCHXVE DIODES-PT7M65XXCHXVE Datasheet
998Kb / 9P
   Voltage Detector with Adjustable Delay Time
5/10/2017
PT7M65XXCLC4E DIODES-PT7M65XXCLC4E Datasheet
998Kb / 9P
   Voltage Detector with Adjustable Delay Time
5/10/2017
More results

Similar Description - PT7M6549CLTA5E

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PT7M6518 DIODES-PT7M6518 Datasheet
998Kb / 9P
   Voltage Detector with Adjustable Delay Time
5/10/2017
logo
Torex Semiconductor
XC6119 TOREX-XC6119 Datasheet
313Kb / 16P
   Voltage Detector with Delay Time Adjustable
XC6129 TOREX-XC6129 Datasheet
598Kb / 30P
   Voltage Detector with Delay Time Adjustable
logo
List of Unclassifed Man...
BD5260G ETC1-BD5260G Datasheet
387Kb / 4P
   VOLTAGE DETECTOR IC with adjustable delay time
logo
Rohm
BD53XXG ROHM-BD53XXG Datasheet
307Kb / 6P
   Voltage Detector IC with Adjustable Output Delay
BD52XXFVE ROHM-BD52XXFVE Datasheet
317Kb / 6P
   Voltage Detector IC with Adjustable Output Delay
BD53XXFVE ROHM-BD53XXFVE Datasheet
311Kb / 6P
   Voltage Detector IC with Adjustable Output Delay
BU42XXG ROHM-BU42XXG Datasheet
341Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU42XXFVE ROHM-BU42XXFVE Datasheet
349Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU43XXG ROHM-BU43XXG Datasheet
326Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com