Electronic Components Datasheet Search |
|
PT7M6240CLC3E Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation |
|
PT7M6240CLC3E Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation |
4 / 11 page ||||||||||||||||||||||||||||||||||||||||||||||||||| |||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| 2013-04-0013 PT0270-2 05/10/13 4 PT7M6218 -6250CL/CH /NL Voltage Detector Maximum Ratings Storage Temperature ............................................................-65oC to +150oC Ambient Temperature with Power Applied.......................... -40oC to +85oC Supply Voltage to Ground Potential (Vcc to GND) ..............-0.3V to +6.0V DC Input Voltage (All inputs except Vcc and GND)......-0.3V to VCC+0.3V DC Output Current (All outputs) ..........................................................20mA Power Dissipation .......................................... 320mW (Depend on package) DC Electrical Characteristics (VCC = 1.2V to 5.5V, TA= -40~85ºC, unless otherwise noted. Typical values are at TA = +25ºC) Description Sym. Test Conditions Min Typ Max Unit Supply Voltage VCC TA= 0~70ºC 1.0 - 5.5 V TA= -40~85ºC 1.2 - 5.5 Supply Current ICC VCC = 3V. No load. - 0.9 3.0 µA VCC = 5V. No load. - 1.3 3.6 µA Output Driving Output high VOH VCC ≥ 1.8V, Isource = 1mA 0.8×Vcc - - V VCC ≥ 2.5V, Isource = 3mA 0.8×Vcc - - VCC ≥ 4.5V, Isource = 8mA 0.8×Vcc - - Output low VOL VCC ≥ 1.2V, Isink = 1mA - - 0.3 V VCC ≥ 2.5V, Isink = 4mA - - 0.3 VCC ≥ 4.5V, Isink = 9mA - - 0.4 Open-Drain Output Leakage Current ILKG - - - 1 A Voltage Threshold VTH+ +25C (VTH+) 0.985 VTH+ (VTH+) 1.015 V -40C~85C (VTH+) 0.975 VTH+ (VTH+) 1.025 voltage threshold Hysteresis VHYST VHYST = [(VTH+)-(VTH-)]/(VTH-) 100% 3 5 6 % Note: VTH- = VTH+ / 1.045. VTH- is voltage threshold when Vcc falls from high to low. VTH+is voltage threshold when Vcc rises from low to high. Note: Stresses greater than those listed under MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other condi- tions above those indicated in the operational sec- tions of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. |
Similar Part No. - PT7M6240CLC3E |
|
Similar Description - PT7M6240CLC3E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |