Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT7M8218B27TAE Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PT7M8218B27TAE
Description  300mA, High PSRR, LDO Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7M8218B27TAE Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PT7M8218B27TAE Datasheet HTML 1Page - Pericom Semiconductor Corporation PT7M8218B27TAE Datasheet HTML 2Page - Pericom Semiconductor Corporation PT7M8218B27TAE Datasheet HTML 3Page - Pericom Semiconductor Corporation PT7M8218B27TAE Datasheet HTML 4Page - Pericom Semiconductor Corporation PT7M8218B27TAE Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7M8218B27TAE Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7M8218B27TAE Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7M8218B27TAE Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7M8218B27TAE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
12-11-0014
PT0440-1
11/21/12
2
PT7M8218
300mA, High PSRR, LDO Regulator
Maximum Ratings
Storage Temperature………………………………..…... -55oC to +125oC
Ambient Temperature with Power Applied......................... -40
oC to 85oC
Input Voltage …………………………………………................... +6.0V
Output Voltage ………………………………………. -0.3 to VCC +0.3V
EN pin Voltage ………………………………………………...… +6.0V
DC Input/Output Current ……………………………….………..700mA
Power Dissipation……………………………………….…SC70/300mW
SOT23/400mW
Recommended Operating Conditions
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VIN
Operating Voltage
-
1.7
-
5.5
V
VEN
Control Input Voltage
-
0
-
5.5
V
TA
Operating Temperature
-
-40
25
85
°C
DC Electrical Characteristics
(TA =25°C, VIN = VOUT + 1V for VOUT options greater than 1.5V. VIN = 2.5V for VOUT ≤1.5V, unless otherwise noted.)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Output Voltage
VOUT(E) *
VIN=VOUT(S)* +1.0V, IOUT=30mA
VOUT(S)*
0.98
VOUT(S)
VOUT(S)*
1.02
V
Input Voltage
VIN
-
1.7
-
5.5
V
Maximum Output
Current
IOUTMAX
VIN=VOUT(S)+1.0V
300
-
-
mA
Dropout Voltage
VDIF*
IOUT = 150mA
2.8V ≤VOUT(S)
-
150
-
mV
VOUT(S) ≤2.7V
-
180
-
Supply Current
ISS
VIN = VOUT(S) +1.0V, no load
-
36
50
µA
Standby Current
ISTB
VIN = VOUT(S)+1.0V, EN=GND
-
0.05
1
A
Line Regulation
ΔV
OUT/
ΔV
IN*VOUT
VOUT(S)+1.0V≤VIN≤5.5V, IOUT=30mA
-
0.02
0.2
%/V
Load Regulation
ΔV
OUT2
VIN = VOUT(S)+1.0V,
1.0mA≤I
OUT ≤150mA
-
10
mV
Output Voltage
Temperature
Characteristic
ΔV
OUT/
ΔTopr*V
OUT
IOUT=30mA, -40℃≤Topr≤85℃
-
+/-100
-
ppm/℃
Ripple Rejection
PSRR
VIN=[VOUT(S)+1.0]VDC+0.2Vp-p AC
IOUT=30mA, f=1kHz
(In case that Vout≤2.0V, VIN=3.0V)
-
75
-
dB
Current Limit
ILIM
VOUT = VOUT(S)*0.9
-
400
-
mA
Short Current Limit
ISC
Vout=0V
-
40
-
mA
Thermal Shutdown
TSD
-
-
170
-
Thermal Shutdown
Hysteresis
ΔTSD
-
-
20
-
EN “High” Voltage
VENH
-
1.2
-
-
V
EN “Low” Voltage
VENL
-
-
-
0.3
EN “High” Current
IENH
VIN=VOUT(S)+1.0V
-0.10
-
0.10
µA
EN “Low” Current
IENL
VIN= VOUT(S)+1.0V, EN=OFF
-0.10
-
0.10
Output Discharge
Resistance
Rdis
VIN = 4.0V, EN=OFF
-
50
-
Output Voltage Noise
VN
COUT=0.47µF, 10Hz to 100kHz
-
60
-
µVrms
Note:
*1: VOUT(S)=Specified output voltage
*2: VOUT(E)=Effective output voltage
(I.e. the output voltage when "VOUT(S)+1.0V" is provided at the VIN pin while maintaining a certain IOUT value).
*3: VDIF={VIN1(*5) -VOUT1(*4)}
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the
device. This is a stress rating only and functional
operation of the device at these or any other
conditions above those indicated in the operational
sections of this specification is not implied.
Exposure to absolute maximum rating conditions
for extended periods may affect reliability.


Similar Part No. - PT7M8218B27TAE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7M8216 PERICOM-PT7M8216 Datasheet
369Kb / 11P
   300mA, High PSRR, Tiny package, LDO Regulator
PT7M8216B09XYEX PERICOM-PT7M8216B09XYEX Datasheet
369Kb / 11P
   300mA, High PSRR, Tiny package, LDO Regulator
PT7M8216B09XZEX PERICOM-PT7M8216B09XZEX Datasheet
369Kb / 11P
   300mA, High PSRR, Tiny package, LDO Regulator
PT7M8216B10XYEX PERICOM-PT7M8216B10XYEX Datasheet
369Kb / 11P
   300mA, High PSRR, Tiny package, LDO Regulator
PT7M8216B10XZEX PERICOM-PT7M8216B10XZEX Datasheet
369Kb / 11P
   300mA, High PSRR, Tiny package, LDO Regulator
More results

Similar Description - PT7M8218B27TAE

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT72BXX HOLTEK-HT72BXX Datasheet
1Mb / 13P
   High PSRR 300mA LDO Regulator
HT72D1518 HOLTEK-HT72D1518 Datasheet
6Mb / 14P
   High PSRR 300mA Dual LDO Regulator
logo
Pericom Semiconductor C...
PT7M8216 PERICOM-PT7M8216 Datasheet
369Kb / 11P
   300mA, High PSRR, Tiny package, LDO Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1253 YOBON-YB1253 Datasheet
476Kb / 11P
   300mA, Low Power, High PSRR LDO Regulator
logo
Excelliance MOS Corp.
EM1103 EXCELLIANCE-EM1103 Datasheet
275Kb / 8P
   300mA, High PSRR, Low Noise LDO Regulator
EM1105 EXCELLIANCE-EM1105 Datasheet
756Kb / 8P
   300mA, High PSRR, Low Noise, Adjustable LDO Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1210 YOBON-YB1210 Datasheet
449Kb / 12P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
logo
Excelliance MOS Corp.
EM1101 EXCELLIANCE-EM1101 Datasheet
260Kb / 8P
   300mA High PSRR Low Noise, Adjustable LDO Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1210R YOBON-YB1210R Datasheet
388Kb / 12P
   300mA, Ultra-Low-Noise, High PSRR LDO Regulator
logo
Asahi Kasei Microsystem...
AP1152 AKM-AP1152 Datasheet
1,005Kb / 27P
   300mA Output,High PSRR,Low Noise LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com