Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT7M6315US41D3 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PT7M6315US41D3
Description  Supervisory Circuit
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7M6315US41D3 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PT7M6315US41D3 Datasheet HTML 1Page - Pericom Semiconductor Corporation PT7M6315US41D3 Datasheet HTML 2Page - Pericom Semiconductor Corporation PT7M6315US41D3 Datasheet HTML 3Page - Pericom Semiconductor Corporation PT7M6315US41D3 Datasheet HTML 4Page - Pericom Semiconductor Corporation PT7M6315US41D3 Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7M6315US41D3 Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-09-0002
PT0197-4
09/15/15
2
PT7M6315US
Supervisory Circuit
Block Diagram
T.C.
Reference
Timing
Delay
Vcc
GND
RST
VCC Resistor
Divider
MR
Function Description
Power Monitor
A microprocessor’s (µP’s) reset input starts the µP in a known state. Whenever the µP is in an unknown state, it should be held in
reset. The supervisory circuits assert reset during power-up and prevent code execution errors during power-down or brownout
conditions.
On power-up, once Vcc reaches about 1.0V, RST is a guaranteed logic low of 0.4V or less. As Vcc rises, RST stays low. When
Vcc rises above the reset threshold VRST, an internal timer releases RST after about 200ms (PT7M6315USxxD3) or 1570ms
(PT7M6315USxxD4) or 26ms (PT7M6315USxxD2) or 1.6ms (PT7M6315USxxD1). RST asserts whenever Vcc drops below the
reset threshold, i.e. brownout condition. If brownout occurs in the middle of a previously initiated reset pulse, the pulse continues
for at least another 200ms (PT7M6315USxxD3) or 1570ms (PT7M6315USxxD4) or 26ms (PT7M6315USxxD2) or 1.6ms
(PT7M6315USxxD1). On power-down, once Vcc falls below the reset threshold, RST stays low and is guaranteed to be 0.4V or
less until Vcc drops below 1V.
Manual Reset
The manual-reset input (MR) allows reset to be triggered by a pushbutton switch. The switch is effectively debounced by the
1.6ms (PT7M6315USxxD1) or 26ms (PT7M6315USxxD2) or 200ms (PT7M6315USxxD3) or 1570ms (PT7M6315USxxD4)
reset pulse width.


Similar Part No. - PT7M6315US41D3

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PT7M6315US DIODES-PT7M6315US Datasheet
991Kb / 8P
   Supervisory Circuit
March 2021 Rev 2-2
PT7M6315USXXD1TBEX DIODES-PT7M6315USXXD1TBEX Datasheet
991Kb / 8P
   Supervisory Circuit
March 2021 Rev 2-2
PT7M6315USXXD2TBEX DIODES-PT7M6315USXXD2TBEX Datasheet
991Kb / 8P
   Supervisory Circuit
March 2021 Rev 2-2
PT7M6315USXXD3TBEX DIODES-PT7M6315USXXD3TBEX Datasheet
991Kb / 8P
   Supervisory Circuit
March 2021 Rev 2-2
PT7M6315USXXD4TBEX DIODES-PT7M6315USXXD4TBEX Datasheet
991Kb / 8P
   Supervisory Circuit
March 2021 Rev 2-2
More results

Similar Description - PT7M6315US41D3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ASM161 ONSEMI-ASM161 Datasheet
140Kb / 7P
   Supervisory Circuit
August, 2011 ??Rev. 3
logo
Pericom Semiconductor C...
PT7M7436 PERICOM-PT7M7436 Datasheet
358Kb / 6P
   Supervisory Circuit
logo
Diodes Incorporated
PT7M6314US DIODES-PT7M6314US Datasheet
471Kb / 8P
   Supervisory Circuit
01/15/16
PT7M6315US DIODES-PT7M6315US Datasheet
991Kb / 8P
   Supervisory Circuit
March 2021 Rev 2-2
logo
Pericom Semiconductor C...
PT7M1233 PERICOM-PT7M1233 Datasheet
253Kb / 7P
   Supervisory Circuit
PT7M1818 PERICOM-PT7M1818 Datasheet
286Kb / 6P
   Supervisory Circuit
PT7M7433 PERICOM-PT7M7433 Datasheet
359Kb / 7P
   Supervisory Circuit
PT7M6314US PERICOM-PT7M6314US Datasheet
472Kb / 8P
   Supervisory Circuit
logo
Linear Technology
LTC1235 LINER-LTC1235_15 Datasheet
232Kb / 16P
   Microprocessor Supervisory Circuit
logo
RICOH electronics devic...
R5106N RICOH-R5106N Datasheet
446Kb / 14P
   Microprocessor Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com