Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT8A6311DE Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PT8A6311DE
Description  TDMA-Based 3-Player Remote Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT8A6311DE Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PT8A6311DE Datasheet HTML 3Page - Pericom Semiconductor Corporation PT8A6311DE Datasheet HTML 4Page - Pericom Semiconductor Corporation PT8A6311DE Datasheet HTML 5Page - Pericom Semiconductor Corporation PT8A6311DE Datasheet HTML 6Page - Pericom Semiconductor Corporation PT8A6311DE Datasheet HTML 7Page - Pericom Semiconductor Corporation PT8A6311DE Datasheet HTML 8Page - Pericom Semiconductor Corporation PT8A6311DE Datasheet HTML 9Page - Pericom Semiconductor Corporation PT8A6311DE Datasheet HTML 10Page - Pericom Semiconductor Corporation PT8A6311DE Datasheet HTML 11Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2014-10-0004
PT0136-6
11/19/14
7
PT8A6301/6311
TDMA-Based 3-Player Remote Controller
DC Electrical Characteristics of PT8A6311
Sym
Description
Test Conditions
Min
Typ
Max
Unit
VCC
Supply Voltage
-
1.0
1.2
2.6
V
ICC
Supply current
Note 2
-
0.3
3.0
mA
IIL
Input Low Current for logic input pins
Vin = 0
-
-10
μA
IIH
Input High Current for logic input pins
Vin = VCC
-
-
1
μA
IOH1
Output High Current1 for FORWARD and BACKWARD pins
Vout=VCC-0.2V
-150
-
-
μA
IOL1
Output Low Current1 for FORWARD and BACKWARD pins
Vout=0.2V
4
-
-
mA
IOH2
Output High Current2 for LEFT ,RIGHT, F1 and F2 pins
VCC=1.0V, Vout=VCC-0.2V
-800
-
-
μA
IOL2
Output Low Current3 for LEFT ,RIGHT, F1 and F2 pins
Vout=0.2V
150
600
-
μA
IOH3
Output High Current3 for FOUT
VCC=1.0V, Vout=VCC-0.2V
-800
-
-
μA
IOL3
Output Low Current3 for FOUT
Vout=0.2V
800
-
-
μA
VOFF
Amplifier input offset voltage
VCC=1.0v
-
20
mv
Note:
1. Test conditions Vcc=1.0-2.6V and TA=0°C to 70°C, unless otherwise specified
2. Feedback resistors for the two reversing amplifiers is 2.2MW and oscillator frequency is 125kHz.
AC Electrical Characteristics
Sym
Description
Test Conditions
Min
Typ
Max
Unit
fOSC
Oscillator frequency for PT8A6301
-
-
1
-
MHz
Td
Oscillator frequency for PT8A6311
-
118
125
132
KHz
The delay time between FC and SO(PT8T6301)
OSC frequency=1MHz
-
6
-
ms
TAS
Auto-Stop Time*(PT8T6311)
OSC frequency=125kHz
-
800
-
ms
VSI
SI Pin Receive Sensitivity(PT8T6311)
Guaranteed effective decoding
40
-
100
mV
Note: These conditions (PT8A6301): Vcc=3.0V and TA=0°C to 70°C, unless otherwise specified
These conditions (PT8A6311): Vcc=1.0-2.6V and TA=0°C to 70°C, unless otherwise specified
*Auto-stop time: if no effective signal received within the time, system will turn off all outputs automatically.


Similar Part No. - PT8A6311DE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PT8A2511 ETC-PT8A2511 Datasheet
127Kb / 1P
   PT8A2511
logo
Pericom Semiconductor C...
PT8A2511 PERICOM-PT8A2511 Datasheet
285Kb / 6P
   Toaster Controller
PT8A2511PE PERICOM-PT8A2511PE Datasheet
285Kb / 6P
   Toaster Controller
PT8A2511WE PERICOM-PT8A2511WE Datasheet
285Kb / 6P
   Toaster Controller
PT8A2512NE PERICOM-PT8A2512NE Datasheet
215Kb / 5P
   Simple Toaster Controller
More results

Similar Description - PT8A6311DE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
USM-110 ADVANTECH-USM-110 Datasheet
1Mb / 3P
   RISC Based 4K Digital Signage Player
29-Apr-2019
logo
Unisonic Technologies
RCR03 UTC-RCR03 Datasheet
138Kb / 9P
   3 FUNCTION DECODER FOR REMOTE CONTROLLER
logo
Advantech Co., Ltd.
DS-211 ADVANTECH-DS-211 Datasheet
408Kb / 2P
   ARM-based OPS Player with 4K output
25-Mar-2021
logo
List of Unclassifed Man...
BU9348K ETC-BU9348K Datasheet
188Kb / 2P
   RAM controller for CD player
logo
STMicroelectronics
AN2400 STMICROELECTRONICS-AN2400 Datasheet
446Kb / 23P
   Audio player evaluation board based on ST7Lite
logo
Advantech Co., Ltd.
ARK-DS220 ADVANTECH-ARK-DS220_14 Datasheet
2Mb / 2P
   ION-2-based OPS Digital Signage Player
logo
E-CMOS Corporation
ECF9000 E-CMOS-ECF9000 Datasheet
387Kb / 3P
   RFID remote controller
logo
Silicon Storage Technol...
SST65P542R SST-SST65P542R Datasheet
538Kb / 40P
   Remote Controller MCU
logo
National Semiconductor ...
DP83251 NSC-DP83251 Datasheet
657Kb / 96P
   PLAYER Device (FDDI Physical Layer Controller)
logo
Silicon Storage Technol...
SST65P542R SST-SST65P542R_05 Datasheet
475Kb / 41P
   Remote Controller MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com