Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT8A6301WE Datasheet(PDF) 9 Page - Pericom Semiconductor Corporation

Part # PT8A6301WE
Description  TDMA-Based 3-Player Remote Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT8A6301WE Datasheet(HTML) 9 Page - Pericom Semiconductor Corporation

Back Button PT8A6301WE Datasheet HTML 5Page - Pericom Semiconductor Corporation PT8A6301WE Datasheet HTML 6Page - Pericom Semiconductor Corporation PT8A6301WE Datasheet HTML 7Page - Pericom Semiconductor Corporation PT8A6301WE Datasheet HTML 8Page - Pericom Semiconductor Corporation PT8A6301WE Datasheet HTML 9Page - Pericom Semiconductor Corporation PT8A6301WE Datasheet HTML 10Page - Pericom Semiconductor Corporation PT8A6301WE Datasheet HTML 11Page - Pericom Semiconductor Corporation PT8A6301WE Datasheet HTML 12Page - Pericom Semiconductor Corporation PT8A6301WE Datasheet HTML 13Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2014-10-0004
PT0136-6
11/19/14
9
PT8A6301/6311
TDMA-Based 3-Player Remote Controller
PT8A6311 Typical Application Circuit for RC car with low voltage supply
B1
1.2V
A
-
M1
Q1
KA1298KIY
Q2
KA1298KIY
Q3
KC3265KEY
Q4
KC3265KEY
A1
ANTENNA
C1*
C2*
C3*
C4*
C5*
C6
104
C7
200P
C8
104
C9
200p
C16*
C17
47UF
Q5*
R1*
R2*
R3
10K
R4 2.2M
R5
10K
R6
1M
R7
10K
R8
7.5K
R9
3.3K
L1*
1.2V
C10
104
R10
30*
R11
30*
Q6
KC3265KEY
R12
20*
1.2V
VCC
C11
104
Q7
KC3265KEY
1.2V
Note: all KC3265KEY and K1298kIY transistor's Hfe>=200
C12
104
C13
47p
X1
X2
L2*
R13 270
C18
10UF
C14
104
R14
2M
R15
910k
C15
104
S1
R16
3.3k
R17 3.3k
R18
2k
PT8A6311
R19
3.6k
R20
1.2k
VCC
* Consult factory for details
VCC
VCC


Similar Part No. - PT8A6301WE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PT8A2511 ETC-PT8A2511 Datasheet
127Kb / 1P
   PT8A2511
logo
Pericom Semiconductor C...
PT8A2511 PERICOM-PT8A2511 Datasheet
285Kb / 6P
   Toaster Controller
PT8A2511PE PERICOM-PT8A2511PE Datasheet
285Kb / 6P
   Toaster Controller
PT8A2511WE PERICOM-PT8A2511WE Datasheet
285Kb / 6P
   Toaster Controller
PT8A2512NE PERICOM-PT8A2512NE Datasheet
215Kb / 5P
   Simple Toaster Controller
More results

Similar Description - PT8A6301WE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
USM-110 ADVANTECH-USM-110 Datasheet
1Mb / 3P
   RISC Based 4K Digital Signage Player
29-Apr-2019
logo
Unisonic Technologies
RCR03 UTC-RCR03 Datasheet
138Kb / 9P
   3 FUNCTION DECODER FOR REMOTE CONTROLLER
logo
Advantech Co., Ltd.
DS-211 ADVANTECH-DS-211 Datasheet
408Kb / 2P
   ARM-based OPS Player with 4K output
25-Mar-2021
logo
List of Unclassifed Man...
BU9348K ETC-BU9348K Datasheet
188Kb / 2P
   RAM controller for CD player
logo
STMicroelectronics
AN2400 STMICROELECTRONICS-AN2400 Datasheet
446Kb / 23P
   Audio player evaluation board based on ST7Lite
logo
Advantech Co., Ltd.
ARK-DS220 ADVANTECH-ARK-DS220_14 Datasheet
2Mb / 2P
   ION-2-based OPS Digital Signage Player
logo
E-CMOS Corporation
ECF9000 E-CMOS-ECF9000 Datasheet
387Kb / 3P
   RFID remote controller
logo
Silicon Storage Technol...
SST65P542R SST-SST65P542R Datasheet
538Kb / 40P
   Remote Controller MCU
logo
National Semiconductor ...
DP83251 NSC-DP83251 Datasheet
657Kb / 96P
   PLAYER Device (FDDI Physical Layer Controller)
logo
Silicon Storage Technol...
SST65P542R SST-SST65P542R_05 Datasheet
475Kb / 41P
   Remote Controller MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com