Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT7M6314US35D4 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PT7M6314US35D4
Description  Supervisory Circuit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7M6314US35D4 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PT7M6314US35D4 Datasheet HTML 1Page - Pericom Semiconductor Corporation PT7M6314US35D4 Datasheet HTML 2Page - Pericom Semiconductor Corporation PT7M6314US35D4 Datasheet HTML 3Page - Pericom Semiconductor Corporation PT7M6314US35D4 Datasheet HTML 4Page - Pericom Semiconductor Corporation PT7M6314US35D4 Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7M6314US35D4 Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7M6314US35D4 Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7M6314US35D4 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
Supervisory Circuit
2016-01-0003
PT0196-6
01/15/16
1
PT7M6314US
Features
 Highly accurate: 1.5% (25°C)
 Detect voltage range: 1.8 to 5V in 100mV increments
 Operating voltage range: 1.0V ~ 5.5V
 Operating temperature range: -40°C to + 85°C
 Detect voltage temperature characteristics: 2.5% 
TYP
 Output configuration: Bi-dir
 Four reset timeout period available:
typical 1.6ms for PT7M6314USxxD1;
typical 26ms for PT7M6314USxxD2;
typical 200ms for PT7M6314USxxD3;
typical 1570ms for PT7M6314USxxD4;
General Description
The series are designed to monitor power supplies in µP
and
digital
systems.
It
provides
excellent
circuit
reliability
and
low
cost
by
eliminating
external
components and adjustments, and a debounced manual
reset input.
This device performs a single function: it asserts a reset
signal whenever the VCC supply voltage falls below a
preset threshold or whenever manual reset is asserted.
Reset remains asserted for an internally programmed
interval (reset timeout period) after VCC has risen above
the reset threshold or manual reset is de-asserted.
PT7M6314USxx are bidirectional output, allowing it to
be directly connected to µP with bidirectional reset inputs.
The serials come with factory-trimmed reset threshold
voltages in 100mV increments from 2.5V to 5V. Preset
timeout periods of 200ms and 1570ms (typ.) are available.
Pin Configuration
Pin Description
Name Type
Description
RST
I/O
Reset Output and Pushbutton Input: RST is asserted when VCC drops below voltage threshold VTH-. Active
low. When other devices pull RST low, the device will speed its rising edge once the reset condition release.
MR
I
Manual Reset: A logic low on MR asserts reset. Reset remains asserted as long as MR is low, and for the
reset timeout period (tRS) after the reset conditions are terminated. Connect to VCC if not used.
GND
P
Ground
VCC
P
Supply Voltage.
1
2
VCC
RST
GND
3
4
MR
PT7M6315USxxD3F/D4F
SOT143-4


Similar Part No. - PT7M6314US35D4

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PT7M6314US DIODES-PT7M6314US Datasheet
471Kb / 8P
   Supervisory Circuit
01/15/16
PT7M6314USXXD1TBEX DIODES-PT7M6314USXXD1TBEX Datasheet
471Kb / 8P
   Supervisory Circuit
01/15/16
PT7M6314USXXD2TBEX DIODES-PT7M6314USXXD2TBEX Datasheet
471Kb / 8P
   Supervisory Circuit
01/15/16
PT7M6314USXXD3TBEX DIODES-PT7M6314USXXD3TBEX Datasheet
471Kb / 8P
   Supervisory Circuit
01/15/16
PT7M6314USXXD4TBEX DIODES-PT7M6314USXXD4TBEX Datasheet
471Kb / 8P
   Supervisory Circuit
01/15/16
More results

Similar Description - PT7M6314US35D4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ASM161 ONSEMI-ASM161 Datasheet
140Kb / 7P
   Supervisory Circuit
August, 2011 ??Rev. 3
logo
Pericom Semiconductor C...
PT7M7436 PERICOM-PT7M7436 Datasheet
358Kb / 6P
   Supervisory Circuit
PT7M6315US PERICOM-PT7M6315US Datasheet
430Kb / 6P
   Supervisory Circuit
logo
Diodes Incorporated
PT7M6314US DIODES-PT7M6314US Datasheet
471Kb / 8P
   Supervisory Circuit
01/15/16
PT7M6315US DIODES-PT7M6315US Datasheet
991Kb / 8P
   Supervisory Circuit
March 2021 Rev 2-2
logo
Pericom Semiconductor C...
PT7M1233 PERICOM-PT7M1233 Datasheet
253Kb / 7P
   Supervisory Circuit
PT7M1818 PERICOM-PT7M1818 Datasheet
286Kb / 6P
   Supervisory Circuit
PT7M7433 PERICOM-PT7M7433 Datasheet
359Kb / 7P
   Supervisory Circuit
logo
Linear Technology
LTC1235 LINER-LTC1235_15 Datasheet
232Kb / 16P
   Microprocessor Supervisory Circuit
logo
RICOH electronics devic...
R5106N RICOH-R5106N Datasheet
446Kb / 14P
   Microprocessor Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com