Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT7M6314US27D4 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PT7M6314US27D4
Description  Supervisory Circuit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7M6314US27D4 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PT7M6314US27D4 Datasheet HTML 1Page - Pericom Semiconductor Corporation PT7M6314US27D4 Datasheet HTML 2Page - Pericom Semiconductor Corporation PT7M6314US27D4 Datasheet HTML 3Page - Pericom Semiconductor Corporation PT7M6314US27D4 Datasheet HTML 4Page - Pericom Semiconductor Corporation PT7M6314US27D4 Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7M6314US27D4 Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7M6314US27D4 Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7M6314US27D4 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2016-01-0003
PT0196-6
01/15/16
4
PT7M6314US
Supervisory Circuit
Block Diagram
T.C.
Reference
4us one-shot
Logic Control
&Timing
Delay
Vcc
GND
5kΩ
RST
VCC
Resistor
Divider
MR
63kΩ
Function Description
Power Monitor
A microprocessor’s (µP’s) reset input starts the µP in a known state. Whenever the µP is in an unknown state, it should be held in
reset. The supervisory circuits assert reset during power-up and prevent code execution errors during power-down or brownout
conditions.
On power-up, once Vcc reaches about 1.0V, RST is a guaranteed logic low of 0.4V or less. As Vcc rises, RST stays low. When
Vcc rises above the reset threshold VRST, an internal timer releases RST after about 1570ms (PT7M6314USxxD4). RST asserts
whenever Vcc drops below the reset threshold, i.e. brownout condition. If brownout occurs in the middle of a previously initiated
reset pulse, the pulse continues for at least another 1.6ms or 26ms or 200ms or 1570ms
(PT7M6314USxxD4). On power-down,
once Vcc falls below the reset threshold, RST stays low and is guaranteed to be 0.4V or less until Vcc drops below 1V.
Manual Reset
The manual-reset input (MR) allows reset to be triggered by a pushbutton switch. The switch is effectively debounced by the
1.6ms (PT7M6314USxxD1) or 26ms (PT7M6314USxxD2) or 200ms (PT7M6314USxxD3) or 1570ms (PT7M6314USxxD4)
reset pulse width.
Reset Output: Bi-direction
The PT7M6314USxx’s RESET output is designed to interface with µPs that have bidirectional reset pins, such as the Motorola
68HC11. Like an open-drain output, the PT7M6314USxx allows the µP or other devices to pull RST low and assert a reset
condition. However, unlike a standard open-drain output, it includes the commonly specified 5k pull-up resistor with a P-
channel active pull-up in parallel. This structure can speed the rising edge when the reset condition releases. The reset condition
will occur when Vcc drops below the reset threshold, or Manual Reset is set to ground, or RST is pulled down.


Similar Part No. - PT7M6314US27D4

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PT7M6314US DIODES-PT7M6314US Datasheet
471Kb / 8P
   Supervisory Circuit
01/15/16
PT7M6314USXXD1TBEX DIODES-PT7M6314USXXD1TBEX Datasheet
471Kb / 8P
   Supervisory Circuit
01/15/16
PT7M6314USXXD2TBEX DIODES-PT7M6314USXXD2TBEX Datasheet
471Kb / 8P
   Supervisory Circuit
01/15/16
PT7M6314USXXD3TBEX DIODES-PT7M6314USXXD3TBEX Datasheet
471Kb / 8P
   Supervisory Circuit
01/15/16
PT7M6314USXXD4TBEX DIODES-PT7M6314USXXD4TBEX Datasheet
471Kb / 8P
   Supervisory Circuit
01/15/16
More results

Similar Description - PT7M6314US27D4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ASM161 ONSEMI-ASM161 Datasheet
140Kb / 7P
   Supervisory Circuit
August, 2011 ??Rev. 3
logo
Pericom Semiconductor C...
PT7M7436 PERICOM-PT7M7436 Datasheet
358Kb / 6P
   Supervisory Circuit
PT7M6315US PERICOM-PT7M6315US Datasheet
430Kb / 6P
   Supervisory Circuit
logo
Diodes Incorporated
PT7M6314US DIODES-PT7M6314US Datasheet
471Kb / 8P
   Supervisory Circuit
01/15/16
PT7M6315US DIODES-PT7M6315US Datasheet
991Kb / 8P
   Supervisory Circuit
March 2021 Rev 2-2
logo
Pericom Semiconductor C...
PT7M1233 PERICOM-PT7M1233 Datasheet
253Kb / 7P
   Supervisory Circuit
PT7M1818 PERICOM-PT7M1818 Datasheet
286Kb / 6P
   Supervisory Circuit
PT7M7433 PERICOM-PT7M7433 Datasheet
359Kb / 7P
   Supervisory Circuit
logo
Linear Technology
LTC1235 LINER-LTC1235_15 Datasheet
232Kb / 16P
   Microprocessor Supervisory Circuit
logo
RICOH electronics devic...
R5106N RICOH-R5106N Datasheet
446Kb / 14P
   Microprocessor Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com