Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT7M6315US26D3 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PT7M6315US26D3
Description  Supervisory Circuit
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7M6315US26D3 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PT7M6315US26D3 Datasheet HTML 1Page - Pericom Semiconductor Corporation PT7M6315US26D3 Datasheet HTML 2Page - Pericom Semiconductor Corporation PT7M6315US26D3 Datasheet HTML 3Page - Pericom Semiconductor Corporation PT7M6315US26D3 Datasheet HTML 4Page - Pericom Semiconductor Corporation PT7M6315US26D3 Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7M6315US26D3 Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-09-0002
PT0197-4
09/15/15
3
PT7M6315US
Supervisory Circuit
Maximum Ratings
Storage Temperature ............................................................-65oC to +150oC
Ambient Temperature with Power Applied .......................... -40oC to +85oC
Supply Voltage to Ground Potential (Vcc to GND) ..............-0.3V to +7.0V
DC Input Voltage (All inputs except Vcc and GND)......-0.3V to VCC+0.3V
DC Output Current (All outputs) ..........................................................30mA
Power Dissipation .......................................... 320mW (Depend on package)
DC Electrical Characteristics
(TA= -40~85ºC, unless otherwise noted. Typical values are at TA = +25ºC)
Description
Sym.
Test Conditions
Min
Typ
Max
Unit
Supply Voltage
VCC
-
1.0
-
5.5
V
Supply Current
ICC
VCC = 5.5V. No load.
-
-
12
µA
VCC = 3.6V. No load.
-
-
10
µA
Voltage Threshold
VTH-
+25C
(VTH-)
0.985
VTH-
(VTH-)
1.015
V
-40C~85C
(VTH-)
0.975
VTH-
(VTH-)
1.025
Hysteresis
VHYS
VTH+ - VTH-
*
-
50
-
mV
Output
Driving
Output low
VOL
IOH = 8mA, VCC = 5V
-
-
0.4
V
IOH = 4mA, VCC = 3V
-
-
0.3
IOH = -50µA, VCC = 1V
-
-
0.09
Open-Drain Output Leakage
Current
ILKG
-
-
-
500
nA
Internal pull-up resistor
RP
MR
32
63
100
k
Input High Voltage
VIH
MR
VCC < 4V
0.7×Vcc
-
-
V
VCC > 4V
2.4
-
-
Input Low Voltage
VIL
MR
VCC < 4V
-
-
0.3×Vcc
V
VCC > 4V
-
-
0.8
Note: VTH- is voltage threshold when VCC falls from high to low. VTH+ is voltage threshold when VCC rises from low to high.
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the
device. This is a stress rating only and functional
operation of the device at these or any other condi-
tions above those indicated in the operational sec-
tions of this specification is not implied. Exposure
to absolute maximum rating conditions for extended
periods may affect reliability.


Similar Part No. - PT7M6315US26D3

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PT7M6315US DIODES-PT7M6315US Datasheet
991Kb / 8P
   Supervisory Circuit
March 2021 Rev 2-2
PT7M6315USXXD1TBEX DIODES-PT7M6315USXXD1TBEX Datasheet
991Kb / 8P
   Supervisory Circuit
March 2021 Rev 2-2
PT7M6315USXXD2TBEX DIODES-PT7M6315USXXD2TBEX Datasheet
991Kb / 8P
   Supervisory Circuit
March 2021 Rev 2-2
PT7M6315USXXD3TBEX DIODES-PT7M6315USXXD3TBEX Datasheet
991Kb / 8P
   Supervisory Circuit
March 2021 Rev 2-2
PT7M6315USXXD4TBEX DIODES-PT7M6315USXXD4TBEX Datasheet
991Kb / 8P
   Supervisory Circuit
March 2021 Rev 2-2
More results

Similar Description - PT7M6315US26D3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ASM161 ONSEMI-ASM161 Datasheet
140Kb / 7P
   Supervisory Circuit
August, 2011 ??Rev. 3
logo
Pericom Semiconductor C...
PT7M7436 PERICOM-PT7M7436 Datasheet
358Kb / 6P
   Supervisory Circuit
logo
Diodes Incorporated
PT7M6314US DIODES-PT7M6314US Datasheet
471Kb / 8P
   Supervisory Circuit
01/15/16
PT7M6315US DIODES-PT7M6315US Datasheet
991Kb / 8P
   Supervisory Circuit
March 2021 Rev 2-2
logo
Pericom Semiconductor C...
PT7M1233 PERICOM-PT7M1233 Datasheet
253Kb / 7P
   Supervisory Circuit
PT7M1818 PERICOM-PT7M1818 Datasheet
286Kb / 6P
   Supervisory Circuit
PT7M7433 PERICOM-PT7M7433 Datasheet
359Kb / 7P
   Supervisory Circuit
PT7M6314US PERICOM-PT7M6314US Datasheet
472Kb / 8P
   Supervisory Circuit
logo
Linear Technology
LTC1235 LINER-LTC1235_15 Datasheet
232Kb / 16P
   Microprocessor Supervisory Circuit
logo
RICOH electronics devic...
R5106N RICOH-R5106N Datasheet
446Kb / 14P
   Microprocessor Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com