Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT7M6250CLTA3E Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PT7M6250CLTA3E
Description  Voltage Detector
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7M6250CLTA3E Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PT7M6250CLTA3E Datasheet HTML 1Page - Pericom Semiconductor Corporation PT7M6250CLTA3E Datasheet HTML 2Page - Pericom Semiconductor Corporation PT7M6250CLTA3E Datasheet HTML 3Page - Pericom Semiconductor Corporation PT7M6250CLTA3E Datasheet HTML 4Page - Pericom Semiconductor Corporation PT7M6250CLTA3E Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7M6250CLTA3E Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7M6250CLTA3E Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7M6250CLTA3E Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7M6250CLTA3E Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
Voltage Detector
2013-04-0013
PT0270-2
05/10/13
1
PT7M6218-6250CL/CH /NL
Features
 Highly precision: ±1.5% (25°C); ±2.5%(-40°C
to +85°C);
 Low power consumption: 1.0μA @ 3.6V Vcc
 Detect voltage range: 1.8 to 5V in 100mV
increments
 Operating voltage range: 1.2V ~ 5.5V
 Output configuration: N-channel open drain or
CMOS
 Special threshold voltage product according to
customer need
 Operating temperature range: -40°C to + 85°C
 Detect voltage temperature characteristics: 2.5%
 TYP
Description
The PT7M62xx serials of ultra-low-power voltage
detectors monitor battery, power-supply and system
voltages. Each circuit includes a precision bandgap
reference, a comparator, internally trimmed resistor
networks that set specified trip thresholds, and an
internal 5% threshold hysteresis circuit. Output is
asserted when VCC rises above VTH+ (VTH+ = VTH-×
1.05) and remains asserted until VCC falls below the
internal VTH-. These devices provide excellent circuit
reliability and low cost by eliminating external
components and adjustments when monitoring nominal
system voltages from +1.8V to +5V in 100mV
increments. The series are voltage detectors with a
propagation delay of 20µs(VCC rise).
The family is available with three output stage options:
push-pull with active-low output, push-pull with
active-high output, and open drain with active-low
output.
Function Comparison Table
Item
Part No.
Reset Output
Threshold
Open-Drain
Push-Pull
Active high
Active low
Active high
Active low
1
PT7M62xxCL
-
-
-
1.8V to 5.0V in 100mV
increments
2
PT7M62xxCH
-
-
-
3
PT7M62xxNL
-
-
-


Similar Part No. - PT7M6250CLTA3E

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PT7M6250CL DIODES-PT7M6250CL Datasheet
1,007Kb / 12P
   Voltage Detector
5/10/2017
More results

Similar Description - PT7M6250CLTA3E

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
   VOLTAGE DETECTOR
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
[Old version datasheet]   VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
   VOLTAGE DETECTOR
logo
Microchip Technology
TC54 MICROCHIP-TC54_07 Datasheet
229Kb / 16P
   Voltage Detector
2007
logo
Texas Instruments
TPS3803-01-EP TI1-TPS3803-01-EP_16 Datasheet
925Kb / 18P
[Old version datasheet]   VOLTAGE DETECTOR
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
   VOLTAGE DETECTOR
logo
Fujitsu Component Limit...
MB3761 FUJITSU-MB3761 Datasheet
414Kb / 13P
   VOLTAGE DETECTOR
logo
Holtek Semiconductor In...
HT70XX HOLTEK-HT70XX Datasheet
131Kb / 16P
   Voltage Detector
logo
Microchip Technology
TC54 MICROCHIP-TC54 Datasheet
215Kb / 12P
   Voltage Detector
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com