Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS13DE Datasheet(PDF) 1 Page - Suntan Capacitors

Part # TS13DE
Description  CD 110 Miniatned Series Miniatured
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS13DE Datasheet(HTML) 1 Page - Suntan Capacitors

  TS13DE Datasheet HTML 1Page - Suntan Capacitors TS13DE Datasheet HTML 2Page - Suntan Capacitors TS13DE Datasheet HTML 3Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ALUMINUM ELECTROLYTIC CAPACITOR
Suntan®
G E N E R A L
S U P E R
M I N I A T U R I Z E D
TS13D CD110X
F E A T U R E S
• CD 110 Miniatned Series Miniatured
• 85℃ 2000 hours Guaranteed
u Specifications
IT
E
MS PE RF O R MA N CE
C H A RA CTE R IS TI CS
Operating Temperature Range(℃)
-40~+85
Capacitance Tolerance
(25℃, 120Hz)
±20%
Leakage Current(μA)
6.3~100
160~450
Rated Voltage(V)
0.03cv or 4 whichever is greater(at 25℃, after 1 minutes)
0.01cv or 3 whichever is greater(at 25℃, after 2 minutes)
CV≤1000:0.1 CV+40(at 25℃, after 1 minutes)
CV>1000:0.04 CV+100(at 25℃, after 1 minutes)
Dissipation Factor
(25℃, 120Hz)
Rated Voltage
6.3
10
16
25
35
50
63
100
160
200
250
315
350
400
450
Tan δ
0.28
0.24
0.20
0.16
0.14
0.12
0.10
0.08
0.20
0.20
0.20
0.24
0.24
0.24
0.24
0.02 is added to every 1000μF increase over
Temperature Stability
(120Hz)
Rated Voltage(V)
6.3
10
16
25
35
50
63
100
160
200
250
315
350
400
450
5
4
3
2
4
Impedance
Z-25℃/Z+20℃
Z-40℃/Z+20℃
12
10
8
5
4
3
15
10
Load Life
(+85℃)
Time
2000 hours
Leakage current
Not more than the specified value.
Capacitance Change
Within±20% of initial value
Dissipation factor
Not more than 200% of the specified value.
Shelf Life
(+85℃)
1000hours. No voltage applied. After test: UR to be applied for 30 minutes, 24 to 48 hours before measurement.
u Dimensions
mm
u Multiplier for ripple current
ΦD
5
6.3
8
10
12.5
16
18
22
25
F
2.0
2.5
3.5
5.0
7.5
10
Φd
0.5
0.6
0.8
a
2.0
Frequency coefficient
Rated Voltage(V)
Freq(Hz)
CV(μF•WV)
50,60
120
1K
10K
100K
6.3~16
----
0.80
1
1.1
1.2
1.2
≤1000
0.80
1
1.5
1.7
1.7
25~35
>1000
0.80
1
1.2
1.3
1.3
≤1000
0.80
1
1.6
1.9
1.9
50~100
>1000
0.80
1
1.2
1.3
1.3
160~450
----
0.80
1
1.3
1.5
1.6
Temperature coefficient
Temperature (℃)
+70
+85
Factor
1.35
1
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Similar Part No. - TS13DE

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS13DE-CD110X SUNTAN-TS13DE-CD110X Datasheet
355Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DE-CD110X SUNTAN-TS13DE-CD110X_17 Datasheet
129Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITOR
More results

Similar Description - TS13DE

ManufacturerPart #DatasheetDescription
logo
Rohm
BA5810FP ROHM-BA5810FP Datasheet
115Kb / 9P
   CD / CD-ROM ?ⓦ깋?⒲궎?륤C
BA5995FM ROHM-BA5995FM Datasheet
122Kb / 8P
   BTL driver for CD/CD-ROM
RLD78MYA1 ROHM-RLD78MYA1 Datasheet
74Kb / 3P
   CD players, CD-ROM laser diode
logo
Samsung semiconductor
S5L9274 SAMSUNG-S5L9274 Datasheet
241Kb / 36P
   DECODER FOR CD-MP3/CD-ROM
logo
List of Unclassifed Man...
DEH-X4800BT ETC1-DEH-X4800BT Datasheet
6Mb / 84P
   CD RDS RECEIVER AUTORADIO CD RDS REPRODUCTOR DE CD CON RECEPTOR RDS
logo
Tyco Electronics
140852-2 MACOM-140852-2 Datasheet
37Kb / 1P
   110 SERIES RECEPTACLE, FASTON
logo
TRACO Electronic AG
TXLN110 TRACOPOWER-TXLN110 Datasheet
990Kb / 4P
   AC/DC Power Supply TXLN 110 Series, 110 Watt
Rev. March 16, 2023
logo
Sony Corporation
CXA2555Q SONY-CXA2555Q Datasheet
331Kb / 22P
   RF Amplifier for CD Player/CD-ROM
logo
STMicroelectronics
STA1052 STMICROELECTRONICS-STA1052 Datasheet
189Kb / 14P
   DSP/MCU system for CD-DA, CD-CA, CD-ROM player
logo
Rohm
BA664FP ROHM-BA664FP Datasheet
153Kb / 19P
   CD-ROM
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com