Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKBPC25005 Datasheet(PDF) 1 Page - Suntan Capacitors

Part # SKBPC25005
Description  Diffused Junction
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

SKBPC25005 Datasheet(HTML) 1 Page - Suntan Capacitors

  SKBPC25005 Datasheet HTML 1Page - Suntan Capacitors SKBPC25005 Datasheet HTML 2Page - Suntan Capacitors SKBPC25005 Datasheet HTML 3Page - Suntan Capacitors SKBPC25005 Datasheet HTML 4Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Suntan® Su®
SKBPC25005/SBR25005 THRU SKBPC2516/SBR2516
SILICON/GLASS PASSIVATED THREE PHASE BRIDGE RECTIFIERS
Voltage Range 50 to 1600 Volts
Current 25 Amperes
F E A T U R E S
Diffused Junction
Low Forward Voltage Drop
High Current Capability
High Reliability
High Surge Current Capability
Ideal for Printed Circuit Boards:
Mechanical Data
Case:Epoxy Case with Heat Sink lnterally
Mounted in the Bridge Encapsulation
Terminals:Plated Leads Soiderable per
MIL-STD-202,Method 208
Polarity:As Marked on Body
Weight:20 grams(approx.)
Mounting Position: Bolt Down on Heatsink With Silicone
Thermal Compound Between Bridge and Mounting Surface
for Maximum Heat Transfer Efficiency
Mounting Torque:20 in lbs. Max
Marking:Type Number
SKBPC
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.For capacitive load, derate current by 20%
Type Number
SKBPC
/SBR
25005
SKBPC
/SBR
2501
SKBPC
/SBR
2502
SKBPC
/SBR
2504
SKBPC
/SBR
2506
SKBPC
/SBR
2508
SKBPC
/SBR
2510
SKBPC
/SBR
2512
SKBPC
/SBR
2514
SKBPC
/SBR
2516
UNITS
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000 1200 1400 1600
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
840
980
1120
V
Maximum DC blocking Voltage
VDC
50
100
200
400
600
800
1000 1200 1400 1600
V
Maximum Average Forward Rectified Current
@TC = 100℃
I(AV)
25
A
Non-Repetitive Peak Forward Surge Current
(No Voltage Reapplied t=8.3ms at 60HZ)
(No Voltage Reapplied t=10ms at 50HZ)
(100% VRRM Reapplied t=8.3ms at 60HZ)
(100% VRRM Reapplied t=10ms at 50HZ)
IFSM
375
360
410
450
A


Similar Part No. - SKBPC25005

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SKBPC2504 YANGJIE-SKBPC2504 Datasheet
93Kb / 2P
   Bridge Rectifier
SKBPC2504 YANGJIE-SKBPC2504 Datasheet
103Kb / 2P
   Bridge Rectifier
logo
Shenzhen Luguang Electr...
SKBPC2504 LUGUANG-SKBPC2504 Datasheet
896Kb / 3P
   Three Phase Bridge Rectifiers
logo
RFE international
SKBPC2504 RFE-SKBPC2504 Datasheet
2Mb / 3P
   Three Phase Bridge Rectifiers
12-14-2022
logo
Kingtronics Internation...
SKBPC2504-SKBPC2516 KINGTRONICS-SKBPC2504-SKBPC2516 Datasheet
316Kb / 2P
   THREE PHASE GLASS PASSIVATED BRIDGE RECTIFIER REVERSE VOLTAGE 400 to 1600 Volts FORWARD CURRENT 25 Ampere
More results

Similar Description - SKBPC25005

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
SKBPC35005 SUNTAN-SKBPC35005 Datasheet
804Kb / 4P
   Diffused Junction
logo
Shenzhen Yixinwei Techn...
KBL400 YIXIN-KBL400 Datasheet
158Kb / 2P
   Diffused Junction
logo
New Jersey Semi-Conduct...
VF5 NJSEMI-VF5 Datasheet
91Kb / 1P
   Diffused Silicon Junction
1N4383 NJSEMI-1N4383 Datasheet
117Kb / 1P
   DIFFUSED-JUNCTION SILICON RECTIFIER
1N2069 NJSEMI-1N2069 Datasheet
129Kb / 1P
   DIFFUSED-JUNCTION SILICON RECTIFIERS
logo
Toshiba Semiconductor
CRG09A TOSHIBA-CRG09A Datasheet
307Kb / 7P
   Rectifier Diode Silicon Diffused Junction
logo
Panasonic Semiconductor
2SD750 PANASONIC-2SD750 Datasheet
205Kb / 4P
   SILICON NPN DIFFUSED JUNCTION MESA
logo
Toshiba Semiconductor
CRG04A TOSHIBA-CRG04A Datasheet
301Kb / 7P
   Rectifier Diode Silicon Diffused Junction
logo
Panasonic Semiconductor
2SD389 PANASONIC-2SD389 Datasheet
208Kb / 5P
   Si NPN DIFFUSED JUNCTION MESA
2SD691 PANASONIC-2SD691 Datasheet
212Kb / 5P
   Si NPN DIFFUSED JUNCTION MESA
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com