Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX55C18 Datasheet(PDF) 3 Page - Suntan Capacitors

Part # BZX55C18
Description  The Zener voltages are graded according to the
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

BZX55C18 Datasheet(HTML) 3 Page - Suntan Capacitors

  BZX55C18 Datasheet HTML 1Page - Suntan Capacitors BZX55C18 Datasheet HTML 2Page - Suntan Capacitors BZX55C18 Datasheet HTML 3Page - Suntan Capacitors BZX55C18 Datasheet HTML 4Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Suntan®
Silicon Planar Zener Diodes BZX55C
TYPE
Zener Voltage Range 1)
Dynamic Resistance
Reverse Leakage Current
Temp. Coefficient
of Zener Voltage
Vznom
VZT
at IZT
ZZT
ZZk
at
IZK
Ta = 25℃
Ta = 125℃
IR at VR
(V)
(V)
(mA)
Max. (Ω)
Max. (Ω)
(mA)
Max. (µA)
Max. (µA)
(V)
TKvz (%/K)
BZX55C47
47
44…50
2.5
110
600
0.5
0.1
5
36
0.04…0.12
BZX55C51
51
48…54
2.5
125
700
0.5
0.1
10
39
0.04…0.12
BZX55C56
56
52…60
2.5
135
700
0.5
0.1
10
43
0.04…0.12
BZX55C62
62
58…66
2.5
150
1000
0.5
0.1
10
47
0.04…0.12
BZX55C68
68
64…72
2.5
200
1000
0.5
0.1
10
51
0.04…0.12
BZX55C75
75
70…79
2.5
250
1000
0.5
0.1
10
56
0.04…0.12
1) Tested with pulses tp = 20 ms.
2) The BZX55C0V8 is a silicon diode with operation in forward direction. Hence, the index of all parameters should be "F" instead of
"Z". Connect the cathode lead to the negative pole.
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Similar Part No. - BZX55C18

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
BZX55C18 CDIL-BZX55C18 Datasheet
104Kb / 4P
   SILIICON PLANAR ZENER DIODES
logo
Vishay Siliconix
BZX55C18 VISHAY-BZX55C18 Datasheet
70Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 4, 01-Apr-99
logo
Microdiode Electronics ...
BZX55C18 CHENDA-BZX55C18 Datasheet
748Kb / 3P
   2.4- 1 8 0V Peak Pulse Power: 500mW
logo
First Components Intern...
BZX55C18 FCI-BZX55C18 Datasheet
114Kb / 2P
   1/2 Watt ZENER DIODES (2.4V to 91V)
logo
Shenzhen Luguang Electr...
BZX55C18 LUGUANG-BZX55C18 Datasheet
78Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
More results

Similar Description - BZX55C18

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
408-6775 MACOM-408-6775 Datasheet
652Kb / 4P
   Install dies according to the instructions packaged with the tooling.
logo
List of Unclassifed Man...
SCT62 ETC2-SCT62 Datasheet
101Kb / 3P
   Dangerous voltages are present within the power supply. Disconnect power supply before servicing.
logo
STMicroelectronics
AN2168 STMICROELECTRONICS-AN2168 Datasheet
201Kb / 15P
   The ST10F27x MCUs are derivatives of the STMicroelectronics
logo
Richtek Technology Corp...
RT8202 RICHTEK-RT8202 Datasheet
34Kb / 2P
   The ESD tests are used to classify the electrostatic discharge of microcircuits.
RT9025 RICHTEK-RT9025 Datasheet
34Kb / 2P
   The ESD tests are used to classify the electrostatic discharge of microcircuits.
logo
CITIZEN ELECTRONICS CO....
CL-L102 CITIZEN-CL-L102 Datasheet
189Kb / 3P
   The light-emitting element of an LED radiates light and heat according to the input power.
logo
Emerson Network Power
HPR12K-00 EMERSON-NETWORKPOWER-HPR12K-00 Datasheet
891Kb / 6P
   Connecting the input power cable, output load cable and communication wire according to the below figure.
logo
STMicroelectronics
AN2021 STMICROELECTRONICS-AN2021 Datasheet
880Kb / 39P
   The ST10F272B and ST10F272E are members of the STMicroelectronics
logo
Shoulder Electronics Li...
49S-49S2 SHOULDER-49S-49S2 Datasheet
194Kb / 6P
   Packing method may be changed. Please according to the delivered goods.
logo
PHOENIX CONTACT
SF-ASD-21 PHOENIX-SF-ASD-21 Datasheet
50Kb / 3P
   Integrated LEDs are used to illuminate the working area
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com