Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S6E2HE Datasheet(PDF) 4 Page - SPANSION

Part # S6E2HE
Description  fpu built-in
Download  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S6E2HE Datasheet(HTML) 4 Page - SPANSION

  S6E2HE Datasheet HTML 1Page - SPANSION S6E2HE Datasheet HTML 2Page - SPANSION S6E2HE Datasheet HTML 3Page - SPANSION S6E2HE Datasheet HTML 4Page - SPANSION S6E2HE Datasheet HTML 5Page - SPANSION S6E2HE Datasheet HTML 6Page - SPANSION S6E2HE Datasheet HTML 7Page - SPANSION S6E2HE Datasheet HTML 8Page - SPANSION S6E2HE Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 163 page
background image
Document Number: 001-98942 Rev.*A
Page 4 of 163
S6E2HE Series
Clock supervisor reset
Clock SuperVisor (CSV)
Clocks generated by internal CR oscillators are used to
supervise abnormality of the external clocks.
External OSC clock failure (clock stop) is detected, reset is
asserted.
External OSC frequency anomaly is detected, interrupt or
reset is asserted.
Low-Voltage Detector (LVD)
This Series include 2-stage monitoring of voltage on the VCC
pins. When the voltage falls below the voltage has been set,
Low-Voltage Detector generates an interrupt or reset.
LVD1: error reporting via interrupt
LVD2: auto-reset operation
Low-power Consumption Mode
Six low-power consumption modes are supported.
Sleep
Timer
RTC
Stop
Deep standby RTC (selectable from with/without RAM
retention)
Deep standby stop (selectable from with/without RAM
retention)
VBAT
The consumption power during the RTC operation can be
reduced by supplying the power supply independent from the
RTC (calendar circuit)/32 kHz oscillation circuit. The following
circuits can also be used.
RTC
32 kHz oscillation circuit
Power-on circuit
Back up register: 32 bytes
Port circuit
Debug
Serial Wire JTAG Debug Port (SWJ-DP)
Embedded Trace Macrocells (ETM) provide comprehensive
debug and trace facilities.
Unique ID
Unique value of the device (41-bit) is set.
Power Supply
Three Power Supplies
Wide range voltage:
VCC
= 2.7 V to 5.5 V
Power supply for VBAT: VBAT = 2.7 V to 5.5 V


Similar Part No. - S6E2HE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
S6E2HE4E0AGV20000 TI1-S6E2HE4E0AGV20000 Datasheet
6Mb / 163P
[Old version datasheet]   32-bit ARM 짰 Cortex 짰 -M4F FM4 Microcontroller
More results

Similar Description - S6E2HE

ManufacturerPart #DatasheetDescription
logo
SPANSION
S6E2H4 SPANSION-S6E2H4 Datasheet
3Mb / 159P
   fpu built-in
S6E2HG SPANSION-S6E2HG Datasheet
4Mb / 161P
   fpu built-in
logo
Renesas Technology Corp
RX23T RENESAS-RX23T Datasheet
1Mb / 98P
   40-MHz 32-bit RX MCUs, built-in FPU, 65.6 DMIPS
RX230 RENESAS-RX230 Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
logo
AAEON Technology
AEC-6977 AAEON-AEC-6977 Datasheet
244Kb / 2P
   built-in tpm
logo
Shenzhen Huazhimei Semi...
HM5521AMR HMSEMI-HM5521AMR Datasheet
1Mb / 9P
   built-in MOSFET
HM5521A HMSEMI-HM5521A Datasheet
1Mb / 9P
   built-in MOSFET
logo
MOSDESIGN SEMICONDUCTOR...
M18109A MOSDESIGN-M18109A Datasheet
26Kb / 2P
   Built-in oscillator
2005-03-08
logo
List of Unclassifed Man...
M18109A ETC1-M18109A Datasheet
28Kb / 2P
   Built-in oscillator.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com