Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB9BF116R Datasheet(PDF) 90 Page - SPANSION

Part # MB9BF116R
Description  This document states the current technical specifications regarding
Download  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9BF116R Datasheet(HTML) 90 Page - SPANSION

Back Button MB9BF116R Datasheet HTML 86Page - SPANSION MB9BF116R Datasheet HTML 87Page - SPANSION MB9BF116R Datasheet HTML 88Page - SPANSION MB9BF116R Datasheet HTML 89Page - SPANSION MB9BF116R Datasheet HTML 90Page - SPANSION MB9BF116R Datasheet HTML 91Page - SPANSION MB9BF116R Datasheet HTML 92Page - SPANSION MB9BF116R Datasheet HTML 93Page - SPANSION MB9BF116R Datasheet HTML 94Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 121 page
background image
D a t a S h e e t
March 11, 2015, MB9B110R-DS706-00028-3v0-E
87
CONFIDENTIAL
(8) Base Timer Input Timing
・ Timer input timing
(VCC = 2.7V to 5.5V, VSS = 0V, TA = - 40°C to + 85°C)
Parameter
Symbol
Pin name
Conditions
Value
Unit
Remarks
Min
Max
Input pulse width
tTIWH
tTIWL
TIOAn/TIOBn
(when using as
ECK, TIN)
-
2tCYCP
-
ns
tTIWH
VIHS
VIHS
VILS
VILS
tTIWL
・ Trigger input timing
(VCC = 2.7V to 5.5V, VSS = 0V, TA = - 40°C to + 85°C)
Parameter
Symbol
Pin name
Conditions
Value
Unit Remarks
Min
Max
Input pulse width
tTRGH
tTRGL
TIOAn/TIOBn
(when using as
TGIN)
-
2tCYCP
-
ns
tTRGH
VIHS
VIHS
VILS
VILS
tTRGL
Note: tCYCP indicates the APB bus clock cycle time.
About the APB bus number which Base Timer is connected to, see "■ Block Diagram" in this data sheet.
ECK
TIN
TGIN


Similar Part No. - MB9BF116R

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB9BF116RPMC-G-JNE2 CYPRESS-MB9BF116RPMC-G-JNE2 Datasheet
1Mb / 117P
   32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
More results

Similar Description - MB9BF116R

ManufacturerPart #DatasheetDescription
logo
SPANSION
MB9A310A SPANSION-MB9A310A Datasheet
3Mb / 125P
   This document states the current technical specifications regarding
MB9B110T SPANSION-MB9B110T Datasheet
3Mb / 129P
   This document states the current technical specifications regarding
MB9B500B SPANSION-MB9B500B Datasheet
3Mb / 113P
   This document states the current technical specifications regarding
MB9B520TA SPANSION-MB9B520TA Datasheet
3Mb / 141P
   This document states the current technical specifications regarding
MB9B610T SPANSION-MB9B610T Datasheet
3Mb / 141P
   This document states the current technical specifications regarding
MB91F587L SPANSION-MB91F587L Datasheet
1Mb / 177P
   This document states the current technical specifications regarding
MB9A110K SPANSION-MB9A110K Datasheet
2Mb / 89P
   This document states the current technical specifications regarding
MB9A150RB SPANSION-MB9A150RB Datasheet
3Mb / 133P
   This document states the current technical specifications regarding
MB9B100A SPANSION-MB9B100A Datasheet
2Mb / 109P
   This document states the current technical specifications regarding
MB9B120TA SPANSION-MB9B120TA Datasheet
3Mb / 137P
   This document states the current technical specifications regarding
MB9B410R SPANSION-MB9B410R Datasheet
2Mb / 121P
   This document states the current technical specifications regarding
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com