Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA10-PB Datasheet(PDF) 1 Page - LEM

Part # LA10-PB
Description  Current Transducer LA 03~20-PB
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LA10-PB Datasheet(HTML) 1 Page - LEM

  LA10-PB Datasheet HTML 1Page - LEM LA10-PB Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Electrical data
Primary nominal
Primary current
Primary Conductor
Type
r.m.s. current
measuring range
Diameter
I
PN (A)
I
P (A)
(mm)
3
± 4.5
0.5
LA 03-PB
5
± 7.5
0.5
LA 05-PB
10
± 15
0.65
LA 10-PB
15
± 22.5
0.8
LA 15-PB
20
± 30
1.0
LA 20-PB
V
C
Supply voltage (± 5 %)
± 15
V
I
C
Current consumption
app. 20mA+ I
PN/1200 mA
V
d
R.m.s. voltage for AC isolation test, 50/60Hz,1mn
2.5
kV
R
IS
Isolation resistance @ 500 VDC
> 500
M
V
OUT
Output voltage @ ± I
PN, RL = 10 kΩ , TA = 25°C
± 4
V
R
L
Load resistance
> 10
k
Accuracy-Dynamic performance data
X
Accuracy @ I
PN, TA = 25°C (without offset)
< ± 1.5 % of I
PN
εε
L
Linearity (0 .. ± I
PN)
< ± 1
% of I
PN
V
OE
Electrical offset voltage, T
A = 25°C
< ± 30
mV
V
OH
Hysteresis offset voltage @ I
P = 0;
after an excursion of 1 x I
PN
< ± 15
mV
V
OT
Thermal drift of V
OE
max.
± 1
mV/K
TC
εε
G
Thermal drift(% of reading)
< 0.04
%/K
t
r
Response time @ 90% of I
P
< 3
µs
f
Frequency bandwidth (- 1dB)1)
DC .. 150
kHz
General data
T
A
Ambient operating temperature
- 10 .. + 80 °C
T
S
Ambient storage temperature
- 15 .. + 85 °C
m
Mass
< 12
g
Notes :
EN 50178 approval pending
Current Transducer LA 03 .. 20-PB
For the electronic measurement of currents: DC, AC, pulsed, mixed,
with a galvanic isolation between the primary circuit (high power) and
the secondary circuit (electronic circuit).
I
PN
=
3 .. 20 A
Features
Closed loop (compensation) current
transducer using the Hall effect
Voltage output
Printed circuit board mounting
Advantages
Excellent accuracy
Very good linearity
Low temperature drift
Optimized response time
Wide frequency bandwidth
No insertion losses
High immunity to external
interference
Current overload capacity
Applications
AC variable speed drives and servo
motor drives
Static converters for DC motor drives
Battery supplied applications
Uninterruptible Power Supplies
(UPS)
Switched Mode Power Supplies
(SMPS)
Switched Mode Power Supplies
(SMPS)
Power supplies for welding
applications
LEM Components
www.lem.com
010118/2
Preliminary
1) Derating is needed to avoid excessive core heating at high frequency.


Similar Part No. - LA10-PB

ManufacturerPart #DatasheetDescription
logo
LEM
LA10-PB LEM-LA10-PB Datasheet
183Kb / 3P
   Current Transducer
More results

Similar Description - LA10-PB

ManufacturerPart #DatasheetDescription
logo
LEM
LA-100-P LEM-LA-100-P Datasheet
639Kb / 3P
   Current Transducer LA 100-P
LA305-S LEM-LA305-S Datasheet
65Kb / 2P
   Current Transducer LA 305-S
LA100P LEM-LA100P Datasheet
69Kb / 2P
   CURRENT TRANSDUCER LA 100-P
LA205-S LEM-LA205-S Datasheet
73Kb / 2P
   Current Transducer LA 205-S
LA255-S LEM-LA255-S Datasheet
66Kb / 2P
   Current Transducer LA 255-S
LA55-P LEM-LA55-P Datasheet
68Kb / 2P
   Current Transducer LA 55-P
LA25-NP LEM-LA25-NP Datasheet
78Kb / 2P
   Current Transducer LA 25-NP
LA35-NP LEM-LA35-NP Datasheet
78Kb / 2P
   Current Transducer LA 35-NP
LA150-P LEM-LA150-P Datasheet
26Kb / 2P
   Current Transducer LA 150-P
LA55P LEM-LA55P Datasheet
68Kb / 2P
   Current Transducer LA 55-P
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com