Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT7M6835VD4TBE Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PT7M6835VD4TBE
Description  Ultra Low Voltage Detectors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7M6835VD4TBE Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PT7M6835VD4TBE Datasheet HTML 1Page - Pericom Semiconductor Corporation PT7M6835VD4TBE Datasheet HTML 2Page - Pericom Semiconductor Corporation PT7M6835VD4TBE Datasheet HTML 3Page - Pericom Semiconductor Corporation PT7M6835VD4TBE Datasheet HTML 4Page - Pericom Semiconductor Corporation PT7M6835VD4TBE Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7M6835VD4TBE Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7M6835VD4TBE Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7M6835VD4TBE Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7M6835VD4TBE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2013-11-0003
PT0236-6
11/18/13
5
PT7M6832-6840
Ultra Low Voltage Detectors
DC Electrical Characteristics
(VCC = +0.9V to +5.5V, unless otherwise noted. Typical values are at TA = +25ºC)
Description
Sym.
Test Conditions
Min
Typ
Max
Unit
Operating Voltage Range
VCC
TA= -40ºC ~+85ºC, PT7M6832/6835/6838,
PT7M6834/6837/6840
0.9
-
5.5
V
TA= -40ºC ~+85ºC, PT7M6833/6836/6839
0.85
-
5.5
TA= 0ºC ~+85ºC, PT7M6833/6836/6839
0.75
-
5.5
TA= -40ºC ~+85ºC, PT7M6838/6839/6840
1.5
-
5.5
Supply Current
ICC
VCC=1.2V, no load , reset not asserted
-
7.5
13
µA
VCC=1.8V, no load , reset not asserted
-
9
16
VCC=3.6V, no load , reset not asserted
-
16
25
Reset Threshold
VTH
W
1.620
1.665
1.710
V
V
1.530
1.575
1.620
I
1.350
1.388
1.425
H (-10º
C ~ +85ºC)
1.275
1.313
1.350
G (0º
C ~ +85ºC)
1.080
1.110
1.140
F*(
C ~+85ºC)
1.020
1.050
1.080
RESET-IN Threshold
VRSTIN
1.5V<=VCC<=5.5V, RESET-IN falling from high
to low(25ºC)
-2%
444
+2%
1.5V<=VCC<=5.5V, RESET-IN rising from low
to high(0ºC ~85ºC)
-5%
444
+5%
Reference voltage
temperature coefficient
TC
Reference voltage temperature coefficient,
-40º
C ~+85ºC
-
70
-
ppm/
Push-pull RESET
Output High Voltage
VOH
VCC>=1.1V, Isource=50µA, reset not asserted
0.8×Vcc
-
-
-
VCC>=1.5V, Isource=150µA, reset not asserted
0.8×Vcc
-
-
VCC >=1.0V, Isource=50µA, reset asserted
0.8×Vcc
-
-
VCC >=1.5V, Isource=150µA, reset asserted
0.8×Vcc
-
-
Push-pull RESET
Output Low Voltage
VOL
VCC >=1.0V, Isink=80µA, reset asserted
-
-
0.2×Vcc
V
VCC >=1.5V, Isink=200µA, reset asserted
-
-
0.2×Vcc
Push-pull RESET
Output Low Voltage
VCC >=1.1V, Isink=80µA, reset not asserted
-
-
0.2×Vcc
VCC >=1.5V, Isink=200µA, reset not asserted
-
-
0.2×Vcc
Open-Drain RESET
Output Low Voltage
VCC >=1.0V, Isink=80µA, reset asserted
-
-
0.15
V
VCC >=1.5V, Isink=200µA, reset asserted
-
-
0.2
MR Input Voltage
VIL
-
-
-
0.3×Vcc
V
VIH
-
0.7×Vcc
-
-
Open-Drain RESET
Output Leakage Current
ILKG
VCC > VTH , reset not asserted
-
-
1.0
µA
RESET-IN Leakage Current
IRSTIN
-
-25
-
+25
nA
Reset Threshold Hysteresis
VHYS
-
-
0.75
-
% VTH


Similar Part No. - PT7M6835VD4TBE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7M6101 PERICOM-PT7M6101 Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
PT7M6101CH PERICOM-PT7M6101CH Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
PT7M6101CHC4E PERICOM-PT7M6101CHC4E Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
PT7M6101CHNE PERICOM-PT7M6101CHNE Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
PT7M6101CHTAE PERICOM-PT7M6101CHTAE Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
More results

Similar Description - PT7M6835VD4TBE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7M6101 PERICOM-PT7M6101 Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
logo
Maxim Integrated Produc...
MAX6841 MAXIM-MAX6841 Datasheet
180Kb / 9P
   Ultra-Low-Voltage uP Reset Circuits and Voltage Detectors
Rev 1; 2/03
logo
Torex Semiconductor
XC61C TOREX-XC61C Datasheet
892Kb / 19P
   Low Voltage Detectors
logo
Maxim Integrated Produc...
MAX6841 MAXIM-MAX6841_05 Datasheet
578Kb / 9P
   Ultra-Low-Voltage 關P Reset Circuits and Voltage Detectors
Rev 2; 12/05
MAX6461 MAXIM-MAX6461_05 Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and uP Supervisory Circuits
Rev 2; 12/05
MAX6464UK45 MAXIM-MAX6464UK45 Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and μP Supervisory Circuits
Rev 2; 12/05
MAX6464UK31 MAXIM-MAX6464UK31 Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and μP Supervisory Circuits
Rev 2; 12/05
MAX6375 MAXIM-MAX6375 Datasheet
145Kb / 7P
   3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors
Rev 2; 2/03
MAX6461 MAXIM-MAX6461 Datasheet
153Kb / 10P
   Ultra-Low-Power Voltage Detectors and UP Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com