Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PRM48JH480T250A02 Datasheet(PDF) 9 Page - Vicor Corporation

Part # PRM48JH480T250A02
Description  High Efficiency Converter
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PRM48JH480T250A02 Datasheet(HTML) 9 Page - Vicor Corporation

Back Button PRM48JH480T250A02 Datasheet HTML 5Page - Vicor Corporation PRM48JH480T250A02 Datasheet HTML 6Page - Vicor Corporation PRM48JH480T250A02 Datasheet HTML 7Page - Vicor Corporation PRM48JH480T250A02 Datasheet HTML 8Page - Vicor Corporation PRM48JH480T250A02 Datasheet HTML 9Page - Vicor Corporation PRM48JH480T250A02 Datasheet HTML 10Page - Vicor Corporation PRM48JH480T250A02 Datasheet HTML 11Page - Vicor Corporation PRM48JH480T250A02 Datasheet HTML 12Page - Vicor Corporation PRM48JH480T250A02 Datasheet HTML 13Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
Rev 1.1
vicorpower.com
PRMTM Regulator
Page 9 of 45
09/2015
800 927.9474
Line Dropout Characteristics
Specifications apply during a line dropout condition VIN from 30.0 V to 38.0 V , and trim from 20 V to 55 V, unless otherwise noted;
Boldface specifications apply over the temperature range of -40 ºC < TINT < 125ºC (T-grade).
Line Dropout Specifications
• After startup if VIN drops below VIN_DROPOUT_EN-, a 200 msec line dropout timer is enabled
• Operation is sustained down to 30.0 V with specified derating for duration of timer
• Line dropout timer is disabled and normal operation resumes when VIN recovers above VIN_DROPOUT_DIS+
• Powertrain shutdown is initiated if VIN does not recover to above VIN_DROPOUT_DIS+ before the timer expires or if Vin falls below VIN_UVLO-_SUPV
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
Line Dropout Timer
VIN_DROPOUT_EN-
Line dropout timer activated when input voltage
37.0
38.0
V
Enable Threshold
drops below this level
Line Dropout Timer
VIN_DROPOUT_DIS+
Line dropout timer disabled when input voltage
38.0
39.0
V
Disable Threshold
recovers above this level
Line Dropout Timer Duration
tDROPOUT
Powertrain shutdown after timer expires
190
200
ms
Line Dropout Minimum
VIN_DROPOUT_MIN
Minimum input voltage for sustained operation
30.0
V
Operating Voltage
Line Dropout Current Rating
%IDROPOUT
Percentage of rated current, linearly derated to 75%
-18.75 + 3.13 x VIN
%
between 38.0 V and 30.0 V, see Figure 42
Line Dropout Power Rating
%PDROPOUT
Percentage of rated current, linearly derated to 75%
-18.75 + 3.13 x VIN
%
between 38.0 V and 30.0 V, see Figure 42
PRM48JH480x250A02


Similar Part No. - PRM48JH480T250A02

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PRM48JH480T250A00 VICOR-PRM48JH480T250A00 Datasheet
2Mb / 44P
   High Efficiency Converter
More results

Similar Description - PRM48JH480T250A02

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PRM48AF480T400A00 VICOR-PRM48AF480T400A00_15 Datasheet
3Mb / 44P
   High Efficiency Converter
PRM48BF480T500A00 VICOR-PRM48BF480T500A00_15 Datasheet
3Mb / 44P
   High Efficiency Converter
PRM48BY480X500A00 VICOR-PRM48BY480X500A00 Datasheet
3Mb / 44P
   High Efficiency Converter
PRM48JH480T250A00 VICOR-PRM48JH480T250A00 Datasheet
2Mb / 44P
   High Efficiency Converter
PRM48BH480X250A00 VICOR-PRM48BH480X250A00 Datasheet
2Mb / 42P
   High Efficiency Converter
MPRM48NH480M250A00 VICOR-MPRM48NH480M250A00 Datasheet
3Mb / 44P
   High Efficiency Converter
PRM48AH480T200A00 VICOR-PRM48AH480T200A00_15 Datasheet
3Mb / 42P
   High Efficiency Converter
PRM48BH480T250A00 VICOR-PRM48BH480T250A00_15 Datasheet
2Mb / 42P
   High Efficiency Converter
PRM48JF480T500A00 VICOR-PRM48JF480T500A00 Datasheet
2Mb / 46P
   High Efficiency Converter
PRM48AY480X400A00 VICOR-PRM48AY480X400A00 Datasheet
3Mb / 44P
   High Efficiency Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com