Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PRM48BT480T500A00 Datasheet(PDF) 6 Page - Vicor Corporation

Part # PRM48BT480T500A00
Description  High Efficiency Converter
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PRM48BT480T500A00 Datasheet(HTML) 6 Page - Vicor Corporation

Back Button PRM48BT480T500A00 Datasheet HTML 2Page - Vicor Corporation PRM48BT480T500A00 Datasheet HTML 3Page - Vicor Corporation PRM48BT480T500A00 Datasheet HTML 4Page - Vicor Corporation PRM48BT480T500A00 Datasheet HTML 5Page - Vicor Corporation PRM48BT480T500A00 Datasheet HTML 6Page - Vicor Corporation PRM48BT480T500A00 Datasheet HTML 7Page - Vicor Corporation PRM48BT480T500A00 Datasheet HTML 8Page - Vicor Corporation PRM48BT480T500A00 Datasheet HTML 9Page - Vicor Corporation PRM48BT480T500A00 Datasheet HTML 10Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
Rev 1.4
PRMTM Regulator
Page 6 of 44
11/2015
vicorpower.com
800 927.9474
PRM48By480x500A00
Electrical Specifications
Specifications apply over all line and load conditions, and trim from 20.0 V to 55.0 V, unless otherwise noted; Boldface specifications apply over the
temperature range of -40ºC < TINT < 125ºC; All Other specifications are at TINT = 25ºC unless otherwise noted.
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
Power Input Specification
Input Voltage Range
VIN
Continuous, operating
38.0
48.0
55.0
V
VIN Slew Rate
dVIN /dt
0
≤ V
IN
≤ 55.0 V
0.001
1000
V/ms
Initialization Voltage
VINIT
Internal micro controller initialization voltage
10
V
Initialization Delay
tINIT
From VIN first crossing VINIT
5.0
7.0
9.0
ms
No Load Power Dissipation
PNL
ENABLE HIGH, VIN = 48.0 V
2.4
3.5
W
Input Quiescent Current
IQC
ENABLE LOW, VIN = 48.0 V
14.5
20.0
mA
Input Current
IIN_DC
IOUT = 10.42 A, VIN = 48.0 V, VOUT = 48.0 V
10.7
11.0
A
Input Capacitance (Internal)
CIN_INT
Effective value, VIN = 48.0 V (see Fig. 13)6
µF
Input Capacitance (Internal) ESR
RCIN
Effective value, VIN = 48.0 V
1.5
m
Power Output Specification
Rated Output Current
IOUT
Standalone and Master Operation, see Figure 1, SOA
10.42
A
Rated Output Power
POUT
Standalone and Master Operation, see Figure 1, SOA
500
W
VIN = 48.0 V VOUT = 48.0 V,
Switching Frequency
FSW
IOUT = 5.21 A, TINT = 25°C
0.94
1.03
1.07
MHz
Over line, load, trim and temperature,
0.70
1.07
MHz
exclusive of burst mode
From VIN first crossing VIN_UVLO+_SUPV
20
µs
Output Turn-ON Delay
tON
to ENABLE high; tINIT expired
From ENABLE pin release to ENABLE high, VIN applied, tOFF expired
20
µs
Start up Sequence Timeout
tSTARTUP_SEQ From ENABLE high to start up sequence complete
17
ms
VIN = 48.0 V, VOUT = 48.0 V, IOUT = 10.42 A, TINT = 25°C
96.3
97.8
%
VIN = 48.0 V, VOUT = 48.0 V, IOUT = 5.21 A, TINT = 25°C
96.0
97.3
%
Efficiency Ambient
η
AMB
VIN = 38.0 V to 55.0 V,
96.0
%
VOUT = 48.0 V, IOUT = 10.42 A, TINT = 25°C
VIN = 38.0 V to 55.0 V,
IOUT = 10.42 A, TINT = 25°C, over trim
93.5
%
VIN = 48.0 V, VOUT = 48.0 V,
IOUT = 10.42 A, TINT = 100°C
96.3
97.3
%
VIN = 48.0 V, VOUT = 48.0 V,
IOUT = 5.21 A, TINT = 100°C
96.0
97.0
%
Efficiency Hot
η
HOT
VIN = 38.0 V to 55.0 V , VOUT = 48.0 V,
IOUT = 10.42 A, TINT = 100°C
96.0
%
VIN = 38.0 V to 55.0 V , IOUT = 10.42 A,
TINT = 100°C, over trim
93.0
%
Efficiency Over Temperature
η
>50% load and VOUT = 48.0 V; over temperature
95.5
%
>50% load; over temperature and trim
91.0
%
Output Discharge current
IOD
Average Value
0.5
mA
Output Voltage Ripple
VOUT_PP
VIN = 48.0 V, VOUT = 48.0 V,
IOUT = 10.42 A, COUT_EXT = 0 F, 20 MHz BW
750
1500
mV
Output Inductance (Parasitic)
LOUT_PAR
Frequency @ 1.03 MHz, Simulated J-Lead model
1.9
nH
Output Capacitance (Internal)
COUT_INT
Effective value, VOUT = 48.0 V (see Fig.13)6
µF
Output Capacitance (Internal) ESR
RCOUT
Effective value, VOUT = 48.0 V
1.5
m


Similar Part No. - PRM48BT480T500A00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PRM48BT480T500A00 VICOR-PRM48BT480T500A00 Datasheet
1Mb / 45P
   PRM??Regulator
PRM48BT480T500A00 VICOR-PRM48BT480T500A00 Datasheet
3Mb / 44P
   High Efficiency Converter
More results

Similar Description - PRM48BT480T500A00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PRM48AF480T400A00 VICOR-PRM48AF480T400A00_15 Datasheet
3Mb / 44P
   High Efficiency Converter
PRM48BY480X500A00 VICOR-PRM48BY480X500A00 Datasheet
3Mb / 44P
   High Efficiency Converter
PRM48JH480T250A00 VICOR-PRM48JH480T250A00 Datasheet
2Mb / 44P
   High Efficiency Converter
PRM48BH480X250A00 VICOR-PRM48BH480X250A00 Datasheet
2Mb / 42P
   High Efficiency Converter
MPRM48NH480M250A00 VICOR-MPRM48NH480M250A00 Datasheet
3Mb / 44P
   High Efficiency Converter
PRM48AH480T200A00 VICOR-PRM48AH480T200A00_15 Datasheet
3Mb / 42P
   High Efficiency Converter
PRM48BH480T250A00 VICOR-PRM48BH480T250A00_15 Datasheet
2Mb / 42P
   High Efficiency Converter
PRM48JF480T500A00 VICOR-PRM48JF480T500A00 Datasheet
2Mb / 46P
   High Efficiency Converter
PRM48JH480X250A02 VICOR-PRM48JH480X250A02 Datasheet
4Mb / 45P
   High Efficiency Converter
PRM48AY480X400A00 VICOR-PRM48AY480X400A00 Datasheet
3Mb / 44P
   High Efficiency Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com