Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PRM48BT480T500A00 Datasheet(PDF) 4 Page - Vicor Corporation

Part # PRM48BT480T500A00
Description  High Efficiency Converter
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PRM48BT480T500A00 Datasheet(HTML) 4 Page - Vicor Corporation

  PRM48BT480T500A00 Datasheet HTML 1Page - Vicor Corporation PRM48BT480T500A00 Datasheet HTML 2Page - Vicor Corporation PRM48BT480T500A00 Datasheet HTML 3Page - Vicor Corporation PRM48BT480T500A00 Datasheet HTML 4Page - Vicor Corporation PRM48BT480T500A00 Datasheet HTML 5Page - Vicor Corporation PRM48BT480T500A00 Datasheet HTML 6Page - Vicor Corporation PRM48BT480T500A00 Datasheet HTML 7Page - Vicor Corporation PRM48BT480T500A00 Datasheet HTML 8Page - Vicor Corporation PRM48BT480T500A00 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
Rev 1.4
PRMTM Regulator
Page 4 of 44
11/2015
vicorpower.com
800 927.9474
PRM48By480x500A00
Pin
Number
Signal Name
Type
Function
SHARE
A1, A2
(Adaptive Loop / Slave Operation)
BIDIR
Parallel sharing control bus for master-slave configuration.
CONTROL NODE
Modulator control node input. Driven by external error amplifier in Remote Sense
(Remote Sense Operation)
INPUT
Operation.
A3, A4
VT
INPUT
VTM TM input for temperature compensation. Leave disconnected for Remote Sense
(Adaptive Loop Operation)
Operation.
B1, B2
ENABLE
BIDIR
Enables power supply when allowed to float high. 5 V during normal operation.
B3, B4
VAUX
OUTPUT
9 V auxiliary bias voltage.
C1, C2
TRIM
INPUT
Selects operating mode. Adjusts output voltage in Adaptive Loop Operation.
C3, C4
IFB
INPUT
Current sense input for current limit and overcurrent protection in Remote Sense Operation.
(Remote Sense Operation)
Leave disconnected for Adaptive Loop Operation.
D1, D2
NC
n/a
Do not connect this pin.
D3, D4
SGND
INPUT
Signal ground, reference for analog controls. Kelvin connected internally to –IN and –OUT.
E1, E2
NC
n/a
Do not connect this pin.
REF
E3, E4
(Adaptive Loop Operation)
OUTPUT
Reference voltage for internal error amplifier in Adaptive Loop Operation.
REF_EN
(Remote Sense Operation)
OUTPUT
Powers and enables external control circuit voltage reference in Remote Sense Operation.
F1, F2
AL
INPUT
Adaptive loop gain control. Sets the magnitude of the Adaptive Loop load line in Adaptive
(Adaptive Loop Operation)
Loop Operation. Leave disconnected for Remote Sense Operation.
F3, F4
VC
OUTPUT
Bias voltage to power VTM module during start up
G1,G2
+IN
INPUT
Positive input power terminal
POWER
G3,G4
+OUT
OUTPUT
Positive output power terminal
POWER
H1,H2
-IN
INPUT
Negative input power terminal. Connected internally to -OUT.
POWER RETURN
H3,H4
-OUT
OUTPUT
Negative output power terminal. Connected internally to -IN.
POWER RETURN
Pin Descriptions


Similar Part No. - PRM48BT480T500A00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PRM48BT480T500A00 VICOR-PRM48BT480T500A00 Datasheet
1Mb / 45P
   PRM??Regulator
PRM48BT480T500A00 VICOR-PRM48BT480T500A00 Datasheet
3Mb / 44P
   High Efficiency Converter
More results

Similar Description - PRM48BT480T500A00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PRM48AF480T400A00 VICOR-PRM48AF480T400A00_15 Datasheet
3Mb / 44P
   High Efficiency Converter
PRM48BY480X500A00 VICOR-PRM48BY480X500A00 Datasheet
3Mb / 44P
   High Efficiency Converter
PRM48JH480T250A00 VICOR-PRM48JH480T250A00 Datasheet
2Mb / 44P
   High Efficiency Converter
PRM48BH480X250A00 VICOR-PRM48BH480X250A00 Datasheet
2Mb / 42P
   High Efficiency Converter
MPRM48NH480M250A00 VICOR-MPRM48NH480M250A00 Datasheet
3Mb / 44P
   High Efficiency Converter
PRM48AH480T200A00 VICOR-PRM48AH480T200A00_15 Datasheet
3Mb / 42P
   High Efficiency Converter
PRM48BH480T250A00 VICOR-PRM48BH480T250A00_15 Datasheet
2Mb / 42P
   High Efficiency Converter
PRM48JF480T500A00 VICOR-PRM48JF480T500A00 Datasheet
2Mb / 46P
   High Efficiency Converter
PRM48JH480X250A02 VICOR-PRM48JH480X250A02 Datasheet
4Mb / 45P
   High Efficiency Converter
PRM48AY480X400A00 VICOR-PRM48AY480X400A00 Datasheet
3Mb / 44P
   High Efficiency Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com