Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PRM48BF480T500A00 Datasheet(PDF) 10 Page - Vicor Corporation

Part # PRM48BF480T500A00
Description  High Efficiency Converter
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PRM48BF480T500A00 Datasheet(HTML) 10 Page - Vicor Corporation

Back Button PRM48BF480T500A00_15 Datasheet HTML 6Page - Vicor Corporation PRM48BF480T500A00_15 Datasheet HTML 7Page - Vicor Corporation PRM48BF480T500A00_15 Datasheet HTML 8Page - Vicor Corporation PRM48BF480T500A00_15 Datasheet HTML 9Page - Vicor Corporation PRM48BF480T500A00_15 Datasheet HTML 10Page - Vicor Corporation PRM48BF480T500A00_15 Datasheet HTML 11Page - Vicor Corporation PRM48BF480T500A00_15 Datasheet HTML 12Page - Vicor Corporation PRM48BF480T500A00_15 Datasheet HTML 13Page - Vicor Corporation PRM48BF480T500A00_15 Datasheet HTML 14Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
Rev 1.4
PRMTM Regulator
Page 10 of 44
11/2015
vicorpower.com
800 927.9474
PRM48By480x500A00
ENABLE
• The ENABLE pin enables and disables the PRM
• In PRM array configurations, ENABLE pins should be connected in order to synchronize start up
• ENABLE is 5 V with 1.8 mA source capability during normal operation
Signal Type
State
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
Normal
ENABLE Voltage
VENABLE
4.7
5.0
5.3
V
Analog Output
Operation
ENABLE Current
IENABLE_OP
1.8
mA
Start up
ENABLE Source Current
IENABLE_EN
After tOFF
90
µA
Minimum Time to Start
tOFF
13.0
15.0
17.0
ms
Start up
ENABLE
VENABLE_EN
2.5
3.2
V
Enable Threshold
ENABLE
VENABLE_DIS
0.97
2.40
V
Digital Input / Output
Standby
Disable Threshold
ENABLE
RENABLE_EXT
Resistance to SGND required
235
Resistance (External)
to disable the PRM
Digital Output
Fault
ENABLE
IENABLE_FAULT
ENABLE voltage 1 V or above
4
mA
Sink Current to SGND
Signal Specifications
Specifications apply over all line and load conditions, TINT = 25ºC and output voltage from 20.0 V to 55.0 V, unless otherwise noted.
Boldface specifications apply over the temperature range of -40ºC < TINT < 125ºC (T-grade).
VAUX: Auxillary Voltage Source
• Intended to power auxiliary circuits
• 9 V during normal operation with 5 mA source capability
Signal Type
State
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
VAUX Voltage
VVAUX
8.6
9.0
9.5
V
Normal
VAUX Current
IVAUX
5
mA
Operation
IOUT = 0A, CVAUX_EXT = 0. Maximum
VAUX Voltage Ripple
VVAUX_PP
specification includes powertrain
100
400
mV
Analog Output
operation in burst mode.
VAUX Capacitance
CVAUX_EXT
0.04
µF
Transition
(External)
VAUX Fault Response
tFR_VAUX
From fault recognition to
30
µs
Time
VAUX = 1.5 V
VC: VTM Control
• Pulsed voltage source used to power and synchronize downstream VTM during start up
• 14 V, 10 ms typical voltage pulse
Signal Type
State
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
VC Voltage
VVC_START
Connected to VTM VC or equivalent,
13
14
18
V
IVC = 115 mA, CVC = 3.2 uF
Analog Output
Start up
VC Available Current
IVC_START
VC = 14 V, VIN > 20 V
200
mA
VC Duration
tVC
7
10
16
ms
VC Slew Rate
dVC/dt
Connected to VTM or equivalent,
IVC = 115 mA, CVC = 3.2 uF
0.02
0.25
V/µs
ENABLE to VC Delay
tENABLE-VC
20
µs


Similar Part No. - PRM48BF480T500A00_15

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PRM48BF480T500A00 VICOR-PRM48BF480T500A00 Datasheet
1Mb / 45P
   PRM??Regulator
PRM48BF480T500A00 VICOR-PRM48BF480T500A00 Datasheet
3Mb / 44P
   High Efficiency Converter
More results

Similar Description - PRM48BF480T500A00_15

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PRM48AF480T400A00 VICOR-PRM48AF480T400A00_15 Datasheet
3Mb / 44P
   High Efficiency Converter
PRM48BY480X500A00 VICOR-PRM48BY480X500A00 Datasheet
3Mb / 44P
   High Efficiency Converter
PRM48JH480T250A00 VICOR-PRM48JH480T250A00 Datasheet
2Mb / 44P
   High Efficiency Converter
PRM48BH480X250A00 VICOR-PRM48BH480X250A00 Datasheet
2Mb / 42P
   High Efficiency Converter
MPRM48NH480M250A00 VICOR-MPRM48NH480M250A00 Datasheet
3Mb / 44P
   High Efficiency Converter
PRM48AH480T200A00 VICOR-PRM48AH480T200A00_15 Datasheet
3Mb / 42P
   High Efficiency Converter
PRM48BH480T250A00 VICOR-PRM48BH480T250A00_15 Datasheet
2Mb / 42P
   High Efficiency Converter
PRM48JF480T500A00 VICOR-PRM48JF480T500A00 Datasheet
2Mb / 46P
   High Efficiency Converter
PRM48JH480X250A02 VICOR-PRM48JH480X250A02 Datasheet
4Mb / 45P
   High Efficiency Converter
PRM48AY480X400A00 VICOR-PRM48AY480X400A00 Datasheet
3Mb / 44P
   High Efficiency Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com