Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NBM6123X60E12A7M00 Datasheet(PDF) 7 Page - Vicor Corporation

Part # NBM6123X60E12A7M00
Description  Non-Isolated, Fixed Ratio DC-DC Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

NBM6123X60E12A7M00 Datasheet(HTML) 7 Page - Vicor Corporation

Back Button NBM6123X60E12A7M00 Datasheet HTML 3Page - Vicor Corporation NBM6123X60E12A7M00 Datasheet HTML 4Page - Vicor Corporation NBM6123X60E12A7M00 Datasheet HTML 5Page - Vicor Corporation NBM6123X60E12A7M00 Datasheet HTML 6Page - Vicor Corporation NBM6123X60E12A7M00 Datasheet HTML 7Page - Vicor Corporation NBM6123X60E12A7M00 Datasheet HTML 8Page - Vicor Corporation NBM6123X60E12A7M00 Datasheet HTML 9Page - Vicor Corporation NBM6123X60E12A7M00 Datasheet HTML 10Page - Vicor Corporation NBM6123X60E12A7M00 Datasheet HTML 11Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
NBM™ Bus Converter
Rev 1.1
vicorpower.com
Page 7 of 26
09/2015
800 927.9474
NBM6123x60E12A7yzz
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
General Powetrain SECONDARY to PRIMARY Specification (Reverse Direction)
Secondary Input Voltage range,
continuous
VSEC_DC
7.2
12.0
V
SEC to PRI No Load Power
Dissipation
PSEC_NL
VSEC_DC = 10.8 V, TINTERNAL = 25ºC
10
12
W
VSEC_DC = 10.8 V
8.0
19
VSEC_DC = 7.2 V to 12.0 V, TINTERNAL = 25ºC
14
VSEC_DC = 7.2 V to 12.0 V
22
DC Secondary Input Current
ISEC_IN_DC
At IPRI_DC = 34 A, TINTERNAL ≤ 100ºC
172
A
Primary Ouptut Power (continuous)
PPRI_OUT_DC
Specified at VSEC_DC = 12.0 V
2000
W
Primary Output Power (pulsed)
PPRI_OUT_PULSE
Specified at VSEC_DC = 12.0 V; 10 ms pulse,
25% Duty cycle, PPRI_AVG = 50% rated PPRI_OUT_DC
2400
W
Primary Output Current (continuous)
IPRI_OUT_DC
34
A
Primary Output Current (pulsed)
IPRI_OUT_PULSE
10 ms pulse, 25% Duty cycle,
IPRI_OUT_AVG = 50% rated IPRI_OUT_DC
40.8
A
SEC to PRI Efficiency (ambient)
ηAMB
VSEC_DC = 10.8 V, IPRI_OUT_DC = 34 A
96.1
97.1
%
VSEC_DC = 7.2 V to 12.0 V, IPRI_OUT_DC= 34 A
94.9
VSEC_DC = 10.8 V, IPRI_OUT_DC = 17 A
97.3
98
SEC to PRI Efficiency (hot)
ηHOT
VSEC_DC = 10.8 V, IPRI_OUT_DC = 34 A
96.3
97
%
SEC to PRI Efficiency (over load
range)
η20%
6.80 A < IPRI_OUT_DC < 34 A
90
%
SEC to PRI Output Resistance
RPRI_COLD
VSEC_DC = 10.8 V, IPRI_OUT_DC = 34 A, TINTERNAL = -40°C
22
30
38
RPRI_AMB
VSEC_DC = 10.8 V, IPRI_OUT_DC = 34 A
28
42
56
RPRI_HOT
VSEC_DC = 10.8 V, IPRI_OUT_DC = 34 A, TINTERNAL = 100°C
36
45
54
Primary Output Voltage Ripple
VPRI_OUT_PP
CPRI_OUT_EXT = 0
µF, IPRI_OUT_DC = 34 A,
VSEC_DC = 10.8 V, 20 MHz BW
625
mV
TINTERNAL ≤ 100ºC
1500
Electrical Specifications (Cont.)
Specifications apply over all line and load conditions, unless otherwise noted;
Boldface specifications apply over the temperature range of -40°C ≤ TINTERNAL
≤ 125°C (T-Grade); All other specifications are at TINTERNAL = 25ºC unless otherwise noted.


Similar Part No. - NBM6123X60E12A7M00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
NBM6123X60E12A7YZZ VICOR-NBM6123X60E12A7YZZ Datasheet
912Kb / 26P
   Non-Isolated, Fixed Ratio DC-DC Converter
More results

Similar Description - NBM6123X60E12A7M00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
NBM3814X60E12A7YZZ VICOR-NBM3814X60E12A7YZZ Datasheet
900Kb / 23P
   Non-Isolated, Fixed-Ratio DC-DC Converter
NBM2317S60E1560T0R VICOR-NBM2317S60E1560T0R Datasheet
932Kb / 31P
   Non-Isolated, Fixed Ratio DC-DC Converter
NBM6123X60E12A7YZZ VICOR-NBM6123X60E12A7YZZ Datasheet
912Kb / 26P
   Non-Isolated, Fixed Ratio DC-DC Converter
NBM6123T46C15A6T0R VICOR-NBM6123T46C15A6T0R Datasheet
2Mb / 26P
   Non-Isolated, Fixed Ratio DC-DC Converter
NBM3814X46C15A6YZZ VICOR-NBM3814X46C15A6YZZ Datasheet
916Kb / 23P
   Non-Isolated, Fixed-Ratio DC-DC Converter
NBM3814B60E12A7C00 VICOR-NBM3814B60E12A7C00 Datasheet
900Kb / 23P
   Non-Isolated, Fixed-Ratio DC-DC Converter
NBM3814B46C15A6C00 VICOR-NBM3814B46C15A6C00 Datasheet
916Kb / 23P
   Non-Isolated, Fixed-Ratio DC-DC Converter
NBM6123X46C15A6YZZ VICOR-NBM6123X46C15A6YZZ Datasheet
875Kb / 26P
   Non-Isolated, Fixed Ratio DC-DC Converter
BCM48BX096Y240A00 VICOR-BCM48BX096Y240A00 Datasheet
738Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM48BX240Y300A00 VICOR-BCM48BX240Y300A00 Datasheet
782Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com