Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B020-U08-19-IP Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # B020-U08-19-IP
Description  NetDirector 8-Port 1U Rack-Mount Console KVM Switch with 19-in. LCD and IP Remote Access
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B020-U08-19-IP Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  B020-U08-19-IP Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B020-U08-19-IP Datasheet HTML 2Page - Tripp Lite. All Rights Reserved B020-U08-19-IP Datasheet HTML 3Page - Tripp Lite. All Rights Reserved B020-U08-19-IP Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Remote access offers convenience of controlling servers from anywhere…no need to travel to the server room
or network closet
Supports both IPv4 and IPv6 and network interfaces TCP/IP, HTTP, HTTPS, RADIUS, DHCP, SSL, ARP,
DNS, 10Base-T/100Base-TX, Auto Sense and Ping
Simplifies IT Tasks
Switch easily between the 8 ports via on-console buttons, on-screen display or hot keys; OSD can be set to
English, Spanish, French, German or Japanese
Panel array mode lets you monitor multiple ports at same time
Supports RADIUS and LDAP/S authentication
Auto-scan mode automatically sequences through all active ports accessible to the user
Includes USB port for an external mouse and a USB 1.1 port for sharing a peripheral across the installation
Log server tracks events on your installation
Large 19” LCD
Extra-wide display makes multitasking easier
Supports video resolutions up to 1280 x 1024; remote monitor resolutions up to 1600 x 1200
DDC emulation allows for optimal output to the LCD
Advanced Security Features
Includes password protection and advanced encryption: 512-bit RSA, 256-bit AES, 56-bit DES, 168-bit 3DES, 128-bit RC4 and 128-bit SSL
Allows up to 64 user accounts, with 3 levels of access
Expandability and Long-Lasting Reliability
Compatible with all major operating systems for easy integration into existing structure
Firmware is upgradable so your software remains up-to-date
Heavy-duty steel housing stands up to frequent use
Specifications
OVERVIEW
Users
1
Max CPU
8
INPUT
Nominal Input Voltage(s) Supported
100V AC; 110V AC; 115V AC; 120V AC; 127V AC; 140V AC; 200V AC; 208V AC; 220V AC; 230V AC; 240V AC
Recommended Electrical Service
100-250V
Maximum Input Amps
1
Input Frequency
50/60Hz
Input Current
120V (0.8A) / 230V (0.4A)
KVM switch with 19” LCD and
built-in IP access
(x2) P778-Series 6 ft. USB/PS2
combo KVM Cable Kits
USB/PS2 combo external
console Cable Kit
Grounding wire
RJ11 to DB9 firmware upgrade
cable
Rackmount hardware
C13 to 5-15P power cord
CD with owner’s manual, quick
start guide, and device files
2 / 4


Similar Part No. - B020-U08-19-IP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B020-U08-19-K ETC2-B020-U08-19-K Datasheet
523Kb / 5P
   8-Port NetDirector 1U Rackmount Console KVM Switch w/19" LCD 8 PS2/USB Combo Cables
logo
Tripp Lite. All Rights ...
B020-U08-19-K TRIPPLITE-B020-U08-19-K Datasheet
175Kb / 4P
   NetDirector 8-Port 1U Rack-Mount Console KVM Switch with 19-in. LCD 8 PS2/USB Combo Cables
More results

Similar Description - B020-U08-19-IP

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B020U0819IP TRIPPLITE-B020U0819IP Datasheet
522Kb / 3P
   NetDirector 8-Port 1U Rack-Mount Console IP KVM Switch w-19-in. LCD
B020-016-17-IP TRIPPLITE-B020-016-17-IP Datasheet
174Kb / 4P
   NetDirector 16-Port 1U Rack-Mount Console KVM Switch with 17-in. LCD and IP Remote Access
B02001617IP TRIPPLITE-B02001617IP Datasheet
509Kb / 3P
   NetDirector 16-Port 1U Rack-Mount Console KVM Switch w-17-in. LCD and IP Remote Access
B030-008-17-IP TRIPPLITE-B030-008-17-IP Datasheet
185Kb / 4P
   NetDirector 8-Port 1U Rack-Mount Console HDMI KVM Switch with 17 in. LCD and IP Remote Access, Dual Rail
B020-U16-19-IP TRIPPLITE-B020-U16-19-IP Datasheet
526Kb / 4P
   NetDirector 16-Port 1U Rack-Mount Console IP KVM Switch w/19 in. LCD
B030-DP08-17DIP TRIPPLITE-B030-DP08-17DIP Datasheet
90Kb / 4P
   NetDirector 8-Port DisplayPort KVM Switch Console with 17 in. LCD, IP Remote Access, Dual Rail, 1U Rack-Mount
B070-008-19-IP TRIPPLITE-B070-008-19-IP Datasheet
516Kb / 4P
   NetCommander 8-Port Cat5 1U Rack-Mount 1plus1 User Console KVM Switch with 19-in. LCD and IP Remote Access
B030-DP16-17DIP TRIPPLITE-B030-DP16-17DIP Datasheet
90Kb / 4P
   NetDirector 16-Port DisplayPort KVM Switch Console with 17 in. LCD, IP Remote Access, Dual Rail, 1U Rack-Mount
logo
List of Unclassifed Man...
B020-016-17-IP ETC2-B020-016-17-IP Datasheet
516Kb / 5P
   16-Port NetDirector 1U Rackmount Console KVM Switch w/17" LCD and IP Remote Access
logo
Tripp Lite. All Rights ...
B020-008-17 TRIPPLITE-B020-008-17 Datasheet
510Kb / 3P
   NetDirector 8-Port 1U Rack-Mount Console KVM Switch with 17-in. LCD
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com