Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HX05-P Datasheet(PDF) 2 Page - LEM

Part # HX05-P
Description  Current Transducer HX 03~50-P
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HX05-P Datasheet(HTML) 2 Page - LEM

  HX05-P Datasheet HTML 1Page - LEM HX05-P Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HX 03 .. 50-P (in mm)
Specifications subject to change without notice.
0
3
19 Max.
1
2
3
4
+V
OUT
6
5
Terminal Pin Identification
1.....-15V
2.....0V
3.....+15V
4.....Output
5.....Primary input Current(+)
6.....Primary input Current(-)
8.8
5.4
-V or 0
0
HX 50-P
3
8.8
5.4
1.2
3
19 Max.
1
2
3
4
+V
OUT
5
-V or 0
0
3
10.85
d
10.85
6
HX
d
03-P 05-P 10-P 15-P 20-P 25-P 50-P
0.6
0.8
1.1
1.4
1.6
1.6
1.2x6.3
Primary conductor diameter
Secondary pins dimension
0.5x0.25
Top view
Lot No.
HX 05-P
41123
HX 03...25-P
/ dimension


Similar Part No. - HX05-P

ManufacturerPart #DatasheetDescription
logo
LEM
HX05-P LEM-HX05-P Datasheet
62Kb / 2P
   Current Transducer HX 03~50-P/SP2
HX05-P LEM-HX05-P Datasheet
660Kb / 2P
   Current Transducer
HX05-P LEM-HX05-P Datasheet
660Kb / 2P
   Current Transducer
HX05-P LEM-HX05-P Datasheet
432Kb / 3P
   Current Transducer
HX05-P/SP2 LEM-HX05-P/SP2 Datasheet
62Kb / 2P
   Current Transducer HX 03~50-P/SP2
More results

Similar Description - HX05-P

ManufacturerPart #DatasheetDescription
logo
LEM
HX-03-P LEM-HX-03-P Datasheet
432Kb / 3P
   Current Transducer HX 03..50-P
HX-05-P LEM-HX-05-P Datasheet
432Kb / 3P
   Current Transducer HX 03..50-P
HX-20-P LEM-HX-20-P Datasheet
432Kb / 3P
   Current Transducer HX 03..50-P
HX05-P LEM-HX05-P Datasheet
62Kb / 2P
   Current Transducer HX 03~50-P/SP2
HX05-NP LEM-HX05-NP Datasheet
149Kb / 2P
   Current Transducer HX 05~10-NP
HY50-P LEM-HY50-P Datasheet
130Kb / 2P
   Current Transducer HY 50-P
LAH50-P LEM-LAH50-P Datasheet
219Kb / 2P
   Current Transducer LAH 50-P
LA03-PB LEM-LA03-PB Datasheet
24Kb / 2P
   Current Transducer LA 03~20-PB
HTY50-P LEM-HTY50-P Datasheet
118Kb / 2P
   Current Transducer HTY 50~100-P
HTB-100-TP LEM-HTB-100-TP Datasheet
551Kb / 3P
   Current Transducer HTB 50 .. 400 - P and HTB 50 .. 100 - TP
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com