Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT7M6126CHC4E Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PT7M6126CHC4E
Description  Low Power Voltage Detector
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7M6126CHC4E Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PT7M6126CHC4E Datasheet HTML 1Page - Pericom Semiconductor Corporation PT7M6126CHC4E Datasheet HTML 2Page - Pericom Semiconductor Corporation PT7M6126CHC4E Datasheet HTML 3Page - Pericom Semiconductor Corporation PT7M6126CHC4E Datasheet HTML 4Page - Pericom Semiconductor Corporation PT7M6126CHC4E Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7M6126CHC4E Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7M6126CHC4E Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7M6126CHC4E Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7M6126CHC4E Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
Low Power Voltage Detector
2015-12-0005
PT0181-15
01/18/16
1
PT7M6118-6150 CL/CH /NL
Features
 Highly accurate: 1.5% (25°C)
 Low power consumption: 1μA @ 3.6V Vcc
 Detect voltage range: 1.8 to 5V in 100mV
increments
 Operating voltage range: 1.2V ~ 5.5V
 Operating temperature range: -40°C to + 85°C
 Detect voltage accuracy over temperature: 2.5%
 Typ
 Output configuration: N-channel open drain or
CMOS
Description
The PT7M61xx serials of ultra-low-power voltage
detectors monitor battery, power-supply and system
voltages. Each circuit includes a precision bandgap
reference, a comparator, internally trimmed resistor
networks that set specified trip thresholds, and an
internal 1% and 5% threshold hysteresis circuit. Output
is asserted when VCC falls below the internal VTH- and
remains asserted until VCC rises above VTH+ (VTH+ =
VTH-×1.05). These devices provide excellent circuit
reliability and low cost by eliminating external
components and adjustments when monitoring nominal
system voltages from +1.8V to +5V in 100mV
increments. The series are voltage detectors with a
propagation delay of 17µs.
The family is available with three output stage options:
push-pull with active-low output, push-pull with
active- high output, and open drain with active-low
output. These devices specified over the -40°C to
+85°C temperature range.
Pin Configuration


Similar Part No. - PT7M6126CHC4E

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7M6101 PERICOM-PT7M6101 Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
PT7M6101CH PERICOM-PT7M6101CH Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
PT7M6101CHC4E PERICOM-PT7M6101CHC4E Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
PT7M6101CHNE PERICOM-PT7M6101CHNE Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
PT7M6101CHTAE PERICOM-PT7M6101CHTAE Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
More results

Similar Description - PT7M6126CHC4E

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7M6418 PERICOM-PT7M6418 Datasheet
393Kb / 12P
   Low Power Voltage Detector
logo
Shenzhen Huazhimei Semi...
HM70XX HMSEMI-HM70XX Datasheet
1Mb / 11P
   Low Power Voltage Detector
HM61XX HMSEMI-HM61XX Datasheet
1Mb / 12P
   Low Power Voltage Detector
logo
STMicroelectronics
STM1061 STMICROELECTRONICS-STM1061 Datasheet
289Kb / 21P
   Low Power Voltage Detector
STM1061 STMICROELECTRONICS-STM1061_06 Datasheet
193Kb / 23P
   Low Power Voltage Detector
logo
Asahi Kasei Microsystem...
AP4400A AKM-AP4400A Datasheet
490Kb / 12P
   Ultra Low Power Voltage Detector
logo
Silicon Standard Corp.
SS6680 SSC-SS6680 Datasheet
570Kb / 10P
   Ultra Low Power Voltage Detector
logo
Catalyst Semiconductor
CAT808 CATALYST-CAT808 Datasheet
193Kb / 8P
   Low-Power Precision Voltage Detector
logo
Asahi Kasei Microsystem...
AP4400AEC AKM-AP4400AEC Datasheet
363Kb / 11P
   Ultra Low Power Voltage Detector
logo
HuaXinAn Electronics CO...
AP4400A HUAXINAN-AP4400A Datasheet
493Kb / 12P
   Ultra Low Power Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com